Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN61000-4-3 Datasheet(PDF) 2 Page - General Semiconductor

Part # EN61000-4-3
Description  CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

EN61000-4-3 Datasheet(HTML) 2 Page - General Semiconductor

  EN61000-4-3 Datasheet HTML 1Page - General Semiconductor EN61000-4-3 Datasheet HTML 2Page - General Semiconductor EN61000-4-3 Datasheet HTML 3Page - General Semiconductor EN61000-4-3 Datasheet HTML 4Page - General Semiconductor EN61000-4-3 Datasheet HTML 5Page - General Semiconductor EN61000-4-3 Datasheet HTML 6Page - General Semiconductor EN61000-4-3 Datasheet HTML 7Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
GE Energy
CAR2512FP series rectifier
Input: 90Vac to 264Vac; Output: 12 Vdc @ 208A; 3.3Vdc or 5 Vdc @ 1A
July 18, 2012
©2012 General Electric Company. All rights reserved.
Page 2
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings only, functional
operation of the device is not implied at these or any other conditions in excess of those given in the operations sections of the data sheet.
Exposure to absolute maximum ratings for extended periods can adversely affect the device reliability.
Parameter
Device
Symbol
Min
Max
Unit
Input Voltage: Continuous
All
VIN
0
264
Vac
Operating Ambient Temperature
All
TA
-10
701
°C
Storage Temperature
All
Tstg
-40
85
°C
I/O Isolation voltage to Frame (100% factory Hi-Pot tested)
All
1500
Vac
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, load, and temperature conditions.
INPUT
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operational Range
All
VIN
90
110/230
264
Vac
Frequency Range
(ETSI 300-132-1 recommendation)
All
FIN
47
50/60
63
Hz
Main Output Turn_OFF
All
VIN
80
Vac
Maximum Input Current
VIN= 100Vac
All
IIN
14.3
16
Aac
(VO= VO, set, IO=IO, max)
VIN= 180Vac
Cold Start Inrush Current
All
IIN
40
Apeak
(Excluding x-caps, 25C, <10ms, per ETSI 300-132)
Efficiency
100% load
All
91.6
92.5
90
%
(Tamb=25C, Vin = 230V, Vout= 12V, IO, max)
50% load
20% load
Power Factor
(Vin=230Vac, IO=IO, max)
All
PF
0.99
Holdup time2
Vin= 230Vac
(Vout= 12Vdc, Tamb 25C, IO=IO, max)
Vin= 100Vac
All
T
12
15
ms
Early warning prior to output falling below regulation
All
2
ms
Ride through
All
T
10
ms
Leakage Current
(Vin= 250Vac, Fin = 60Hz)
All
IIN
3
mArms
Isolation
Input/Output
All
3000
Vac
Input/Frame
1500
Vac
Output/Frame
100
Vdc
12Vdc MAIN OUTPUT
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Power
HL / LL [180 – 264 / 90-132 Vac] Vdc ≥ 12Vdc
All
W
0
-
2500/1200
W
Vdc = 10.8Vdc
0
-
2246/1078
W
Set point
All
V
out
11.9
12.00
12.1
Vdc
Overall regulation (load, temperature, aging)
All
-3
+3
%
Ripple and noise3
All
120
mV
p-p
Turn-ON overshoot
All
+3
%
Turn-ON delay
All
T
2
sec
1
Derated above 50C at 2.5%/C
2
12V output can decay down to 10.8V
3
Measured across a 10µf electrolytic and a 0.1µf ceramic capacitors in parallel. 20MHz bandwidth


Similar Part No. - EN61000-4-3

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
EN61000-4-3 DELTA-EN61000-4-3 Datasheet
930Kb / 10P
   Panel Mount Power Supply 5V 35W 1Phase
logo
List of Unclassifed Man...
EN61000-4-3 ETC2-EN61000-4-3 Datasheet
122Kb / 3P
   Small and compact size
EN61000-4-3 ETC2-EN61000-4-3 Datasheet
611Kb / 4P
   Hardened Unmanaged 8-port 10/100BASE M12 (8 PoE)
More results

Similar Description - EN61000-4-3

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Lineage Power Corporati...
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
   90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
CAR1212DC LINEAGEPOWER-CAR1212DC_14 Datasheet
657Kb / 16P
   -36VD C to -75VDC 12VDC @ 1200W; 3.3VDC or 5 VDC @ 1A
CAR2512TE LINEAGEPOWER-CAR2512TE Datasheet
303Kb / 15P
   90VAC to 264VAC 12VDC@ 2500W; 3.3/5VDC standby @ 15W
CAR1212FP LINEAGEPOWER-CAR1212FP_14 Datasheet
269Kb / 7P
   85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A
CAR2548DC LINEAGEPOWER-CAR2548DC_14 Datasheet
302Kb / 15P
   -36Vdc to -75Vdc 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
CLP0212 LINEAGEPOWER-CLP0212 Datasheet
1Mb / 15P
   90 - 264Vac input; 12Vdc output; 200W Output Power
QSK033A0B41 LINEAGEPOWER-QSK033A0B41 Datasheet
405Kb / 15P
   36 - 60 Vdc Input; 12Vdc Output; 33A Output Current
QBK020A0B1 LINEAGEPOWER-QBK020A0B1 Datasheet
499Kb / 16P
   36 - 55 Vdc Input; 12Vdc Output; 20A Output Current
logo
AIMTEC
AME3-CJZ AIMTEC-AME3-CJZ Datasheet
159Kb / 3P
   Input: 85-264VAC, 47-63Hz, or 100-370 VDC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com