Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC-M Datasheet(PDF) 11 Page - General Semiconductor

Part # CC-M
Description  DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

CC-M Datasheet(HTML) 11 Page - General Semiconductor

Back Button CC-M Datasheet HTML 7Page - General Semiconductor CC-M Datasheet HTML 8Page - General Semiconductor CC-M Datasheet HTML 9Page - General Semiconductor CC-M Datasheet HTML 10Page - General Semiconductor CC-M Datasheet HTML 11Page - General Semiconductor CC-M Datasheet HTML 12Page - General Semiconductor CC-M Datasheet HTML 13Page - General Semiconductor CC-M Datasheet HTML 14Page - General Semiconductor CC-M Datasheet HTML 15Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Lineage Power
11
Data Sheet
April 2008
36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
DW025 Dual Output-Series Power Modules: dc-dc Converters;
Design Considerations (continued)
Safety Considerations
For safety-agency approval of the system in which the
power module is used, the power module must be
installed in compliance with the spacing and separation
requirements of the end-use safety agency standard,
i.e.,
UL-1950, CSA 22.2-950, EN60950.
For the converter output to be considered to be meet-
ing the requirements of safety extra-low voltage
(SELV), one of the following must be true:
s
All inputs are SELV and floating with the output also
floating.
s
All inputs are SELV and grounded with the output
also grounded.
s
Any non-SELV input must be provided with rein-
forced insulation from any other hazardous voltages,
including the ac mains, and must have a SELV reli-
ability test performed on it in combination with the
converters.
If the input meets extra-low voltage (ELV) require-
ments, then the converter’s output is considered ELV.
The input to these units is to be provided with a maxi-
mum 5 A normal-blow fuse in the ungrounded lead.
Input/Output Voltage Reversal
CAUTION: Applying a reverse voltage across the
module input or output forward biases
an internal diode. Attempting to start
the module under this condition can
damage the module.
Feature Descriptions
Output Overvoltage Clamp
The output overvoltage clamp consists of control
circuitry, independent of the primary regulation loop,
that monitors the voltage on the output terminals. The
control loop of the clamp has a higher voltage set point
than the primary loop (see Feature Specifications
table). This provides a redundant voltage control that
reduces the risk of output overvoltage.
Current Limit
To provide protection in a fault (output overload) condi-
tion, the unit is equipped with internal current-limiting
circuitry and can endure current-limiting for an unlimited
duration. At the point of current-limit inception, the unit
shifts from voltage control to current control. If the out-
put voltage is pulled very low during a severe fault, the
current-limit circuit can exhibit either foldback or tailout
characteristics (output current decrease or increase).
The unit operates normally once the output current is
brought back into its specified range.
Remote On/Off
Two remote on/off options are available. Positive logic
remote on/off turns the module on during a logic high
voltage on the remote on/off pin, and off during a logic
low. Negative logic remote on/off, code suffix “1,” turns
the module off during a logic high and on during a logic
low.
To turn the power module on and off, the user must
supply a switch to control the voltage between the
on/off terminal and the VI(–) terminal (Von/off). The
switch can be an open collector or equivalent (see
Figure 14). A logic low is Von/off = 0 V to 1.2 V. The
maximum Ion/off during a logic low is 1 mA. The switch
should maintain a logic-low voltage while sinking 1 mA.
During a logic high, the maximum Von/off generated by
the power module is 10 V. The maximum allowable
leakage current of the switch at Von/off = 10 V is 50 µA.
8-754(C)
Figure 14. Remote On/Off Implementation
COM
LOAD
+
Ion/off
Von/off
ON/OFF
VI(+)
VI(–)
VO2
LOAD
VO1


Similar Part No. - CC-M

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
CC-0221-XXM JMK-CC-0221-XXM Datasheet
140Kb / 1P
   designed to provide common mode and differential mode filtering for power supply inputs of computer peripheral and other electronic hardware
CC-0310-10 JMK-CC-0310-10 Datasheet
33Kb / 1P
   2,466,608 Hrs @ 30C GB
CC-0310-3 JMK-CC-0310-3 Datasheet
79Kb / 1P
   has a wide operating temperature range and is designed to sustain severe shock and vibration environments
logo
CUI INC
CC-0601 CUI-CC-0601 Datasheet
285Kb / 4P
   Magnetic buzzer
CC-0601 CUI-CC-0601 Datasheet
395Kb / 3P
   MAGNETIC BUZZER TRANSDUCER
02/04/2020
More results

Similar Description - CC-M

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
DW025ABK-M LINEAGEPOWER-DW025ABK-M Datasheet
692Kb / 20P
   DW025 Triple Output-Series Power Modules 36 Vdc to 75 Vdc Input; 25 W
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
LAW005A LINEAGEPOWER-LAW005A Datasheet
358Kb / 8P
   LAW005-Series Power Modules dc-dc Converters 36 Vdc to 75 Vdc Input 5 W
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
JHW050FG LINEAGEPOWER-JHW050FG Datasheet
490Kb / 17P
   JHW050 Dual Positive Output-Series Power Modules dc-dc Converter: 36 Vdc to 75 Vdc Input, Dual Positive Outputs 50W
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
logo
Bel Fuse Inc.
0RXU-75TD10 BEL-0RXU-75TD10 Datasheet
292Kb / 8P
   ISOLATED DC/DC CONVERTERS 36 Vdc - 75 Vdc Input 12 Vdc/5 A, -12 Vdc/1.5 A Dual Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com