Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX015F Datasheet(PDF) 2 Page - General Semiconductor

Part # LX015F
Description  LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LX015F Datasheet(HTML) 2 Page - General Semiconductor

  LX015F Datasheet HTML 1Page - General Semiconductor LX015F Datasheet HTML 2Page - General Semiconductor LX015F Datasheet HTML 3Page - General Semiconductor LX015F Datasheet HTML 4Page - General Semiconductor LX015F Datasheet HTML 5Page - General Semiconductor LX015F Datasheet HTML 6Page - General Semiconductor LX015F Datasheet HTML 7Page - General Semiconductor LX015F Datasheet HTML 8Page - General Semiconductor LX015F Datasheet HTML 9Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
Lineage Power
Data Sheet
March 27, 2008
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
* Maximum case temperature varies based on power dissipation. See derating curves, Figures 43—45, for details.
Electrical Specifications
Fusing Considerations
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This encapsulated power module can be used in a wide variety of applications, ranging from simple stand-alone
operation to an integrated part of a sophisticated power architecture. To preserve maximum flexibility, internal fus-
ing is not included; however, to achieve maximum safety and system protection, always use an input line fuse. The
safety agencies require a normal-blow, dc fuse with a maximum rating of 5 A (see Safety Considerations section).
Based on the information provided in this data sheet on inrush energy and maximum dc input current, the same
type of fuse with a lower rating can be used. Refer to the fuse manufacturer’s data for further information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Input Voltage:
Continuous
Transient (100 ms)
LC
LW
LW
VI
VI
VI, trans
0
0
0
50
80
100
Vdc
Vdc
V
Operating Case Temperature
(See Derating Curves, Figures 43—45.)
All
TC
–40
105*
°C
Storage Temperature
All
Tstg
–55
125
°C
I/O Isolation
All
1500
Vdc
Table 1. Input Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
LC
LW
VI
VI
18
36
24
48
36
75
Vdc
Vdc
Maximum Input Current
(VI = 0 to VI, max; IO = IO, max; see Figures
1—4.)
LC
LW
II, max
II, max
1.6
800
A
mA
Inrush Transient
All
I2t
——
0.2
A2s
Input Reflected-ripple Current
(5 Hz to 20 MHz; 12 µH source imped-
ance; TA = 25 °C; see Figure 33.)
All
II
—5—
mAp-p
Input Ripple Rejection (100 Hz—120 Hz)
All
45
dB


Similar Part No. - LX015F

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
LX01M DGNJDZ-LX01M Datasheet
825Kb / 2P
   Single Phase 0.8 AMP. Glass Passivated Bridge Rectifiers
logo
ASEMI TECHNOLOGY., LTD
LX01M ASEMI-LX01M Datasheet
324Kb / 3P
   ASEMI Bridge Rectifier
2018.11 Rev.3.1
More results

Similar Description - LX015F

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
LC015A91 LINEAGEPOWER-LC015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LW015A91 LINEAGEPOWER-LW015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LW010F1 LINEAGEPOWER-LW010F1 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
   18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
General Semiconductor
JC030D-M GE-JC030D-M Datasheet
738Kb / 20P
   JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com