Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VJ0402A102BXAAT Datasheet(PDF) 9 Page - Vishay Siliconix

Part # VJ0402A102BXAAT
Description  Surface Mount Multilayer Ceramic Chip Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0402A102BXAAT Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button VJ0402A102BXAAT Datasheet HTML 5Page - Vishay Siliconix VJ0402A102BXAAT Datasheet HTML 6Page - Vishay Siliconix VJ0402A102BXAAT Datasheet HTML 7Page - Vishay Siliconix VJ0402A102BXAAT Datasheet HTML 8Page - Vishay Siliconix VJ0402A102BXAAT Datasheet HTML 9Page - Vishay Siliconix VJ0402A102BXAAT Datasheet HTML 10Page - Vishay Siliconix VJ0402A102BXAAT Datasheet HTML 11Page - Vishay Siliconix VJ0402A102BXAAT Datasheet HTML 12Page - Vishay Siliconix VJ0402A102BXAAT Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
VJ Commercial Series
www.vishay.com
Vishay Vitramon
Revision: 06-May-13
9
Document Number: 45199
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
RoHS-compliant
•• Paper tape • Plastic tape
(1) See soldering recommendations within this data book, or visit www.vishay.com/doc?45034
SELECTION CHART
DIELECTRIC
X7R
STYLE
VJ1206 (1)
VJ1210 (1)
CASE CODE
1206 (1)
1210 (1)
VOLTAGE (VDC)
16
25
50
100
200
250
500
630
16
25
50
100
200
250
500
630
VOLTAGE CODE
J
X
A
B
C
P
E
L
J
X
A
B
C
P
E
L
CAP. CODE
CAP.
121
120 pF
151
150 pF
181
180 pF
221
220 pF
271
270 pF
331
330 pF
••
••
391
390 pF
••
••
471
470 pF
••
••
••
••
••
••
561
560 pF
••
••
••
••
••
••
681
680 pF
••
••
••
••
••
••
821
820 pF
••
••
••
••
••
••
102
1.0 nF
••
••
••
••
••
••
••
122
1.2 nF
••
••
••
••
••
••
••
152
1.5 nF
••
••
••
••
••
••
••
182
1.8 nF
••
••
••
••
••
••
••
222
2.2 nF
••
••
••
••
••
••
••
272
2.7 nF
••
••
••
••
••
••
••
332
3.3 nF
••
••
••
••
••
••
••
392
3.9 nF
••
••
••
••
••
••
••
472
4.7 nF
••
••
••
••
••
••
••
562
5.6 nF
••
••
••
••
••
682
6.8 nF
••
••
••
••
••
822
8.2 nF
••
••
••
••
••
103
10 nF
••
••
••
••
••
123
12 nF
••
••
••
••
••
153
15 nF
••
••
••
••
••
183
18 nF
••
••
••
••
••
223
22 nF
••
••
••
••
••
273
27 nF
••
••
••
••
••
333
33 nF
••
••
••
••
••
393
39 nF
••
••
••
••
473
47 nF
••
••
••
••
563
56 nF
••
••
••
••
683
68 nF
••
••
••
••
823
82 nF
••
••
104
100 nF
••
••
124
120 nF
••
••
154
150 nF
••
••
184
180 nF
••
••
224
220 nF
274
270 nF
334
330 nF
394
390 nF
474
470 nF
564
560 nF
684
680 nF
824
820 nF
105
1.0 μF
125
1.2 μF
155
1.5 μF
185
1.8 μF
225
2.2 μF
275
2.7 μF
335
3.3 μF
395
3.9 μF
475
4.7 μF
565
5.6 μF
685
6.8 μF


Similar Part No. - VJ0402A102BXAAT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402A102BXAAT VISHAY-VJ0402A102BXAAT Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 28-Aug-08
VJ0402A102BXAAT VISHAY-VJ0402A102BXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
VJ0402A102BXAAT VISHAY-VJ0402A102BXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
More results

Similar Description - VJ0402A102BXAAT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805A391JXAAT VISHAY-VJ0805A391JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 23-Sep-09
logo
Kemet Corporation
03029BX222ZJZC7189 KEMET-03029BX222ZJZC7189 Datasheet
482Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors
C1206C104J3JACTU KEMET-C1206C104J3JACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0402A100KXXPW1BC VISHAY-VJ0402A100KXXPW1BC Datasheet
199Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 27-Mar-13
VJ0805Y104KXAAT VISHAY-VJ0805Y104KXAAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 06-May-13
logo
Kemet Corporation
C1210R225K3RACT050 KEMET-C1210R225K3RACT050 Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_17 Datasheet
118Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 25-Jul-17
logo
Kemet Corporation
C1206C104J3GACAUTO KEMET-C1206C104J3GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors
logo
Vishay Siliconix
VJ0805Y683KXXCW1BC VISHAY-VJ0805Y683KXXCW1BC Datasheet
187Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 07-Nov-13
VJ0805Y102KXAAC31 VISHAY-VJ0805Y102KXAAC31 Datasheet
178Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors
Revision: 04-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com