Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DKF1045 Datasheet(PDF) 5 Page - General Semiconductor

Part # DKF1045
Description  NTC Diode Thermometrics Thermistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

DKF1045 Datasheet(HTML) 5 Page - General Semiconductor

  DKF1045 Datasheet HTML 1Page - General Semiconductor DKF1045 Datasheet HTML 2Page - General Semiconductor DKF1045 Datasheet HTML 3Page - General Semiconductor DKF1045 Datasheet HTML 4Page - General Semiconductor DKF1045 Datasheet HTML 5Page - General Semiconductor DKF1045 Datasheet HTML 6Page - General Semiconductor DKF1045 Datasheet HTML 7Page - General Semiconductor DKF1045 Datasheet HTML 8Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Ro@25° C
(W )
Material System
Beta 25/85
Type Number
250
GE5.5*
2983
03006-165.9-55-K
500
GE5.5*
2983
03006-331.8-55-K
1K
GE7.3
3499
03006-624-73-K
2K
GE7.3
3499
03006-1248-73-K
2786
GE10.1
4102
03006-1576-101-K
3K
GE7.6
3553
03006-1847-76-K
4K
GE7.6
3553
03006-2463-76-K
5K
GE7.6
3553
03006-3079-76-K
10K
GE9.7A
3992
03006-5818-97-K
20K
GE9.8
3974
03006-11.7K-98-K
30K
GE9.8
3974
03006-17.53K-98-K
50K
GE9.7B
3952
03006-29.1K-97-K
100K
GE9.7B
3952
03006-58.2-97-K
200K
GE12.3
4365
03006-111.3K-123-K
500K
GE13.8
4567
03006-269.8K-138-K
1M
GE14.5
4661
03006-535K-145-K
5M
GE16.4
4848
03006-2.6M-164-K
*maximum operating temperature 302°F (150°C)
Type MELF
Specifications
Glass encapsulated SMD thermistor
Description
Hermetically sealed, glass encapsulated thermistor in
SOD-80 SMD package.
Options
• For ±5% @ 77°F (25°C), replace “K” with “J”
• For ±3% @ 77°F (25°C), replace “K” with “H”
• For ±2% @ 77°F (25°C), replace “K” with “G”
• For reel taping add “R” suffix
• Other resistances in the range 250 Ω to 5 MΩ
available
• Other tolerances, tolerances at other temperatures
Data
• Standard resistance tolerance: ±10% @ 77°F
(25°C)
• Dissipation constant: 3.0 mW/°C
• Time constant: 7 seconds
• Operating range: -58°F to 400°F (-50°C to
NTC Type MELF dimensions
Tinned dumet contacts
(2 places)
Glass
Ø 0.063 to 0.067 in
(1.6 to 1.7 mm)
0.016 to 0.022 in
(0.41 to 0.56 mm)
0.016 to 0.022 in
(0.41 to 0.56 mm)
0.13 to 0.146 in
(3.3 to 3.71 mm)


Similar Part No. - DKF1045

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
DKF104*10 AMPHENOL-DKF104*10 Datasheet
95Kb / 8P
   Thermometrics
DKF104*2 AMPHENOL-DKF104*2 Datasheet
95Kb / 8P
   Thermometrics
DKF104*3 AMPHENOL-DKF104*3 Datasheet
95Kb / 8P
   Thermometrics
DKF104*5 AMPHENOL-DKF104*5 Datasheet
95Kb / 8P
   Thermometrics
DKF104M10 AMPHENOL-DKF104M10 Datasheet
95Kb / 8P
   Thermometrics
More results

Similar Description - DKF1045

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
03006-111.3K-123-G100 GE-03006-111.3K-123-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-5818-97-G100 GE-03006-5818-97-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-29.1K-97-G100 GE-03006-29.1K-97-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-11.7K-98-G100 GE-03006-11.7K-98-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-269.8K-138-G100 GE-03006-269.8K-138-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
03006-535K-145-G100 GE-03006-535K-145-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
logo
List of Unclassifed Man...
DKF104N5 ETC2-DKF104N5 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
logo
General Semiconductor
03006-17.53K-98-G100 GE-03006-17.53K-98-G100 Datasheet
96Kb / 8P
   NTC Diode Thermometrics Thermistors
logo
Amphenol Corporation
A990 AMPHENOL-A990 Datasheet
115Kb / 2P
   Thermometrics Thermistors
logo
List of Unclassifed Man...
DC95G104V ETC2-DC95G104V Datasheet
178Kb / 4P
   Thermometrics Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com