Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

228180831101 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 228180831101
Description  10 mm Film Dielectric Trimmers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

228180831101 Datasheet(HTML) 3 Page - Vishay Siliconix

  228180831101 Datasheet HTML 1Page - Vishay Siliconix 228180831101 Datasheet HTML 2Page - Vishay Siliconix 228180831101 Datasheet HTML 3Page - Vishay Siliconix 228180831101 Datasheet HTML 4Page - Vishay Siliconix 228180831101 Datasheet HTML 5Page - Vishay Siliconix 228180831101 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number 28528
322
Revision 13-Jan-06
2281 808 .....
Vishay BCcomponents
Ø 10 mm Film Dielectric Trimmers
ADJUSTMENT
For top adjustment a screwdriver or trimming key can be
used; for bottom adjustment a key is required as shown
below
5
± 0.1
3 ± 0.2
4 ± 0.5
4.8
± 0.2
3.1 ± 0.3
110° ± 5°
6.5 ± 0.1
11
max.
11 max.
1.15 max.
15.3
0
- 1
∅ 2.5
∅ 2
10
0
- 0.2
2.5
Z
stator
rotor (2
×)
0.6
0.7
1
5.8
ROUND HEAD
EXTENDED HEXAGONAL HEAD
0.6 ± 0.1
0.85
max.
0.5
± 0.15
∅ 1.6
DETAIL Z
turned 90
°
Trimmers 2281 808 ..... series, horizontal version
10
5
1.3
RR
S
5
R = rotor, S = stator
Hole pattern
∅ 3
2 min.
0.7
+ 0.1
0
0.6
+ 0.2
0
∅ 1.7
+ 0.1
0
Bottom adjustment key
ORDERING INFORMATION
* ordering code for SAP system
Cmin/Cmax
(pF)
CATALOG NUMBER 2281 808 ..... OR BFC2 808 .....*
HORIZONTAL VERSION
VERTICAL VERSION
HOLE PATTERN
5mm
× 10 mm
HOLE PATTERN
5mm
× 10 mm
HOLE PATTERN
7.5 mm
× 5mm
ROUND HEAD
HEX.
HEAD
ROUND HEAD
HEX.
HEAD
ROUND HEAD
HEX.
HEAD
ROUND
HEAD
TOP AND BOTTOM
ADJUSTMENT
TOP AND BOTTOM ADJUSTMENT
TOP ADJUSTMENT
2.5/15
61159
-
31159
-
32159
-
-
3/22.5
61229
-
31229
-
32229
-
-
5.5/40
61409
-
31409
-
32409
-
-
5.5/50
-
-
01029
-
01006
-
-
5.5/65
61659
64659
31659
34659
32659
-
01001
6/80
61809
64809
31809
34809
32809
35809
-
7/105
61101
64101
31101
-
32101
-
-
6/120
-
-
31121
-
-
-
-
Dimensions in millimeters


Similar Part No. - 228180831101

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2281 KR-2281 Datasheet
21Kb / 1P
   Highpass Filter
logo
Heyco.
2281 HEYCO-2281 Datasheet
85Kb / 1P
   Armor Bushings
logo
RHOPOINT COMPONENTS
22810 RHOPOINT-22810 Datasheet
126Kb / 1P
   PT100 Platinum resistance temperature detector
22810-1-B RHOPOINT-22810-1-B Datasheet
126Kb / 1P
   PT100 Platinum resistance temperature detector
22810-1-B RHOPOINT-22810-1-B Datasheet
80Kb / 1P
   Platinum Resistance Temperature Detector
More results

Similar Description - 228180831101

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
222280823109 VISHAY-222280823109 Datasheet
103Kb / 6P
   5 mm Film Dielectric Trimmers
Revision: 11-Oct-07
BFC2808 VISHAY-BFC2808 Datasheet
103Kb / 6P
   5 mm Film Dielectric Trimmers
Revision: 11-Oct-07
BFC280905 VISHAY-BFC280905 Datasheet
109Kb / 5P
   Film Dielectric Trimmers
Revision: 04-Aug-15
BFC280811229 VISHAY-BFC280811229 Datasheet
111Kb / 5P
   Ø 7.5 mm Film Dielectric Trimmers
Revision: 20-Jun-13
BFC280907 VISHAY-BFC280907 Datasheet
98Kb / 5P
   Film Dielectric Trimmers
Revision: 18-Oct-07
BFC2809090 VISHAY-BFC2809090 Datasheet
120Kb / 5P
   Film Dielectric Trimmers
Revision: 04-Aug-15
BFC2809070 VISHAY-BFC2809070 Datasheet
105Kb / 5P
   Film Dielectric Trimmers
Revision: 04-Aug-15
logo
TE Connectivity Ltd
416 TEC-416 Datasheet
593Kb / 2P
   Economy Trimmers
logo
Vishay Siliconix
117S_VO1 VISHAY-117S_VO1 Datasheet
70Kb / 3P
   Multi-Turn 3/8" (9.52 mm) Square Wirewound Trimmers
01-Jan-2022
14S VISHAY-14S Datasheet
60Kb / 3P
   Multi-Turn 1/4 (6.35 mm) Square Wirewound Trimmers
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com