Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH6206-2X001T Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SFH6206-2X001T
Description  Optocoupler, Phototransistor Output, AC Input
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6206-2X001T Datasheet(HTML) 1 Page - Vishay Siliconix

  SFH6206-2X001T Datasheet HTML 1Page - Vishay Siliconix SFH6206-2X001T Datasheet HTML 2Page - Vishay Siliconix SFH6206-2X001T Datasheet HTML 3Page - Vishay Siliconix SFH6206-2X001T Datasheet HTML 4Page - Vishay Siliconix SFH6206-2X001T Datasheet HTML 5Page - Vishay Siliconix SFH6206-2X001T Datasheet HTML 6Page - Vishay Siliconix SFH6206-2X001T Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 83675
For technical questions, contact: optocoupleranswers@vishay.com
www.vishay.com
Rev. 1.9, 23-Feb-11
1
Optocoupler, Phototransistor Output, AC Input
SFH620A, SFH6206
Vishay Semiconductors
DESCRIPTION
The SFH620A (DIP) and SFH6206 (SMD) feature a high
current transfer ratio, low coupling capacitance and high
isolation voltage. These couplers have a GaAs infrared diode
emitter, which is optically coupled to a silicon planar
phototransistor detector, and is incorporated in a plastic
DIP-4 or SMD package.
The coupling devices are designed for signal transmission
between two electrically separated circuits. The couplers are
end-stackable with 2.54 mm lead spacing. Creepage and
clearance distances of > 8 mm are achieved with option 6.
This version complies with IEC 60950 (DIN VDE 0805) for
reinforced insulation to an operation voltage of 400 VRMS or
DC.
FEATURES
• Good CTR linearity depending on forward
current
• Isolation test voltage, 5300 VRMS
• High collector emitter voltage, VCEO = 70 V
• Low saturation voltage
• Fast switching times
• Low CTR degradation
• Temperature stable
• Low coupling capacitance
• End-stackable, 0.100" (2.54 mm) spacing
• High common-mode interference immunity
• Compliant to RoHS Directive to 2002/95/EC and in
accordance WEEE 2002/96/EC
AGENCY APPROVALS
• UL1577, file no. E52744 system code H, double protection
• CSA 93751
• BSI IEC 60950; IEC 60065
• DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5 (pending),
avialable with option 1
Note
• Additional options may be possible, please contact sales office.
(1) Also available in tubes; do not add T to end.
i179080-2
E
C
A/C
C/A
1
2
4
3
V
DE
i179080
1
1
ORDERING INFORMATION
S
F
H
620x
-
#
X
0
##
T
PART NUMBER
CTR
BIN
PACKAGE OPTION
TAPE
AND
REEL
AGENCY
CERTIFIED/PACKAGE
CTR (%)
± 10 mA
SFH620A
SFH6206
UL, cUL, BSI
40 to 125
63 to 200
100 to 320
40 to 125
63 to 200
100 to 320
DIP-4
SFH620A-1
SFH620A-2
SFH620A-3
-
-
-
DIP-4, 400 mil, option 6 SFH620A-1X006
SFH620A-2X006
SFH620A-3X006
-
-
-
SMD-4, option 7
-
SFH620A-2X007T (1)
--
--
SMD-4, option 9
-
-
-
SFH6206-1T (1)
SFH6206-2T (1)
SFH6206-3T (1)
VDE, UL, cUL, BSI
40 to 125
63 to 200
100 to 320
40 to 125
63 to 200
100 to 320
DIP-4
SFH620A-1X001
SFH620A-2X001
SFH620A-3X001
-
-
-
DIP-4, 400 mil, option 6
-
SFH620A-2X016
SFH620A-3X016
-
-
-
SMD-4, option 7
-
SFH620A-2X017T
-
-
-
-
SMD-4, option 9
-
-
-
-
SFH6206-2X001T (1) SFH6206-3X001T (1)
> 0.1 mm
10.16 mm
> 0.7 mm
7.62 mm
DIP-#
Option 7
Option 6
Option 9


Similar Part No. - SFH6206-2X001T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6206-2X001T VISHAY-SFH6206-2X001T Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 2.3, 31-Aug-15
SFH6206-2X001T VISHAY-SFH6206-2X001T Datasheet
167Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2022
More results

Similar Description - SFH6206-2X001T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH620A VISHAY-SFH620A_V02 Datasheet
168Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
TCET1600 VISHAY-TCET1600_V02 Datasheet
154Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
SFH620A VISHAY-SFH620A_15 Datasheet
170Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 2.3, 31-Aug-15
TCET2600 VISHAY-TCET2600_10 Datasheet
167Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.6, 10-Dec-10
SFH620A VISHAY-SFH620A_05 Datasheet
400Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.6, 01-Dec-05
SFH620A VISHAY-SFH620A_V01 Datasheet
167Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2022
K814P VISHAY-K814P_V02 Datasheet
184Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
01-Jan-2023
TCET1600 VISHAY-TCET1600_05 Datasheet
195Kb / 9P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.8, 01-Dec-05
K814P VISHAY-K814P_04 Datasheet
262Kb / 9P
   Optocoupler, Phototransistor Output, AC input
Rev. 1.8, 26-Oct-04
TCET1600 VISHAY-TCET1600_10 Datasheet
156Kb / 8P
   Optocoupler, Phototransistor Output, AC Input
Rev. 1.9, 10-Dec-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com