Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JW030G-M Datasheet(PDF) 10 Page - General Semiconductor

Part # JW030G-M
Description  JW030-Series Power Modules 36 Vdc to 75 Vdc Inputs 30 W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

JW030G-M Datasheet(HTML) 10 Page - General Semiconductor

Back Button JW030G-M Datasheet HTML 6Page - General Semiconductor JW030G-M Datasheet HTML 7Page - General Semiconductor JW030G-M Datasheet HTML 8Page - General Semiconductor JW030G-M Datasheet HTML 9Page - General Semiconductor JW030G-M Datasheet HTML 10Page - General Semiconductor JW030G-M Datasheet HTML 11Page - General Semiconductor JW030G-M Datasheet HTML 12Page - General Semiconductor JW030G-M Datasheet HTML 13Page - General Semiconductor JW030G-M Datasheet HTML 14Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Lineage Power
JW030-Series Power Modules:
Data Sheet
36 Vdc to 75 Vdc Inputs; 30 W
March 26, 2008
Characteristic Curves (continued)
8-732(C).a
Figure 17. JW030D-M, F-M, G-M Typical Output
Voltage for a Step Load Change from
50% to 25%
8-732(C)
Figure 18. JW030A-M, B-M, C-M Typical Output
Voltage for a Step Load Change from
50% to 25%
8-733(C).a
Figure 19. Typical Output Voltage Start-Up when
Signal Applied to Remote On/Off
TIME, t (500 µs/div)
100
50
500 µs
25
75
98
102
Δl o
Δt
= 1 A/10 µs
TIME, t (500 µs/div)
100
50
500 µs
25
75
98
102
= 1 A/10 µs
Δt
ΔIO
TIME, t (20 ms/div)
50
2
0
4
0
100
1 ms


Similar Part No. - JW030G-M

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
JW0-0006 PULSE-JW0-0006 Datasheet
288Kb / 7P
   Integrated Connector Module
JW0-0006NL PULSE-JW0-0006NL Datasheet
286Kb / 7P
   RJ45/Dual USB Combo
JW0-0006NL PULSE-JW0-0006NL Datasheet
788Kb / 4P
   CONN,RJ45/USB,1GD,1:!,TY
JW0-0009 PULSE-JW0-0009 Datasheet
286Kb / 7P
   RJ45/Dual USB Combo
JW0-0009 PULSE-JW0-0009 Datasheet
288Kb / 7P
   Integrated Connector Module
More results

Similar Description - JW030G-M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
Tyco Electronics
LW025 MACOM-LW025 Datasheet
477Kb / 16P
   LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
logo
General Semiconductor
JC030D-M GE-JC030D-M Datasheet
738Kb / 20P
   JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
   18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
General Semiconductor
LW020G GE-LW020G Datasheet
426Kb / 16P
   LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
LC015D GE-LC015D Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com