Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JW030C-M Datasheet(PDF) 3 Page - General Semiconductor

Part # JW030C-M
Description  JW030-Series Power Modules 36 Vdc to 75 Vdc Inputs 30 W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

JW030C-M Datasheet(HTML) 3 Page - General Semiconductor

  JW030C-M Datasheet HTML 1Page - General Semiconductor JW030C-M Datasheet HTML 2Page - General Semiconductor JW030C-M Datasheet HTML 3Page - General Semiconductor JW030C-M Datasheet HTML 4Page - General Semiconductor JW030C-M Datasheet HTML 5Page - General Semiconductor JW030C-M Datasheet HTML 6Page - General Semiconductor JW030C-M Datasheet HTML 7Page - General Semiconductor JW030C-M Datasheet HTML 8Page - General Semiconductor JW030C-M Datasheet HTML 9Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Lineage Power
3
Data Sheet
March 26, 2008
36 Vdc to 75 Vdc Inputs; 30 W
JW030-Series Power Modules:
Electrical Specifications (continued)
Table 2. Output Specifications
Parameter
Device Code or
Code Suffix
Symbol
Min
Typ
Max
Unit
Output Voltage Set Point
(VI = 48 V; IO = IO, max; TC = 25 °C)
JW030D-M
JW030G-M
JW030F-M
JW030A-M
JW030B-M
JW030C-M
VO, set
VO, set
VO, set
VO, set
VO, set
VO, set
1.97
2.46
3.25
4.95
11.82
14.77
2.0
2.5
3.3
5.0
12.0
15.0
2.03
2.54
3.35
5.05
12.18
15.23
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Output Voltage
(Over all operating input voltage,
resistive load, and temperature
conditions until end of life. See
Figure 22.)
JW030D-M
JW030G-M
JW030F-M
JW030A-M
JW030B-M
JW030C-M
VO
VO
VO
VO
VO
VO
1.94
2.42
3.20
4.85
11.64
14.55
2.06
2.57
3.40
5.15
12.36
15.45
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
Output Regulation:
Line (VI = 36 V to 75 V)
Load (IO = IO, min to IO, max)
Temperature
(TC = –40 °C to +100 °C)
All
All
A-M, B-M, C-M
D-M, F-M, G-M
0.01
0.05
0.5
0.75
0.1
0.2
1.5
1.5
%VO
%VO
%VO
%VO
Output Ripple and Noise Voltage
(See Figure 21.):
RMS
Peak-to-peak (5 Hz to 20 MHz)
A-M, D-M, F-M, G-M
B-M, C-M
A-M, D-M, F-M, G-M
B-M, C-M
20
25
150
200
mVrms
mVrms
mVp-p
mVp-p
Output Current
(At IO < IO, min, the modules may
exceed output ripple specifications;
see Figures 3 through 8.)
JW030D-M, F-M, G-M
JW030A-M
JW030B-M
JW030B-M
JW030C-M
IO
IO
IO
IO, trans
IO
0.6
0.6
0.3
0.2
6.5
6.0
2.5
3.0
2.0
A
A
A
A
A
Output Current-limit Inception
(VO = 90% of VO, nom)
JW030D-M, F-M, G-M
JW030A-M
JW030B-M
JW030C-M
IO
IO
IO
IO
7.5
6.9
3.6
2.5
A
A
A
A
Output Short-circuit Current
(VO = 250 mV)
JW030D-M, F-M, G-M
JW030A-M
JW030B-M
JW030C-M
8.0
8.0
4.0
3.0
10.0
9.5
5.5
4.5
A
A
A
A
Efficiency
(VI = 48 V; IO = IO, max; TC = 25 °C;
see Figures 9 through 14 and 22.)
JW030D-M
JW030G-M
JW030F-M
JW030A-M
JW030B-M, C-M
η
η
η
η
η
64
70
72
79
80
69
72
75
81
83
%
%
%
%
%
Switching Frequency
(secondary circuit)
All
250
kHz


Similar Part No. - JW030C-M

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
JW0-0006 PULSE-JW0-0006 Datasheet
288Kb / 7P
   Integrated Connector Module
JW0-0006NL PULSE-JW0-0006NL Datasheet
286Kb / 7P
   RJ45/Dual USB Combo
JW0-0006NL PULSE-JW0-0006NL Datasheet
788Kb / 4P
   CONN,RJ45/USB,1GD,1:!,TY
JW0-0009 PULSE-JW0-0009 Datasheet
286Kb / 7P
   RJ45/Dual USB Combo
JW0-0009 PULSE-JW0-0009 Datasheet
288Kb / 7P
   Integrated Connector Module
More results

Similar Description - JW030C-M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
Tyco Electronics
LW025 MACOM-LW025 Datasheet
477Kb / 16P
   LW025 Single-Output-Series Power Modules 36 Vdc to 75 Vdc Inputs 25 W
logo
General Semiconductor
JC030D-M GE-JC030D-M Datasheet
738Kb / 20P
   JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
   18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
General Semiconductor
LW020G GE-LW020G Datasheet
426Kb / 16P
   LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
LC015D GE-LC015D Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com