Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ90A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMCJ90A
Description  Surface Mount TRANSZORB
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMCJ90A Datasheet(HTML) 2 Page - Vishay Siliconix

  SMCJ90A Datasheet HTML 1Page - Vishay Siliconix SMCJ90A Datasheet HTML 2Page - Vishay Siliconix SMCJ90A Datasheet HTML 3Page - Vishay Siliconix SMCJ90A Datasheet HTML 4Page - Vishay Siliconix SMCJ90A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMCJ5.0A thru SMCJ188CA
www.vishay.com
Vishay General Semiconductor
Revision: 11-Dec-12
2
Document Number: 88394
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: tp  50 ms
(2) Surge current waveform per fig. 3 and derate per fig. 2
(3) For bi-directional types having VWM of 10 V and less, the ID limit is doubled
(4) All terms and symbols are consistent with ANSI/IEEE C62.35
(5) For the bi-directional SMCJ5.0CA, the maximum VBR is 7.25 V
(6) VF = 3.5 V at IF = 100 A (uni-directional only)
(+) Underwriters laboratory recognition for the classification of protectors (QVGQ2) under the UL standard for safety 497B and file number
E136766 for both uni-directional and bi-directional devices
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
MODIFIED
“J” BEND LEAD
DEVICE MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT (1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (μA) (3)
MAXIMUM
PEAK PULSE
SURGE
CURRENT
IPPM (A) (2)
MAXIMUM
CLAMPING
VOLTAGE AT
IPPM
VC (V)
UNI
BI
MIN.
MAX.
(+)SMCJ5.0A (5)
GDE
GDE
6.40
7.07
10
5.0
1000
163.0
9.2
(+)SMCJ6.0A
GDG
GDG
6.67
7.37
10
6.0
1000
145.6
10.3
(+)SMCJ6.5A
GDK
BDK
7.22
7.98
10
6.5
500
133.9
11.2
(+)SMCJ7.0A
GDM
GDM
7.78
8.60
10
7.0
200
125.0
12.0
(+)SMCJ7.5A
GDP
BDP
8.33
9.21
1.0
7.5
100
116.3
12.9
(+)SMCJ8.0A
GDR
BDR
8.89
9.83
1.0
8.0
50
110.3
13.6
(+)SMCJ8.5A
GDT
BDT
9.44
10.4
1.0
8.5
20
104.2
14.4
(+)SMCJ9.0A
GDV
BDV
10.0
11.1
1.0
9.0
10
97.4
15.4
(+)SMCJ10A
GDX
BDX
11.1
12.3
1.0
10
5.0
88.2
17.0
(+)SMCJ11A
GDZ
GDZ
12.2
13.5
1.0
11
5.0
82.4
18.2
(+)SMCJ12A
GEE
BEE
13.3
14.7
1.0
12
5.0
75.4
19.9
(+)SMCJ13A
GEG
GEG
14.4
15.9
1.0
13
1.0
69.8
21.5
(+)SMCJ14A
GEK
BEK
15.6
17.2
1.0
14
1.0
64.7
23.2
(+)SMCJ15A
GEM
BEM
16.7
18.5
1.0
15
1.0
61.5
24.4
(+)SMCJ16A
GEP
GEP
17.8
19.7
1.0
16
1.0
57.7
26.0
(+)SMCJ17A
GER
GER
18.9
20.9
1.0
17
1.0
54.3
27.6
(+)SMCJ18A
GET
BET
20.0
22.1
1.0
18
1.0
51.4
29.2
(+)SMCJ20A
GEV
BEV
22.2
24.5
1.0
20
1.0
46.3
32.4
(+)SMCJ22A
GEX
BEX
24.4
26.9
1.0
22
1.0
42.3
35.5
(+)SMCJ24A
GEZ
BEZ
26.7
29.5
1.0
24
1.0
38.6
38.9
(+)SMCJ26A
GFE
BFE
28.9
31.9
1.0
26
1.0
35.6
42.1
(+)SMCJ28A
GFG
BFG
31.1
34.4
1.0
28
1.0
33.0
45.4
(+)SMCJ30A
GFK
BFK
33.3
36.8
1.0
30
1.0
31.0
48.4
(+)SMCJ33A
GFM
BFM
36.7
40.6
1.0
33
1.0
28.1
53.3
(+)SMCJ36A
GFP
BFP
40.0
44.2
1.0
36
1.0
25.8
58.1
(+)SMCJ40A
GFR
BFR
44.4
49.1
1.0
40
1.0
23.3
64.5
(+)SMCJ43A
GFT
BFT
47.8
52.8
1.0
43
1.0
21.6
69.4
(+)SMCJ45A
GFV
GFV
50.0
55.3
1.0
45
1.0
20.6
72.7
(+)SMCJ48A
GFX
GFX
53.3
58.9
1.0
48
1.0
19.4
77.4
(+)SMCJ51A
GFZ
GFZ
56.7
62.7
1.0
51
1.0
18.2
82.4
(+)SMCJ54A
GGE
GGE
60.0
66.3
1.0
54
1.0
17.2
87.1
(+)SMCJ58A
GGG
GGG
64.4
71.2
1.0
58
1.0
16.0
93.6
(+)SMCJ60A
GGK
GGK
66.7
73.7
1.0
60
1.0
15.5
96.8
(+)SMCJ64A
GGM
GGM
71.1
78.6
1.0
64
1.0
14.6
103
(+)SMCJ70A
GGP
GGP
77.8
86.0
1.0
70
1.0
13.3
113
(+)SMCJ75A
GGR
GGR
83.3
92.1
1.0
75
1.0
12.4
121
(+)SMCJ78A
GGT
GGT
86.7
95.8
1.0
78
1.0
11.9
126
(+)SMCJ85A
GGV
GGV
94.4
104
1.0
85
1.0
10.9
137
(+)SMCJ90A
GGX
GGX
100
111
1.0
90
1.0
10.3
146
(+)SMCJ100A
GGZ
GGZ
111
123
1.0
100
1.0
9.3
162
(+)SMCJ110A
GHE
GHE
122
135
1.0
110
1.0
8.5
177
(+)SMCJ120A
GHG
GHG
133
147
1.0
120
1.0
7.8
193
(+)SMCJ130A
GHK
GHK
144
159
1.0
130
1.0
7.2
209
(+)SMCJ150A
GHM
GHM
167
185
1.0
150
1.0
6.2
243
(+)SMCJ160A
GHP
GHP
178
197
1.0
160
1.0
5.8
259
(+)SMCJ170A
GHR
GHR
189
209
1.0
170
1.0
5.5
275
SMCJ188A
GHS
GHS
209
231
1.0
188
1.0
4.6
328


Similar Part No. - SMCJ90A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ90A DCCOM-SMCJ90A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ90A VISHAY-SMCJ90A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
logo
Taiwan Semiconductor Co...
SMCJ90A TSC-SMCJ90A Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
logo
DAESAN ELECTRONIC CORP.
SMCJ90A DAESAN-SMCJ90A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ90A VISHAY-SMCJ90A Datasheet
98Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Mar-12
More results

Similar Description - SMCJ90A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ10CA-E3 VISHAY-SMAJ10CA-E3 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB
Revision: 12-Aug-13
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 23-Apr-10
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC250A-E3 VISHAY-1.5SMC250A-E3 Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
SMP3V3 VISHAY-SMP3V3_13 Datasheet
91Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMAJ18CA-E3 VISHAY-SMAJ18CA-E3 Datasheet
85Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 21-Sep-12
SMCJ64CA-E3 VISHAY-SMCJ64CA-E3 Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SM15T39A-E3 VISHAY-SM15T39A-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SM6T22CA-E3 VISHAY-SM6T22CA-E3 Datasheet
128Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
TGL41-6.8 VISHAY-TGL41-6.8 Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com