Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VY2220K29U2JG6V7 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VY2220K29U2JG6V7
Description  AC Line Rated Disc Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VY2220K29U2JG6V7 Datasheet(HTML) 3 Page - Vishay Siliconix

  VY2220K29U2JG6V7 Datasheet HTML 1Page - Vishay Siliconix VY2220K29U2JG6V7 Datasheet HTML 2Page - Vishay Siliconix VY2220K29U2JG6V7 Datasheet HTML 3Page - Vishay Siliconix VY2220K29U2JG6V7 Datasheet HTML 4Page - Vishay Siliconix VY2220K29U2JG6V7 Datasheet HTML 5Page - Vishay Siliconix VY2220K29U2JG6V7 Datasheet HTML 6Page - Vishay Siliconix VY2220K29U2JG6V7 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VY2 Series
www.vishay.com
Vishay BCcomponents
Revision: 08-Mar-12
3
Document Number: 28535
For technical questions, contact: CDC@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) 15th digit of the clear text code number to be completed with the packaging code.
(2) Coating extension DR valid for straight leads only.
• Straight leads are available on request.
LEADSPACING 5.0 mm and 7.5 mm
LEADSPACING 10.0 mm
Note
• The capacitors are supplied in bulk packaging (cardboard boxes), in tape on reel in ammopack.
STRAIGHT LEADS
ORDERING INFORMATION
C (pF)
TOL.
(%)
TEMP.
COEFFICIENT
BODY
DIAMETER
DMAX.
(mm)
BODY
THICKNESS
TMAX.
(mm)
LEAD
SPACING
F
(mm)
COATING
EXTENSION
DRMAX. (2)
(mm)
CLEAR TEXT CODE
15TH DIGIT:
T = REEL; U = AMMO; 3 = BULK (1)
RoHS COMPLIANT
RoHS AND
HALOGEN-FREE
VY2 for leadspacing 10.0 mm
2600 VAC, 50 Hz, 2 s
10
± 10
U2J (N750)
7.5
5.0
10.0
3.0
VY2100K29U2JS6*V0
VY2100K29U2JG6*V0
15
VY2150K29U2JS6*V0
VY2150K29U2JG6*V0
22
VY2220K29U2JS6*V0
VY2220K29U2JG6*V0
33
VY2330K29U2JS6*V0
VY2330K29U2JG6*V0
47
VY2470K29U2JS6*V0
VY2470K29U2JG6*V0
68
Y5S (2C3)
VY2680K29Y5SS6*V0
VY2680K29Y5SG6*V0
100
VY2101K29Y5SS6*V0
VY2101K29Y5SG6*V0
150
VY2151K29Y5SS6*V0
VY2151K29Y5SG6*V0
220
VY2221K29Y5SS6*V0
VY2221K29Y5SG6*V0
330
VY2331K29Y5SS6*V0
VY2331K29Y5SG6*V0
470
VY2471K29Y5SS6*V0
VY2471K29Y5SG6*V0
680
± 20
Y5U (2E3)
VY2681M29Y5US6*V0
VY2681M29Y5UG6*V0
1000
VY2102M29Y5US6*V0
VY2102M29Y5UG6*V0
1500
8.0
VY2152M31Y5US6*V0
VY2152M31Y5UG6*V0
2200
9.0
VY2222M35Y5US6*V0
VY2222M35Y5UG6*V0
3300
10.5
VY2332M41Y5US6*V0
VY2332M41Y5UG6*V0
3900
11.0
VY2392M43Y5US6*V0
VY2392M43Y5UG6*V0
4700
12.5
VY2472M49Y5US6*V0
VY2472M49Y5UG6*V0
6800
14.5
VY2682M59Y5US63V0
VY2682M59Y5UG63V0
0.01 μF
16.0
VY2103M63Y5US63V0
VY2103M63Y5UG63V0
PACKAGING
CAPACITANCE
VALUE
SIZE CODE
BODY DIAMETER
DMAX.
(mm)
PACKAGING QUANTITIES
BULK
REEL
AMMO
10 pF to 4700 pF
29 to 49
12.5
1000
1000
1000
6800 pF to 0.01 μF
59 to 63
16.0
500
-
-
PACKAGING
CAPACITANCE
VALUE
SIZE CODE
BODY DIAMETER
DMAX.
(mm)
PACKAGING QUANTITIES
BULK
REEL
AMMO
10 pF to 4700 pF
29 to 49
12.5
1000
500
750
6800 pF to 0.01 μF
59 to 63
16.0
500
500
750
D max.
F
d = 0.6 mm
coating
extension
DR
3.0 max.
30 mm to 5.0 mm (
ΔR)
T max.


Similar Part No. - VY2220K29U2JG6V7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY2220K29U2JS6 VISHAY-VY2220K29U2JS6 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2220K29U2JS6 VISHAY-VY2220K29U2JS6 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2220K29U2JS6 VISHAY-VY2220K29U2JS6 Datasheet
173Kb / 8P
   EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
01-Jan-2022
VY2220K29U2JS6 VISHAY-VY2220K29U2JS6 Datasheet
172Kb / 8P
   EMI Suppression Safety Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
28-Jan-2022
VY2220K29U2JS6V0 VISHAY-VY2220K29U2JS6V0 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
More results

Similar Description - VY2220K29U2JG6V7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY2 VISHAY-VY2_10 Datasheet
152Kb / 7P
   AC Line Rated Disc Capacitors
Revision: 13-Apr-10
30LVSD47-R VISHAY-30LVSD47-R Datasheet
163Kb / 5P
   AC Line Rated Disc Capacitors
Revision: 06-Jun-13
VY1 VISHAY-VY1_10 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors
Revision: 12-Apr-10
30LVD22-R VISHAY-30LVD22-R Datasheet
166Kb / 6P
   AC Line Rated Disc Capacitors
Revision: 06-Jun-13
440L VISHAY-440L Datasheet
129Kb / 3P
   AC Line Rated Disc Capacitors
Revision 14-May-02
VY1472M63Y5UQ63V0 VISHAY-VY1472M63Y5UQ63V0 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors
Revision: 11-Jun-12
WKP472MCPEF VISHAY-WKP472MCPEF Datasheet
140Kb / 4P
   AC Line Rated Ceramic Disc Capacitors
Revision: 19-Dec-13
440L VISHAY-440L_18 Datasheet
174Kb / 5P
   AC Line Rated Ceramic Disc Capacitors
Revision: 29-Mar-18
AY1 VISHAY-AY1 Datasheet
306Kb / 12P
   Automotive Grade AC Line Rated Ceramic Disc Capacitors
AY2 VISHAY-AY2_18 Datasheet
355Kb / 13P
   Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 29-Mar-18
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com