Electronic Components Datasheet Search |
|
ECA1AHG472 Datasheet(PDF) 4 Page - Panasonic Semiconductor |
|
ECA1AHG472 Datasheet(HTML) 4 Page - Panasonic Semiconductor |
4 / 5 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Aluminum Electrolytic Capacitors/ NHG ■ Standard Products W.V. Cap. (±20 %) Case size Specification Lead Length Part No. Min. Packaging Q'ty Dia. Length Ripple Current (120 Hz) (+105 °C) tan δ (120 Hz) (+20 °C) Endur- ance Lead Dia. Lead Space Straight Leads Taping Straight Taping ✽B Taping ✽i (V) (µF) (mm) (mm) (mA r.m.s.) (hours) (mm) (mm) (mm) (mm) (pcs) (pcs) 100 33 8 11.5 130 0.08 1000 0.6 3.5 5.0 ECA2AHG330( ) 200 1000 47 10 12.5 165 0.08 2000 0.6 5.0 5.0 ECA2AHG470( ) 200 500 100 10 20 265 0.08 2000 0.6 5.0 5.0 ECA2AHG101( ) 200 500 220 12.5 25 440 0.08 2000 0.6 5.0 5.0 ECA2AHG221( ) 200 500 330 16 25 540 0.08 2000 0.8 7.5 7.5 ECA2AHG331( ) 100 250 470 16 25 715 0.08 2000 0.8 7.5 7.5 ECA2AHG471( ) 100 250 1000 18 35.5 985 0.08 2000 0.8 7.5 ECA2AHG102 50 160 16.3 11.2 17 0.15 2000 0.5 2.5 5.0 2.5 ECA2CHG010( ) 200 2000 2.2 6.3 11.2 25 0.15 2000 0.5 2.5 5.0 2.5 ECA2CHG2R2( ) 200 2000 3.3 6.3 11.2 36 0.15 2000 0.5 2.5 5.0 2.5 ECA2CHG3R3( ) 200 2000 4.7 6.3 11.2 43 0.15 2000 0.5 2.5 5.0 2.5 ECA2CHG4R7( ) 200 2000 10 10 12.5 70 0.15 2000 0.6 5.0 5.0 ECA2CHG100( ) 200 500 22 10 20 130 0.15 2000 0.6 5.0 5.0 ECA2CHG220( ) 200 500 33 10 20 180 0.15 2000 0.6 5.0 5.0 ECA2CHG330( ) 200 500 47 12.5 20 220 0.152000 0.6 5.0 5.0 ECA2CHG470( ) 200 500 100 16 25 335 0.15 2000 0.8 7.5 7.5 ECA2CHG101( ) 100 250 220 16 31.5 540 0.15 2000 0.8 7.5 ECA2CHG221 100 330 18 31.5 705 0.15 2000 0.8 7.5 ECA2CHG331 50 200 16.3 11.2 17 0.15 2000 0.5 2.5 5.0 2.5 ECA2DHG010( ) 200 2000 2.2 6.3 11.2 25 0.15 2000 0.5 2.5 5.0 2.5 ECA2DHG2R2( ) 200 2000 3.3 6.3 11.2 36 0.15 2000 0.5 2.5 5.0 2.5 ECA2DHG3R3( ) 200 2000 4.7 8 11.5 50 0.15 2000 0.6 3.5 5.0 ECA2DHG4R7( ) 200 1000 10 10 16 80 0.15 2000 0.6 5.0 5.0 ECA2DHG100( ) 200 500 22 10 20 140 0.15 2000 0.6 5.0 5.0 ECA2DHG220( ) 200 500 33 12.5 20 190 0.152000 0.6 5.0 5.0 ECA2DHG330( ) 200 500 47 12.5 20 220 0.152000 0.6 5.0 5.0 ECA2DHG470( ) 200 500 100 16 25 335 0.15 2000 0.8 7.5 7.5 2.5 ECA2DHG101( ) 100 250 220 18 31.5 575 0.15 2000 0.8 7.5 ECA2DHG221 50 250 16.3 11.2 17 0.15 2000 0.5 2.5 5.0 2.5 ECA2EHG010( ) 200 2000 2.2 6.3 11.2 29 0.15 2000 0.5 2.5 5.0 2.5 ECA2EHG2R2( ) 200 2000 3.3 8 11.5 42 0.15 2000 0.6 3.5 5.0 ECA2EHG3R3 200 1000 4.7 8 11.5 50 0.15 2000 0.6 3.5 5.0 ECA2EHG4R7( ) 200 1000 10 10 16 88 0.15 2000 0.6 5.0 5.0 ECA2EHG100( ) 200 500 22 12.5 20 155 0.152000 0.6 5.0 5.0 ECA2EHG220( ) 200 500 33 12.5 20 190 0.152000 0.6 5.0 5.0 ECA2EHG330( ) 200 500 47 12.5 25 230 0.152000 0.6 5.0 5.0 ECA2EHG470( ) 200 500 100 16 31.5 365 0.15 2000 0.8 7.5 ECA2EHG101 100 350 16.3 11.2 18 0.20 2000 0.5 2.5 5.0 2.5 ECA2VHG010( ) 200 2000 2.2 8 11.5 31 0.20 2000 0.6 3.5 5.0 ECA2VHG2R2( ) 200 1000 3.3 10 12.5 38 0.202000 0.6 5.0 5.0 ECA2VHG3R3( ) 200 500 4.7 10 16 50 0.20 2000 0.6 5.0 5.0 ECA2VHG4R7( ) 200 500 10 10 20 82 0.20 2000 0.6 5.0 5.0 ECA2VHG100( ) 200 500 22 12.5 20 130 0.202000 0.6 5.0 5.0 ECA2VHG220( ) 200 500 33 16 25 195 0.20 2000 0.8 7.5 7.5 ECA2VHG330( ) 100 250 47 16 25 230 0.20 2000 0.8 7.5 7.5 ECA2VHG470( ) 100 250 100 18 31.5 375 0.20 2000 0.8 7.5 ECA2VHG101 50 When requesting taped product, please put the letter "B" or "i" between the "( )". Lead wire pitch B=5 mm, 7.5 mm, i=2.5 mm. The taping dimensions are explained on p.178 of our Catalog. Please use it as a reference guide. Jul. 2008 |
Similar Part No. - ECA1AHG472 |
|
Similar Description - ECA1AHG472 |