Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D229C20C0JH6.L2R Datasheet(PDF) 6 Page - Vishay Siliconix

Part # D229C20C0JH6.L2R
Description  Ceramic Disc Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D229C20C0JH6.L2R Datasheet(HTML) 6 Page - Vishay Siliconix

  D229C20C0JH6.L2R Datasheet HTML 1Page - Vishay Siliconix D229C20C0JH6.L2R Datasheet HTML 2Page - Vishay Siliconix D229C20C0JH6.L2R Datasheet HTML 3Page - Vishay Siliconix D229C20C0JH6.L2R Datasheet HTML 4Page - Vishay Siliconix D229C20C0JH6.L2R Datasheet HTML 5Page - Vishay Siliconix D229C20C0JH6.L2R Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - D229C20C0JH6.L2R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D229C20C0JH6.L2R VISHAY-D229C20C0JH6.L2R Datasheet
326Kb / 7P
   D Series
Revision: 07-Jan-10
D229C20C0JH6.L2R VISHAY-D229C20C0JH6.L2R Datasheet
321Kb / 6P
   D Series Narrow Tolerance
Revision: 07-Jan-10
D229C20C0JH6.L2R VISHAY-D229C20C0JH6.L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D229C20C0JH6.L2R VISHAY-D229C20C0JH6.L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D229C20C0JH6.L2R VISHAY-D229C20C0JH6.L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors Class 1, 100 VDC, Narrow Tolerance
Revision: 07-Jan-10
More results

Similar Description - D229C20C0JH6.L2R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
   Ceramic Disc Capacitors
logo
MERITEK ELECTRONICS COR...
CCNPO101J50V5B1 MERITEK-CCNPO101J50V5B1 Datasheet
337Kb / 6P
   Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
   Disc Ceramic Capacitors
logo
List of Unclassifed Man...
MCBU ETC2-MCBU Datasheet
135Kb / 4P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD2 NIC-NCD2 Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
NCD4 NIC-NCD4 Datasheet
100Kb / 4P
   Ceramic Disc Capacitors
logo
AVX Corporation
5GK180JABAA AVX-5GK180JABAA Datasheet
61Kb / 3P
   Disc Ceramic Capacitors
logo
Mallory performance clu...
GT415 MALLORY-GT415 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com