Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D479C20C0HH6.L2R Datasheet(PDF) 2 Page - Vishay Siliconix

Part # D479C20C0HH6.L2R
Description  Ceramic Disc Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D479C20C0HH6.L2R Datasheet(HTML) 2 Page - Vishay Siliconix

  D479C20C0HH6.L2R Datasheet HTML 1Page - Vishay Siliconix D479C20C0HH6.L2R Datasheet HTML 2Page - Vishay Siliconix D479C20C0HH6.L2R Datasheet HTML 3Page - Vishay Siliconix D479C20C0HH6.L2R Datasheet HTML 4Page - Vishay Siliconix D479C20C0HH6.L2R Datasheet HTML 5Page - Vishay Siliconix D479C20C0HH6.L2R Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Document Number: 28512
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 07-Jan-10
35
D Series Narrow Tolerance
Ceramic Disc Capacitors
Class 1, 100 VDC, Narrow Tolerance
Vishay BCcomponents
ORDERING INFORMATION, CLASS 1, 100 VDC, KINKED AND STRAIGHT
C (PF)
TOL. (%)
DMAX.
(mm)
LEAD SPACING
F
(mm)
SH/DRMAX. (1)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
CLASS 1 NP0
1.5
± 0.25 pF
5.0
5.0
4.0
D159C20C0KH6.J5R
2.5
1.5
D159C20C0KH6.L2R
1.8
5.0
4.0
D189C20C0KH6.J5R
2.5
1.5
D189C20C0KH6.L2R
2.2
5.0
4.0
D229C20C0JH6.J5R
2.5
1.5
D229C20C0JH6.L2R
3.3
5.0
4.0
D339C20C0JH6.J5R
2.5
1.5
D339C20C0JH6.L2R
4.7
5.0
4.0
D479C20C0HH6.J5R
2.5
1.5
D479C20C0HH6.L2R
6.8
5.0
4.0
D689C20C0HH6.J5R
2.5
1.5
D689C20C0HH6.L2R
10
± 2
5.0
4.0
D100G20C0GH6.J5R
2.5
1.5
D100G20C0GH6.L2R
15
5.0
4.0
D150G20C0GH6.J5R
2.5
1.5
D150G20C0GH6.L2R
22
5.0
4.0
D220G20C0GH6.J5R
2.5
1.5
D220G20C0GH6.L2R
33
5.0
4.0
D330G20C0GH6.J5R
2.5
1.5
D330G20C0GH6.L2R
47
± 2
6.5
5.0
4.0
D470G25C0GH6.J5R
2.5
1.5
D470G25C0GH6.L2R
68
5.0
4.0
D680G25C0GH6.J5R
2.5
1.5
D680G25C0GH6.L2R
100
7.5
5.0
4.0
D101G29C0GH6.J5R
2.5
1.5
D101G29C0GH6.L2R
150
8.5
5.0
4.0
D151G33C0GH6.J5R
2.5
1.5
D151G33C0GH6.L2R
220
11.0
5.0
4.0
D221G43C0GH6.J5R
2.5
1.5
D221G43C0GH6.L2R
CLASS 1 N750
6.8
± 0.25 pF
5.5
5.0
4.0
D689C20U2JH6.J5R
2.5
1.5
D689C20U2JH6.L2R
10
± 2
5.0
4.0
D100G20U2JH6.J5R
2.5
1.5
D100G20U2JH6.L2R
15
5.0
4.0
D150G20U2JH6.J5R
2.5
1.5
D150G20U2JH6.L2R
22
5.0
4.0
D220G20U2JH6.J5R
2.5
1.5
D220G20U2JH6.L2R
33
5.0
4.0
D330G20U2JH6.J5R
2.5
1.5
D330G20U2JH6.L2R
47
5.0
4.0
D470G20U2JH6.J5R
2.5
1.5
D470G20U2JH6.L2R
68
6.5
5.0
4.0
D680G25U2JH6.J5R
2.5
1.5
D680G25U2JH6.L2R


Similar Part No. - D479C20C0HH6.L2R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D479C20C0HH6.L2R VISHAY-D479C20C0HH6.L2R Datasheet
326Kb / 7P
   D Series
Revision: 07-Jan-10
D479C20C0HH6.L2R VISHAY-D479C20C0HH6.L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D479C20C0HH6.L2R VISHAY-D479C20C0HH6.L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D479C20C0HH6.L2R VISHAY-D479C20C0HH6.L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors Class 1, 100 VDC, Narrow Tolerance
Revision: 07-Jan-10
D479C20C0HH6.L2R VISHAY-D479C20C0HH6.L2R Datasheet
323Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
More results

Similar Description - D479C20C0HH6.L2R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
   Ceramic Disc Capacitors
logo
MERITEK ELECTRONICS COR...
CCNPO101J50V5B1 MERITEK-CCNPO101J50V5B1 Datasheet
337Kb / 6P
   Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
   Disc Ceramic Capacitors
logo
List of Unclassifed Man...
MCBU ETC2-MCBU Datasheet
135Kb / 4P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD2 NIC-NCD2 Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
NCD4 NIC-NCD4 Datasheet
100Kb / 4P
   Ceramic Disc Capacitors
logo
AVX Corporation
5GK180JABAA AVX-5GK180JABAA Datasheet
61Kb / 3P
   Disc Ceramic Capacitors
logo
Mallory performance clu...
GT415 MALLORY-GT415 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com