Electronic Components Datasheet Search |
|
ECKDNS223ZV Datasheet(PDF) 6 Page - Panasonic Semiconductor |
|
ECKDNS223ZV Datasheet(HTML) 6 Page - Panasonic Semiconductor |
6 / 6 page Ceramic Disc Capacitors (Type NS-B) s Dimensions in mm (not to scale) s Typical Temperature Characteristics s Ratings and Characteristics * n Capacitance tolerance code, “K” for ±10% or “M” for ±20% ** Radial taped versions are available on request. ECKDNS103ME ECKDNS472ZV ECKDNS103ZV ECKDNS223ZV Part Number Temperature Characteristics Capacitance Tolerance (%) D max. d F E/Y5U/2E4 V/Z5V V/Z5V V/Z5V 10000 4700 10000 22000 ±20 +80, –20 +80, –20 +80, –20 22.0 12.0 17.5 24.0 0.65 0.65 0.65 0.65 10.0 7.5 10.0 10.0 Dimensions in mm Nominal Capacitance (pF) Regarding previous recognized capacitors “Type NS” • Following previous recognized capacitors “Type NS” (4 items) in the table are applicable to UL (125V) and CSA. • Following capacitors “Type NS” (4 items) do not conform to “New European Safety Standards” based on IEC384-14, 2nd edition. ECKDNB101 B ECKDNB221 B ECKDNB331 B ECKDNB471 B ECKDNB102 B ECKDNB152 B ECKDNB222 B ECKDNB332 B ECKDNB472 B Part Number Temperature Characteristics Capacitance Nominal Capacitance (pF) Tolerance (%) D max. d F B/Y5P/2B4 B/Y5P/2B4 B/Y5P/2B4 B/Y5P/2B4 B/Y5P/2B4 E/Y5U/2E4 E/Y5U/2E4 E/Y5U/2E4 E/Y5U/2E4 100 220 330 470 1000 1500 2200 3300 4700 ±10 or ±20 ±10 or ±20 ±10 or ±20 ±10 or ±20 ±10 or ±20 ±20 ±20 ±20 ±20 10.5 10.5 10.5 10.5 10.5 10.5 10.5 13.0 16.0 0.65 0.65 0.65 0.65 0.65 0.65 0.65 0.65 0.65 7.5 7.5 7.5 7.5 7.5 7.5 7.5 10.0 10.0 Dimensions in mm 80 –20 0 20 40 60 +20 0 –20 –40 –60 –80 Temperature ( °C) B char E char E B 7.0 max. d ± 0.05 F D max. Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety issues arises from this product, please inform us immediately for technical consultation. |
Similar Part No. - ECKDNS223ZV |
|
Similar Description - ECKDNS223ZV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |