Electronic Components Datasheet Search |
|
RN70C10R0BBSL88 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
RN70C10R0BBSL88 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 5 page CMF (Military RN and RL) www.vishay.com Vishay Dale Revision: 02-May-13 1 Document Number: 31027 For technical questions, contact: ff2aresistors@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL FEATURES • Very low noise (- 40 dB) • Very low voltage coefficient (5 ppm/V) • Controlled temperature coefficient • Flame retardant epoxy coating • Commercial alternatives to military styles are available with higher power ratings. See CMF Industrial data sheet: (www.vishay.com/doc?31018) Notes (1) Continuous working voltage shall be or maximum working voltage, whichever is less. (2) Formerly rated at 1 W and is the direct replacement for RN70 of MIL-R-10509 rev. D. (3) Tolerances of ± 0.1 %, ± 0.25 % and ± 0.5 % are not applicable to characteristic D. STANDARD ELECTRICAL SPECIFICATIONS GLOBAL MODEL MIL STYLE MIL SPEC. SHEET POWER RATING P70 °C W POWER RATING P125 °C W MAX. WORKING VOLTAGE (1) V RESISTANCE RANGE MIL-R-10509 ± 100 ppm/°C (D) RESISTANCE RANGE MIL-R-10509 ± 50 ppm/°C (C) RESISTANCE RANGE MIL-R-10509 ± 25 ppm/°C (E) RESISTANCE RANGE MIL-PRF-22684 TOL. (3) ± % DIELECTRIC STRENGTH VAC CMF50 RN50 08 - 0.05 200 - 10 to 100K 10 to 100K - 0.1, 0.25, 0.5, 1 450 CMF55 RN55 07 0.125 0.10 200 10 to 301K 49.9 to 100K 49.9 to 100K - 0.1, 0.25, 0.5, 1 450 CMF60 RN60 01 0.25 0.125 300 10 to 1M 49.9 to 499K 49.9 to 499K - 0.1, 0.25, 0.5, 1 500 CMF65 RN65 02 0.50 0.25 350 10 to 2M 49.9 to 1M 49.9 to 1M - 0.1, 0.25, 0.5, 1 900 CMF70 RN70 03 0.75 (2) 0.50 500 10 to 2.49M 24.9 to 1M 24.9 to 1M - 0.1, 0.25, 0.5, 1 900 CMF07 RL07 01 0.25 - 250 - - - 51 to 150K 2, 5 450 CMF20 RL20 02 0.50 - 350 - - - 4.3 to 470K 2, 5 700 TECHNICAL SPECIFICATIONS PARAMETER UNIT CONDITION Voltage Coefficient ppm/V 5 when measured between 10 % and full rated voltage Insulation Resistance 1010 min. dry; 108 min. after moisture test Operating Temperature Range °C - 65/+ 175 (see derating curves for military range) Terminal Strength Ib 5 pound pull test for RL07/RL20; 2 pound pull test for all others Solderability Continuous satisfactory coverage when tested in accordance with MIL-R-10509 and MIL-PRF-22684 P x R |
Similar Part No. - RN70C10R0BBSL88 |
|
Similar Description - RN70C10R0BBSL88 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |