Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFC237353104 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # BFC237353104
Description  DC Film Capacitors MKT Radial Potted Type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC237353104 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button BFC237353104 Datasheet HTML 3Page - Vishay Siliconix BFC237353104 Datasheet HTML 4Page - Vishay Siliconix BFC237353104 Datasheet HTML 5Page - Vishay Siliconix BFC237353104 Datasheet HTML 6Page - Vishay Siliconix BFC237353104 Datasheet HTML 7Page - Vishay Siliconix BFC237353104 Datasheet HTML 8Page - Vishay Siliconix BFC237353104 Datasheet HTML 9Page - Vishay Siliconix BFC237353104 Datasheet HTML 10Page - Vishay Siliconix BFC237353104 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MKT373
www.vishay.com
Vishay BCcomponents
Revision: 21-Nov-12
7
Document Number: 28193
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• SPQ = Standard Packing Quantity
(1) Reel diameter = 356 mm is available on request
(2) H = In-tape height; P0 = Sprocket hole distance; for detailed specifications refer to packaging information: www.vishay.com/doc?28139
(3) Weight for short lead product only
ELECTRICAL DATA - AVAILABLE ON REQUEST
URDC
(V)
C
(μF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (3)
CATALOG NUMBER BFC2 373 XXYYY AND PACKAGING
LOOSE IN BOX
REEL (1)(2)
lt = 5.0 mm ± 1.0 mm
H = 18.5 mm
C-TOL. = ± 10 % C-TOL. = ± 5 %
SPQ
C-TOL. = ± 10 % C-TOL. = ± 5 %
SPQ
100
URAC = 63 V; PITCH = 22.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
1.5
6.0 x 15.5 x 26.0
2.7
90012
90013
300
90018
90019
600
1.8
7.0 x 16.5 x 26.0
3.3
90022
90023
200
90028
90029
550
2.2
90002
90003
90008
90009
URAC = 63 V; PITCH = 27.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
4.7
9.0 x 19.0 x 31.0
6.1
90032
90033
100
-
250
URAC = 160 V; PITCH = 22.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
0.47
6.0 x 15.5 x 26.0
2.7
90042
90046
300
90048
90049
600
0.56
90052
90053
90058
90059
0.68
90062
90063
90068
90069
0.82
7.0 x 16.5 x 26.0
3.3
90072
90073
200
90078
90079
550
1.0
90082
90083
90088
90089
URAC = 160 V; PITCH = 27.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
1.2
9.0 x 19.0 x 31.5
6.1
90172
90173
100
-
1.5
90092
90093
1.8
9.0 x 21.0 x 31.0
8.2
90102
90103
100
-
2.2
90112
90113
400
URAC = 220 V; PITCH = 22.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
0.22
6.0 x 15.5 x 26.0
2.7
90122
90123
300
90128
90129
600
0.27
7.0 x 16.5 x 26.0
3.3
90132
90133
200
90138
90139
550
0.33
90142
90143
90148
90149
URAC = 220 V; PITCH = 27.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
0.68
9.0 x 19.0 x 31.5
6.1
90152
90153
100
-


Similar Part No. - BFC237353104

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC237321335 VISHAY-BFC237321335 Datasheet
172Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
More results

Similar Description - BFC237353104

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC237021473 VISHAY-BFC237021473 Datasheet
196Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 17-May-13
MKT373M VISHAY-MKT373M Datasheet
158Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
222237353105 VISHAY-222237353105 Datasheet
162Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
MKT370 VISHAY-MKT370_09 Datasheet
171Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 04-Aug-09
BFC237321335 VISHAY-BFC237321335 Datasheet
172Kb / 14P
   DC Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-12
MKT371 VISHAY-MKT371 Datasheet
258Kb / 28P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT1820 VISHAY-MKT1820_08 Datasheet
130Kb / 12P
   DC Film Capacitor MKT Radial Potted Type
Revision: 23-Oct-08
MKT370 VISHAY-MKT370 Datasheet
188Kb / 18P
   DC Film Capacitor MKT Radial Potted Type
Revision: 17-Nov-08
MKT372 VISHAY-MKT372 Datasheet
302Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
F17723222000 VISHAY-F17723222000 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 17-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com