Electronic Components Datasheet Search |
|
ECJ1VG1H221 Datasheet(PDF) 7 Page - Panasonic Semiconductor |
|
ECJ1VG1H221 Datasheet(HTML) 7 Page - Panasonic Semiconductor |
7 / 12 page – EC14 – Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Multilayer Ceramic Capacitors(For General Usage) ■ Standard Products for EIA “0402”, Taped Version ● Class 1 ◆ Temperature Characteristic Code : C (Temp. Char. : C∆) Rated voltage DC 50 V Capaci- tance (pF) Capacitance Tolerance Part No. Dim. T (mm) Temp. Char. CK CJ CH CG 0.5 ±0.25 pF (C) ECJ0EC1H0R5C 0.5 —— — 1 ±0.25 pF (C) or ±0.5 pF (D) ECJ0EC1H010 0.5 —— — 1.5 ECJ0EC1H1R5 0.5 —— — 2 ECJ0EC1H020 0.5 —— — 3 ECJ0EC1H030 0.5 — —— 4 ECJ0EC1H040 0.5 — — — 5 ECJ0EC1H050 0.5 — — — 6 ±0.5 pF(D) ECJ0EC1H060D 0.5 — — — 7 ECJ0EC1H070D 0.5 — — — 8 ECJ0EC1H080D 0.5 — — — 9 ECJ0EC1H090D 0.5 — — — 10 ±0.5 pF (D) or ±1 pF (F) ECJ0EC1H100 0.5 — — 12 ±5 % (J) or ±10 % (K) ECJ0EC1H120 0.5 — — 15 ECJ0EC1H150 0.5 — — 18 ECJ0EC1H180 0.5 — — 22 ECJ0EC1H220 0.5 — — 27 ECJ0EC1H270 0.5 — — 33 ECJ0EC1H330 0.5 — — 39 ECJ0EC1H390 0.5 — — 47 ECJ0EC1H470 0.5 — — 56 ECJ0EC1H560 0.5 — — 68 ECJ0EC1H680 0.5 — — 82 ECJ0EC1H820 0.5 — — 100 ECJ0EC1H101 0.5 — — 120 ECJ0EC1H121 0.5 — — 150 ECJ0EC1H151 0.5 — — 180 ECJ0EC1H181 0.5 — — 220 ECJ0EC1H221 0.5 — — : Capacitance tolerance code. Standard packaging quantity of Packaging Style Code “E” (T = 0.5 mm): 10,000 pcs./reel. Recommend soldering method: Reflow soldering. Rated voltage DC 50 V Capaci- tance (pF) Capacitance Tolerance Part No. Dim. T (mm) Temp. Char. SL 0.5 ±0.25 pF (C) ECJ0EG1H0R5C 0.5 1 ±0.25 pF (C) or ±0.5 pF (D) ECJ0EG1H010 0.5 1.5 ECJ0EG1H1R5 0.5 2 ECJ0EG1H020 0.5 3 ECJ0EG1H030 0.5 4 ECJ0EG1H040 0.5 5 ECJ0EG1H050 0.5 6 ±0.5 pF(D) ECJ0EG1H060D 0.5 7 ECJ0EG1H070D 0.5 8 ECJ0EG1H080D 0.5 9 ECJ0EG1H090D 0.5 10 ±0.5 pF (D) or ±1 pF (F) ECJ0EG1H100 0.5 12 ±5 % (J) or ±10 % (K) ECJ0EG1H120 0.5 15 ECJ0EG1H150 0.5 18 ECJ0EG1H180 0.5 22 ECJ0EG1H220 0.5 27 ECJ0EG1H270 0.5 33 ECJ0EG1H330 0.5 39 ECJ0EG1H390 0.5 47 ECJ0EG1H470 0.5 56 ECJ0EG1H560 0.5 68 ECJ0EG1H680 0.5 82 ECJ0EG1H820 0.5 100 ECJ0EG1H101 0.5 120 ECJ0EG1H121 0.5 150 ECJ0EG1H151 0.5 180 ECJ0EG1H181 0.5 220 ECJ0EG1H221 0.5 ◆ Temperature Characteristic Code : G (Temp. Char. : SL) Sep. 2008 00 |
Similar Part No. - ECJ1VG1H221 |
|
Similar Description - ECJ1VG1H221 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |