Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HG2-AC240V-F Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # HG2-AC240V-F
Description  TYPICAL APPLICATIONS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HG2-AC240V-F Datasheet(HTML) 9 Page - Panasonic Semiconductor

  HG2-AC240V-F Datasheet HTML 1Page - Panasonic Semiconductor HG2-AC240V-F Datasheet HTML 2Page - Panasonic Semiconductor HG2-AC240V-F Datasheet HTML 3Page - Panasonic Semiconductor HG2-AC240V-F Datasheet HTML 4Page - Panasonic Semiconductor HG2-AC240V-F Datasheet HTML 5Page - Panasonic Semiconductor HG2-AC240V-F Datasheet HTML 6Page - Panasonic Semiconductor HG2-AC240V-F Datasheet HTML 7Page - Panasonic Semiconductor HG2-AC240V-F Datasheet HTML 8Page - Panasonic Semiconductor HG2-AC240V-F Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
HG
Discontinued as of August 31, 2012
9
ds_61C08_en_hg: 011111D
OTHER WAYS TO MOUNT RELAYS
TERMINAL SOCKET (SOCKET) COMBINATION
Because the pole numbers of the terminal sockets (sockets) are interchangeable,
different terminal sockets (sockets) can be used in combination.
NOTES
For Cautions for Use, see Relay Technical Information.
With 4-pole HG relays, use two HG2-Terminal sockets
for DIN rail assembly side by side.
Schematic for terminal socket and relay
With a relay mounted
Note: Hold-down clip is packaged with the terminal socket.
Note: The plain numbers
denote the terminal
socket terminal
number. The white
numbers in black
circles denote the
relay terminal
number.
HG4
(TOP VIEW)
1
8
4
36
27
5
1
8
4
36
27
5
1
11
15
10
9
14
8
67
12
2
3
45
With direct mounting by cover tapping
(Tab terminal connection)
Compatible with #250 series
2-3.5 dia. hole
2-.138 dia.
.118 dia.
3 dia. tapping screw
A
HG2: 15mm
HG3: 17mm
HG4: 34mm
.591inch
.669inch
1.339inch
(Dimension A)
HG2
Mounting hole diagram
HG2
HG2
HG2 main unit + HG2 main unit + HG2 main unit Æ HG3 terminal socket + HG3 terminal socket
HG2
HG3
HG3
HG4
HG3 main unit + HG3 main unit Æ HG2 terminal socket + HG2 terminal socket + HG2 terminal socket
HG4 main unit Æ HG2 terminal socket + HG2 terminal socket
1. Hold-down clip
Please use the hold-down clip whenever
HG relays will be used in applications
where strong vibrating or shock force
occurs.
2. Mounting direction
There is no restriction on the mounting
direction. However, if the mounted relay
will be susceptible to strong vibrations or
shocks, to avoid influence on switching
operations, mount so that the direction of
vibration and shock are not in line with
the direction of contact switching. (In
direction of contact switching operation,
resistance to external shock is more than
98 m/s2). Moreover, if the mounted relay
is likely to be susceptible to strong
vibrations or shocks, be sure to fit the
hold-down clip.
3. Environment
Avoid use in adverse conditions, such as
where there is exposure to harmful gas,
or where ambient temperatures are high
(more than 40
C).
4. Do not insert or remove relays into
or out of live circuits.
5. To prevent damage or distortion,
when tightening fixing screws, the
optimum torque range should be 1.176
to 1.37 N·m (12 to 14 kgf·cm).


Similar Part No. - HG2-AC240V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HG2-AC240V PANASONIC-HG2-AC240V Datasheet
222Kb / 5P
   20 AMP POWER RELAY
More results

Similar Description - HG2-AC240V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HL1-HTM-AC240V PANASONIC-HL1-HTM-AC240V Datasheet
151Kb / 7P
   TYPICAL APPLICATIONS
logo
Vectron International, ...
C1300 VECTRON-C1300_09 Datasheet
144Kb / 4P
   Typical Applications
C1310 VECTRON-C1310_07 Datasheet
217Kb / 7P
   Typical Applications
C4650 VECTRON-C4650_05 Datasheet
309Kb / 3P
   TYPICAL APPLICATIONS
C1250 VECTRON-C1250_09 Datasheet
133Kb / 4P
   Typical Applications
C2260 VECTRON-C2260_06 Datasheet
149Kb / 6P
   Typical Applications
logo
Panasonic Semiconductor
AQP812 PANASONIC-AQP812 Datasheet
180Kb / 7P
   TYPICAL APPLICATIONS
logo
Rohm
BA3920 ROHM-BA3920 Datasheet
358Kb / 8P
   Block Diagram of Typical Applications
logo
DIYI Electronic Technol...
BT151 DYELEC-BT151 Datasheet
2Mb / 5P
   Typical applications include motor control
logo
List of Unclassifed Man...
FK-130RH ETC-FK-130RH Datasheet
31Kb / 1P
   Typical Applications / Office Automation Equipments
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com