Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HG2-DC100V-F Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # HG2-DC100V-F
Description  TYPICAL APPLICATIONS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HG2-DC100V-F Datasheet(HTML) 4 Page - Panasonic Semiconductor

  HG2-DC100V-F Datasheet HTML 1Page - Panasonic Semiconductor HG2-DC100V-F Datasheet HTML 2Page - Panasonic Semiconductor HG2-DC100V-F Datasheet HTML 3Page - Panasonic Semiconductor HG2-DC100V-F Datasheet HTML 4Page - Panasonic Semiconductor HG2-DC100V-F Datasheet HTML 5Page - Panasonic Semiconductor HG2-DC100V-F Datasheet HTML 6Page - Panasonic Semiconductor HG2-DC100V-F Datasheet HTML 7Page - Panasonic Semiconductor HG2-DC100V-F Datasheet HTML 8Page - Panasonic Semiconductor HG2-DC100V-F Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HG
Discontinued as of August 31, 2012
4
ds_61C08_en_hg: 011111D
REFERENCE DATA
DIMENSIONS(mm inch)
1. Switching capacity range
10
100
500
1,000
0.1
1
10
20
DC inductive
load (L/R=7ms)
AC inductive
load (cos
ϕ=0.4)
DC resistive
load
AC resistive
load
Contact voltage, V
Download
from our Web site.
CAD Data
CAD Data
2 Form C
CAD Data
External dimensions
General tolerance:
0.5 .020
17
.669
7.26
.286
7.5
.295
10.5
.413
.276
7
.807
20.5
.331
8.4
15
.591
16
.630
56
2.205
8.5
.335
4
.157
34
1.339
36
1.417
.276
7
2.5 dia. 9 deep hole for
3 dia. tapping screw
.098 dia. .354 deep hole for
.118 dia. tapping screw
2.5 dia. 8 deep hole for
3 dia. tapping screw
.098 dia. .315 deep hole for
.118 dia. tapping screw
Compatible with tab terminal
#250 series receptacle.
Schematic (Bottom view)
7
8
5
6
1
4
3
2
3 Form C
CAD Data
External dimensions
General tolerance:
0.5 .020
.807
20.5
.331
.331
8.4
8.4
17
.669
16
.630
.276
7
56
2.205
8.5
.335
4
.157
50
1.969
36
1.417
17
17
.669 .669
7.26
.286
7.5
.295
10.5
.413
.276
7
Compatible with tab terminal
#250 series receptacle.
2.5 dia. 9 deep hole for
3 dia. tapping screw
.098 dia. .354 deep hole for
.118 dia. tapping screw
2.5 dia. 8 deep hole for
3 dia. tapping screw
.098 dia. .315 deep hole for
.118 dia. tapping screw
Schematic (Bottom view)
10
11
8
9
3
7
6
1
5
4
2


Similar Part No. - HG2-DC100V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HG2-DC110V PANASONIC-HG2-DC110V Datasheet
222Kb / 5P
   20 AMP POWER RELAY
HG2-DC12V PANASONIC-HG2-DC12V Datasheet
222Kb / 5P
   20 AMP POWER RELAY
More results

Similar Description - HG2-DC100V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HL1-HTM-AC240V PANASONIC-HL1-HTM-AC240V Datasheet
151Kb / 7P
   TYPICAL APPLICATIONS
logo
Vectron International, ...
C1300 VECTRON-C1300_09 Datasheet
144Kb / 4P
   Typical Applications
C1310 VECTRON-C1310_07 Datasheet
217Kb / 7P
   Typical Applications
C4650 VECTRON-C4650_05 Datasheet
309Kb / 3P
   TYPICAL APPLICATIONS
C1250 VECTRON-C1250_09 Datasheet
133Kb / 4P
   Typical Applications
C2260 VECTRON-C2260_06 Datasheet
149Kb / 6P
   Typical Applications
logo
Panasonic Semiconductor
AQP812 PANASONIC-AQP812 Datasheet
180Kb / 7P
   TYPICAL APPLICATIONS
logo
Rohm
BA3920 ROHM-BA3920 Datasheet
358Kb / 8P
   Block Diagram of Typical Applications
logo
DIYI Electronic Technol...
BT151 DYELEC-BT151 Datasheet
2Mb / 5P
   Typical applications include motor control
logo
List of Unclassifed Man...
FK-130RH ETC-FK-130RH Datasheet
31Kb / 1P
   Typical Applications / Office Automation Equipments
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com