Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A820K15C0GF5TAA Datasheet(PDF) 6 Page - Vishay Siliconix

Part # A820K15C0GF5TAA
Description  Axial Leaded Multilayer Ceramic Capacitors for General Purpose
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

A820K15C0GF5TAA Datasheet(HTML) 6 Page - Vishay Siliconix

  A820K15C0GF5TAA Datasheet HTML 1Page - Vishay Siliconix A820K15C0GF5TAA Datasheet HTML 2Page - Vishay Siliconix A820K15C0GF5TAA Datasheet HTML 3Page - Vishay Siliconix A820K15C0GF5TAA Datasheet HTML 4Page - Vishay Siliconix A820K15C0GF5TAA Datasheet HTML 5Page - Vishay Siliconix A820K15C0GF5TAA Datasheet HTML 6Page - Vishay Siliconix A820K15C0GF5TAA Datasheet HTML 7Page - Vishay Siliconix A820K15C0GF5TAA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A Series
www.vishay.com
Vishay BCcomponents
Revision: 16-Aug-12
6
Document Number: 45164
For technical questions, contact: cmll@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Inside tape spacing 26.0 mm + 1.51 mm/- 0.0 mm is available on request
REEL DATA
A maximum of 0.5 % of the total number of capacitors per
reel may be missing.
A maximum of 1 consecutive vacant positions is followed by
6 consecutive components.
Tape begins and ends with a minimum of 4 empty positions
(180 mm tape).
Maximum of 5 splicers per reel.
REEL
CAPACITORS ON BANDOLIER FOR DIPPED AXIAL
PARAMETER
SYMBOL
DIMENSIONS
mm
INCH
Inside tape spacing
B (1)
52.4 ± 1.5
2.062 ± 0.059
Center to tape spacing
C
± 0.8
± 0.031
Cumulative pitch, 6 consecutive components
P
± 1.5
± 0.059
Components pitch
A
5 ± 0.5
0.197 ± 0.015
Lead bend
M
< 1.2
< 0.047
Exposed adhesive
S
< 0.51
> 0.020
Tape width
T
6.35
0.250
Lead sandwich
H
> 3.96
> 0.156
B
T
A
M
H
C
P
S
69.85 ± 1.5
Direction
of
unreeling
Arbor hole
Ø 28 ± 1.5
355.6
Max.


Similar Part No. - A820K15C0GF5TAA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
A82015C0GL5 VISHAY-A82015C0GL5 Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
logo
Allegro MicroSystems
A8205SLH ALLEGRO-A8205SLH Datasheet
122Kb / 8P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
December 6, 1999
logo
List of Unclassifed Man...
A820J15C0GF5UAA ETC1-A820J15C0GF5UAA Datasheet
604Kb / 14P
   Leaded ceramic multilayer capacitors
More results

Similar Description - A820K15C0GF5TAA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
A222J20C0G VISHAY-A222J20C0G Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose
Revision: 20-Aug-13
logo
Kemet Corporation
C410C105K3R5TA9170 KEMET-C410C105K3R5TA9170 Datasheet
2Mb / 12P
   Axial Leaded Multilayer Ceramic Capacitors
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com