Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSK-T15-JU Datasheet(PDF) 4 Page - CUI INC

Part # VSK-T15-JU
Description  AC-DC POWER SUPPLY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSK-T15-JU Datasheet(HTML) 4 Page - CUI INC

  VSK-T15-JU Datasheet HTML 1Page - CUI INC VSK-T15-JU Datasheet HTML 2Page - CUI INC VSK-T15-JU Datasheet HTML 3Page - CUI INC VSK-T15-JU Datasheet HTML 4Page - CUI INC VSK-T15-JU Datasheet HTML 5Page - CUI INC VSK-T15-JU Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
cui.com
date 01/29/2013
│ page 4 of 6
CUI Inc
│ SERIES: VSK 15W │ DESCRIPTION: AC-DC POWER SUPPLY
BOTTOM VIEW
8
3
2
4
4.00.157
0.689
17.5
0.157
(2 PLCS)
0.197
5.0
2.126
54.0
4.0
45.01.772
(TYP)
62.0 2.441
6.0 0.236
22.5 0.886
1
0.689
17.5
7
5
5
MECHANICAL DRAWING
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
2.44 x 1.77 x 0.88 (62.0 x 45.0 x 22.5 mm)
inch
weight
80
g
case material
UL94V-0
units: mm [inches]
tolerance: ±0.5 [±0.02]
pin diameter: 1.00±0.05mm
PIN CONNECTIONS
PIN
FUNCTION
Single
Dual
Isolated and separated twin
Triple
1
NP
GND
GND
GND
2
AC(N)
AC(N)
AC(N)
AC(N)
3
AC(L)
AC(L)
AC(L)
AC(L)
4
-Vo
-Vo
-Vo1
-Vo1
5
NP
NP
+Vo1
+Vo1
6
NP
COM
NP
-Vo2
7
NP
NP
-Vo2
COM
8
+Vo
+Vo
+Vo2
+Vo2


Similar Part No. - VSK-T15-JU

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSK-S1 CUI-VSK-S1 Datasheet
176Kb / 4P
   AC-DC POWER SUPPLY
VSK-S1 CUI-VSK-S1 Datasheet
730Kb / 5P
   AC-DC POWER SUPPLY
01/11/2021
VSK-S1-12U CUI-VSK-S1-12U Datasheet
176Kb / 4P
   AC-DC POWER SUPPLY
VSK-S1-12U CUI-VSK-S1-12U Datasheet
730Kb / 5P
   AC-DC POWER SUPPLY
01/11/2021
VSK-S1-15U CUI-VSK-S1-15U Datasheet
176Kb / 4P
   AC-DC POWER SUPPLY
More results

Similar Description - VSK-T15-JU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com