Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJF0610JSP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RJF0610JSP
Description  Silicon N Channel MOS FET Series Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJF0610JSP Datasheet(HTML) 7 Page - Renesas Technology Corp

  RJF0610JSP_12 Datasheet HTML 1Page - Renesas Technology Corp RJF0610JSP_12 Datasheet HTML 2Page - Renesas Technology Corp RJF0610JSP_12 Datasheet HTML 3Page - Renesas Technology Corp RJF0610JSP_12 Datasheet HTML 4Page - Renesas Technology Corp RJF0610JSP_12 Datasheet HTML 5Page - Renesas Technology Corp RJF0610JSP_12 Datasheet HTML 6Page - Renesas Technology Corp RJF0610JSP_12 Datasheet HTML 7Page - Renesas Technology Corp RJF0610JSP_12 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
RJF0610JSP
Target Specifications
R07DS0568EJ0200 Rev.2.00
Page 7 of 7
Apr 16, 2012
Package Dimensions
P-SOP8-3.95
× 4.9-1.27
0.085g
MASS[Typ.]
FP-8DAV
PRSP0008DD-D
RENESAS Code
JEITA Package Code
Previous Code
8
5
1
4
bp
Detail F
Terminal cross section
1.27
1.08
0.40
L1
0.60
0.25
x
0.46
0.40
0.34
0.10
bp
b1
c1
0.25
0.20
0.15
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
5.3
4.90
D
3.95
E
0.14
A2
6.20
6.10
5.80
0.25
1.75
A
0.75
Z
L
c
1.27
e
0.1
y
HE
A1
D
*1
*3
x M
bp
e
Z
(Ni/Pd/Au plating)
2.
1. DIMENSIONS "*1(Nom)" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "*3" DOES NOT
INCLUDE TRIM OFFSET.
Index mark
L1
L
Detail F
y
Package Name
SOP-8
Ordering Information
Orderable Part Number
Quantity
Shipping Container
RJF0610JSP-00#J0
2500 pcs
Taping (Reel)


Similar Part No. - RJF0610JSP_12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0610JSP RENESAS-RJF0610JSP_15 Datasheet
104Kb / 8P
   Silicon N Channel MOS FET Series Power Switching
RJF0610JSP RENESAS-RJF0610JSP_16 Datasheet
287Kb / 8P
   60V , 1.5A Silicon N channel Thermal FET
More results

Similar Description - RJF0610JSP_12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0610JSP RENESAS-RJF0610JSP_15 Datasheet
104Kb / 8P
   Silicon N Channel MOS FET Series Power Switching
RJF0610JSP RENESAS-RJF0610JSP Datasheet
104Kb / 8P
   Silicon N Channel MOS FET Series Power Switching
RJF0611JPD RENESAS-RJF0611JPD_15 Datasheet
95Kb / 8P
   Silicon N Channel MOS FET Series Power Switching
logo
Hitachi Semiconductor
HAF2011 HITACHI-HAF2011 Datasheet
34Kb / 6P
   Silicon N Channel MOS FET Series Power Switching
logo
Renesas Technology Corp
RJF0605DPD RENESAS-RJF0605DPD Datasheet
95Kb / 8P
   Silicon N Channel MOS FET Series Power Switching
RJF0611DPE RENESAS-RJF0611DPE Datasheet
95Kb / 8P
   Silicon N Channel MOS FET Series Power Switching
RJF0605JPD RENESAS-RJF0605JPD Datasheet
63Kb / 4P
   Silicon N Channel MOS FET Series Power Switching
RJF0606JPE RENESAS-RJF0606JPE Datasheet
63Kb / 4P
   Silicon N Channel MOS FET Series Power Switching
RJF0610DSP RENESAS-RJF0610DSP_15 Datasheet
104Kb / 8P
   Silicon N Channel MOS FET Series Power Switching
RJF0605DPD RENESAS-RJF0605DPD_15 Datasheet
95Kb / 8P
   Silicon N Channel MOS FET Series Power Switching
logo
Hitachi Semiconductor
HAF2001 HITACHI-HAF2001 Datasheet
54Kb / 10P
   Silicon N Channel MOS FET Series Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com