Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A392K20C0GF5TAA Datasheet(PDF) 4 Page - Vishay Siliconix

Part # A392K20C0GF5TAA
Description  Axial Leaded Multilayer Ceramic Capacitors for General Purpose
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

A392K20C0GF5TAA Datasheet(HTML) 4 Page - Vishay Siliconix

  A392K20C0GF5TAA Datasheet HTML 1Page - Vishay Siliconix A392K20C0GF5TAA Datasheet HTML 2Page - Vishay Siliconix A392K20C0GF5TAA Datasheet HTML 3Page - Vishay Siliconix A392K20C0GF5TAA Datasheet HTML 4Page - Vishay Siliconix A392K20C0GF5TAA Datasheet HTML 5Page - Vishay Siliconix A392K20C0GF5TAA Datasheet HTML 6Page - Vishay Siliconix A392K20C0GF5TAA Datasheet HTML 7Page - Vishay Siliconix A392K20C0GF5TAA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
A Series
www.vishay.com
Vishay BCcomponents
Revision: 16-Aug-12
4
Document Number: 45164
For technical questions, contact: cmll@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Lead diameter is 0.5 mm
•# 5th digit is capacitance tolerance code: ± 10 % = K; ± 20 % = M
•# 13th, 14th and 15th digits are packaging code: Reel = TAA; Ammo = UAA
DIELECTRIC X7R
CAP.
(pF)
50 VDC
100 VDC
200 VDC
500 VDC
100
A101#15X7RF5###
A101#15X7RH5###
A101#15X7RK5###
A101#15X7RL5###
120
A121#15X7RF5###
A121#15X7RH5###
A121#15X7RK5###
A121#15X7RL5###
150
A151#15X7RF5###
A151#15X7RH5###
A151#15X7RK5###
A151#15X7RL5###
180
A181#15X7RF5###
A181#15X7RH5###
A181#15X7RK5###
A181#15X7RL5###
220
A221#15X7RF5###
A221#15X7RH5###
A221#15X7RK5###
A221#15X7RL5###
270
A271#15X7RF5###
A271#15X7RH5###
A271#15X7RK5###
A271#15X7RL5###
330
A331#15X7RF5###
A331#15X7RH5###
A331#15X7RK5###
A331#15X7RL5###
390
A391#15X7RF5###
A391#15X7RH5###
A391#15X7RK5###
A391#15X7RL5###
470
A471#15X7RF5###
A471#15X7RH5###
A471#15X7RK5###
A471#15X7RL5###
560
A561#15X7RF5###
A561#15X7RH5###
A561#15X7RK5###
A561#15X7RL5###
680
A681#15X7RF5###
A681#15X7RH5###
A681#15X7RK5###
A681#15X7RL5###
820
A821#15X7RF5###
A821#15X7RH5###
A821#15X7RK5###
A821#15X7RL5###
1000
A102#15X7RF5###
A102#15X7RH5###
A102#15X7RK5###
A102#15X7RL5###
1200
A122#15X7RF5###
A122#15X7RH5###
A122#15X7RK5###
A122#15X7RL5###
1500
A152#15X7RF5###
A152#15X7RH5###
A152#15X7RK5###
A152#15X7RL5###
1800
A182#15X7RF5###
A182#15X7RH5###
A182#15X7RK5###
A182#15X7RL5###
2200
A222#15X7RF5###
A222#15X7RH5###
A222#15X7RK5###
A222#15X7RL5###
2700
A272#15X7RF5###
A272#15X7RH5###
A272#15X7RK5###
A272#15X7RL5###
3300
A332#15X7RF5###
A332#15X7RH5###
A332#15X7RK5###
A332#20X7RL5###
3900
A392#15X7RF5###
A392#15X7RH5###
A392#15X7RK5###
A392#20X7RL5###
4700
A472#15X7RF5###
A472#15X7RH5###
A472#15X7RK5###
A472#20X7RL5###
5600
A562#15X7RF5###
A562#15X7RH5###
A562#15X7RK5###
A562#20X7RL5###
6800
A682#15X7RF5###
A682#15X7RH5###
A682#15X7RK5###
A682#20X7RL5###
8200
A822#15X7RF5###
A822#15X7RH5###
A822#15X7RK5###
A822#20X7RL5###
10 000
A103#15X7RF5###
A103#15X7RH5###
A103#15X7RK5###
A103#20X7RL5###
12 000
A123#15X7RF5###
A123#15X7RH5###
A123#15X7RK5###
A123#20X7RL5###
15 000
A153#15X7RF5###
A153#15X7RH5###
A153#15X7RK5###
A153#20X7RL5###
18 000
A183#15X7RF5###
A183#15X7RH5###
A183#15X7RK5###
A183#20X7RL5###
22 000
A223#15X7RF5###
A223#15X7RH5###
A223#15X7RK5###
A223#20X7RL5###
27 000
A273#15X7RF5###
A273#20X7RH5###
A273#20X7RK5###
A273#20X7RL5###
33 000
A333#15X7RF5###
A333#20X7RH5###
A333#20X7RK5###
A333#20X7RL5###
39 000
A393#15X7RF5###
A393#20X7RH5###
A393#20X7RK5###
-
47 000
A473#15X7RF5###
A473#20X7RH5###
A473#20X7RK5###
-
56 000
A563#15X7RF5###
A563#20X7RH5###
-
-
68 000
A683#15X7RF5###
A683#20X7RH5###
-
-
82 000
A823#15X7RF5###
A823#20X7RH5###
-
-
100 000
A104#15X7RF5###
A104#20X7RH5###
-
-
150 000
A154#20X7RF5###
A154#20X7RH5###
-
-
220 000
A224#20X7RF5###
A224#20X7RH5###
-
-
330 000
A334#20X7RF5###
-
-
-
470 000
A474#20X7RF5###
-
-
-
560 000
A564#20X7RF5###
-
-
680 000
A684#20X7RF5###
-
-
-
1 000 000
A105#20X7RF5###
-
-
-


Similar Part No. - A392K20C0GF5TAA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A392 ETC2-A392 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
A392 ETC2-A392 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
logo
3M Electronics
A3920-0000T 3M-A3920-0000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3920-0010T 3M-A3920-0010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3920-2000T 3M-A3920-2000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
More results

Similar Description - A392K20C0GF5TAA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
A222J20C0G VISHAY-A222J20C0G Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose
Revision: 20-Aug-13
logo
Kemet Corporation
C410C105K3R5TA9170 KEMET-C410C105K3R5TA9170 Datasheet
2Mb / 12P
   Axial Leaded Multilayer Ceramic Capacitors
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com