Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A562K20C0GF5TAA Datasheet(PDF) 5 Page - Vishay Siliconix

Part # A562K20C0GF5TAA
Description  Axial Leaded Multilayer Ceramic Capacitors for General Purpose
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

A562K20C0GF5TAA Datasheet(HTML) 5 Page - Vishay Siliconix

  A562K20C0GF5TAA Datasheet HTML 1Page - Vishay Siliconix A562K20C0GF5TAA Datasheet HTML 2Page - Vishay Siliconix A562K20C0GF5TAA Datasheet HTML 3Page - Vishay Siliconix A562K20C0GF5TAA Datasheet HTML 4Page - Vishay Siliconix A562K20C0GF5TAA Datasheet HTML 5Page - Vishay Siliconix A562K20C0GF5TAA Datasheet HTML 6Page - Vishay Siliconix A562K20C0GF5TAA Datasheet HTML 7Page - Vishay Siliconix A562K20C0GF5TAA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
A Series
www.vishay.com
Vishay BCcomponents
Revision: 16-Aug-12
5
Document Number: 45164
For technical questions, contact: cmll@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Lead diameter is 0.5 mm
• Tolerance is + 80 %/- 20 %
•# 13th, 14th and 15th digits are packaging code: Reel = TAA; Ammo = UAA
TAPING AND PACKAGING
LABELLING
Each reel is provided with a label showing the following
details:
Manufacturer, A style, capacitance, tolerance, batch
number, quantity of components, rated voltage, dielectric.
On special request other designations can be shown.
For example:
DIELECTRIC Y5V
CAP.
(pF)
50 VDC
100 VDC
10 000
A103Z15Y5VF5###
A103Z15Y5VH5###
15 000
A153Z15Y5VF5###
A153Z15Y5VH5###
22 000
A223Z15Y5VF5###
A223Z15Y5VH5###
33 000
A333Z15Y5VF5###
A333Z15Y5VH5###
47 000
A473Z15Y5VF5###
A473Z15Y5VH5###
68 000
A683Z15Y5VF5###
A683Z15Y5VH5###
100 000
A104Z15Y5VF5###
A104Z15Y5VH5###
150 000
A154Z15Y5VF5###
A154Z20Y5VH5###
220 000
A224Z15Y5VF5###
A224Z20Y5VH5###
330 000
A334Z20Y5VF5###
-
470 000
A474Z20Y5VF5###
-
680 000
A684Z20Y5VF5###
-
1 000 000
A105Z20Y5VF5###
-
PACKAGING QUANTITIES AND BOX DIMENSIONS
PACKAGING
SIZE CODE
SMALLEST PACKAGING
QUANTITY (SPQ)
BOX DIMENSIONS
L x W x H (mm)
Tape on reel
15, 20
7000
370 x 370 x 90
Ammopack
15, 20
4000
265 x 85 x 95


Similar Part No. - A562K20C0GF5TAA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A562 ETC-A562 Datasheet
1,015Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
A562J20C0GF5UAA ETC1-A562J20C0GF5UAA Datasheet
604Kb / 14P
   Leaded ceramic multilayer capacitors
More results

Similar Description - A562K20C0GF5TAA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
A222J20C0G VISHAY-A222J20C0G Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose
Revision: 20-Aug-13
logo
Kemet Corporation
C410C105K3R5TA9170 KEMET-C410C105K3R5TA9170 Datasheet
2Mb / 12P
   Axial Leaded Multilayer Ceramic Capacitors
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com