Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

293D107X5010D2WE3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 293D107X5010D2WE3
Description  Solid Tantalum Surface Mount Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

293D107X5010D2WE3 Datasheet(HTML) 5 Page - Vishay Siliconix

  293D107X5010D2WE3 Datasheet HTML 1Page - Vishay Siliconix 293D107X5010D2WE3 Datasheet HTML 2Page - Vishay Siliconix 293D107X5010D2WE3 Datasheet HTML 3Page - Vishay Siliconix 293D107X5010D2WE3 Datasheet HTML 4Page - Vishay Siliconix 293D107X5010D2WE3 Datasheet HTML 5Page - Vishay Siliconix 293D107X5010D2WE3 Datasheet HTML 6Page - Vishay Siliconix 293D107X5010D2WE3 Datasheet HTML 7Page - Vishay Siliconix 293D107X5010D2WE3 Datasheet HTML 8Page - Vishay Siliconix 293D107X5010D2WE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
293D
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, Standard Industrial Grade
Vishay Sprague
Document Number: 63060
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 02-Jun-09
45
10 VDC AT + 85 °C, 7 VDC AT + 125 °C
100
B
293D107X0010B(2)
10
25
2.5
0.18
100
C
293D107(1)010C(2)
10
8
0.9
0.35
100
D
293D107(1)010D(2)
10
8
0.6
0.50
100
V
293D107(1)010V(2)
10
8
0.7
0.42
150
D
293D157(1)010D(2)
15
8
0.6
0.50
150
E
293D157(1)010E(2)
15
8
0.5
0.57
220
D
293D227(1)010D(2)
22
8
0.6
0.50
220
E
293D227(1)010E(2)
22
8
0.5
0.57
330
D
293D337X0010D(2)
33
15
0.5
0.57
330
E
293D337(1)010E(2)
33
10
0.5
0.57
470
E
293D477X0010E(2)
47
15
0.5
0.57
16 VDC AT + 85 °C, 10 VDC AT + 125 °C
1.0
A
293D105(1)016A(2)
0.5
4
9.3
0.09
1.5
A
293D155(1)016A(2)
0.5
6
6.7
0.11
2.2
A
293D225(1)016A(2)
0.5
6
5.9
0.11
2.2
B
293D225(1)016B(2)
0.5
6
4.6
0.14
3.3
A
293D335(1)016A(2)
0.5
6
5.0
0.12
3.3
B
293D335(1)016B(2)
0.5
6
3.5
0.16
4.7
A
293D475(1)016A(2)
0.8
6
5.0
0.12
4.7
B
293D475(1)016B(2)
0.8
6
2.9
0.17
6.8
A
293D685(1)016A(2)
1.1
6
4.2
0.13
6.8
B
293D685(1)016B(2)
1.1
6
2.5
0.18
6.8
C
293D685(1)016C(2)
1.1
6
1.9
0.24
10
A
293D106(1)016A(2)
1.6
6
3.0
0.16
10
B
293D106(1)016B(2)
1.6
6
2.0
0.21
10
C
293D106(1)016C(2)
1.6
6
1.8
0.25
15
B
293D156(1)016B(2)
2.4
6
2.0
0.21
15
C
293D156(1)016C(2)
2.4
6
1.5
0.27
22
B
293D226X0016B(2)
3.5
6
1.9
0.21
22
C
293D226(1)016C(2)
3.5
6
1.4
0.28
22
D
293D226(1)016D(2)
3.5
6
0.8
0.43
33
B
293D336(1)016B(2)
5.3
6
1.8
0.22
33
C
293D336(1)016C(2)
5.3
6
1.1
0.32
33
D
293D336(1)016D(2)
5.3
6
0.7
0.46
47
C
293D476(1)016C(2)
7.5
6
1.0
0.33
47
D
293D476(1)016D(2)
7.5
6
0.7
0.46
68
D
293D686(1)016D(2)
10.9
6
0.6
0.50
100
D
293D107(1)016D(2)
16
8
0.6
0.50
100
E
293D107(1)016E(2)
16
8
0.6
0.52
150
D
293D157(1)016D(2)
24
8
0.6
0.50
150
E
293D157(1)016E(2)
24
8
0.5
0.57
220
E
293D227(1)016E(2)
35.2
14
0.5
0.57
20 VDC AT + 85 °C, 13 VDC AT + 125 °C
0.68
A
293D684(1)020A(2)
0.5
4
10.0
0.09
1.0
A
293D105(1)020A(2)
0.5
4
8.4
0.09
1.5
A
293D155(1)020A(2)
0.5
6
6.3
0.11
2.2
A
293D225(1)020A(2)
0.5
6
5.9
0.11
2.2
B
293D225(1)020B(2)
0.5
6
3.5
0.16
3.3
A
293D335(1)020A(2)
0.7
6
5.9
0.11
3.3
B
293D335(1)020B(2)
0.7
6
3.0
0.17
4.7
A
293D475(1)020A(2)
0.9
6
5.0
0.12
4.7
B
293D475(1)020B(2)
0.9
6
2.9
0.17
4.7
C
293D475(1)020C(2)
0.9
6
2.3
0.22
Notes
• (1) Tolerance: X0, X9, X5
• (2) Terminations and packaging: 2TE3, 2WE3, 8T, 8W
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)


Similar Part No. - 293D107X5010D2WE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D107X5010D2WE3 VISHAY-293D107X5010D2WE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Standard Industrial Grade
Revision: 21-Mar-13
293D107X5010D2WE3 VISHAY-293D107X5010D2WE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D107X5010D2WE3 VISHAY-293D107X5010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
293D107X5010D2WE3 VISHAY-293D107X5010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
293D107X5010D2WE3 VISHAY-293D107X5010D2WE3 Datasheet
466Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Standard Industrial Grade
Revision: 12-Feb-14
More results

Similar Description - 293D107X5010D2WE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
593D475X9050D2T VISHAY-593D475X9050D2T Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TP3 VISHAY-TP3_17 Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D106X9020B2TE3 VISHAY-293D106X9020B2TE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X0016B2TE3 VISHAY-293D106X0016B2TE3 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X06R3B2TE3 VISHAY-593D107X06R3B2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TM3 VISHAY-TM3_17 Datasheet
546Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D475X9020B2TE3 VISHAY-293D475X9020B2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 21-Mar-13
293D VISHAY-293D Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com