Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1A1120-06 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # 1A1120-06
Description  PCB Fuse Clips for ATC/ATM Blade 5mm 1/4 & 13/32 Diameter Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

1A1120-06 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  1A1120-06 Datasheet HTML 1Page - Cooper Bussmann, Inc. 1A1120-06 Datasheet HTML 2Page - Cooper Bussmann, Inc. 1A1120-06 Datasheet HTML 3Page - Cooper Bussmann, Inc. 1A1120-06 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Catalog
Clip
Number
Mat.*
Finish
1A3399-10
Spg. Br.
Bright Tin
1A3399-01
BeCu**
Silver
1A3399-04
BeCu**
Bright Tin
High Profile
Catalog
Clip
Number
Mat.*
Finish
1A5018-10
Spg. Br.
Bright Tin
1A5018-7
Spg. Br.
Silver
.115"
(2.9mm)
.062"
(1.6mm)
.254"
(6.5mm)
.237"
(6.0mm)
.125"
(3.2mm)
.225"
(6.5mm)
.125"
(3.2mm)
.060"
(1.5mm)
.188"
(4.8mm)
.030"
(1.6mm)
Catalog
Clip
Number
Mat.*
Finish
1A5601
Cart. Brass
Bright Tin
1A5601 Series (0 to 7 amps)
Dimensional Data
.250"
(6.35mm)
.060"
(1.5mm)
.246"
(6.3mm)
.344" + .015"
(8.73mm + 0.38mm)
.266"
(6.75mm)
.344" + .015"
(8.73mm + 0.38mm)
.141" + .015"
(3.58mm + 0.38mm)
.022" + .002"
(0.56mm + 0.05mm)
.032" + .002"
(.81mm + .05mm)
Catalog
Clip
Number
Mat.
Finish
1A5602
Cart. Brass
Bright Tin
1A5602 Series (0 to 7 Amps)
Dimensional Data
.216"
(5.48mm)
LEGS TO FIT
IN .052" (1.3mm) DIA.
HOLES ON CENTER
.219"
(5.57mm)
.047"
(1.19mm)
.093"
(2.36mm)
.500"
(12.70mm)
.250"
(6.35mm)
.140"
(3.56mm)
.180"
(4.57mm)
.230"
(5.84mm)
.440"
(11.2mm)
.140"
(3.7mm)
.047"
(1.2mm)
.180"
(4.6mm)
1A3399 and 1A5018 Series***
With Straight Leads
Dimensional Data
For 5mm Diameter Fuses
For 13/32” Diameter Fuses
1A3400 Series***
With End Stops & Straight Leads
Dimensional Data
0.218"
(5.54mm)
0.710"
(18.03mm)
0.080"
(2.03mm)
0.470"
(11.94mm)
0.142" Dia.
(3.61mm)
0.050"
(1.27mm)
0.437"
(11.1mm)
0.470"
(11.94mm)
0.380"
(9.65mm)
***For RoHS compliant version add “-R” option code suffix to part number.
Specifications
5mm PCB Mount Fuseclips
Current Rating: 15A
Voltage Rating: 500Vac
PCB Terminals: Solder Lug
0811
SB-BU11753
Page 2 of 4
Data Sheet 2131
PCB Fuse Clips for ATC/ATM Blade, 5mm, 1/4”& 13/32” Diameter Fuses
1AXXXX Series
*Spg. Br. - Spring Bronze; BeCu - Beryllium Copper; Cart. Brass - Cartridge Brass.
**Beryllium copper recommended for currents higher than 15 amps.
Specifications:
Catalog
Clip
Amp
Number
Material
Finish
Rating
1A3400-09
Spring Bronze
Bright Tin
20A Max.
1A3400-10
Beryllium Copper
Silver
30A Max.
1A3400-12
Spring Brass
Bright Tin
15A Max.
1A3400-09 & 1A3400-10
1A3400-12


Similar Part No. - 1A1120-06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1A1120-06 ETC1-1A1120-06 Datasheet
102Kb / 4P
   Fuse Clips for Printed Circuit Boards For ATC, 5mm, 1/4 and 13/32 Diameter Fuses
logo
Cooper Bussmann, Inc.
1A1120-06 COOPER-1A1120-06 Datasheet
541Kb / 4P
   PCB Fuse Clips for ATC/ATM Blade, 5mm, 1/4??& 13/32??Diameter Fuses
logo
Eaton All Rights Reserv...
1A1120-06-R EATON-1A1120-06-R Datasheet
480Kb / 4P
   PCB Fuse-clips for ATC/ATM Blade, 5 mm
More results

Similar Description - 1A1120-06

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
1A1119-04 COOPER-1A1119-04_13 Datasheet
541Kb / 4P
   PCB Fuse Clips for ATC/ATM Blade, 5mm, 1/4??& 13/32??Diameter Fuses
logo
List of Unclassifed Man...
1A4533-01 ETC1-1A4533-01 Datasheet
102Kb / 4P
   Fuse Clips for Printed Circuit Boards For ATC, 5mm, 1/4 and 13/32 Diameter Fuses
logo
Eaton All Rights Reserv...
1AXXXX EATON-1AXXXX Datasheet
480Kb / 4P
   PCB Fuse-clips for ATC/ATM Blade, 5 mm
logo
Cooper Bussmann, Inc.
1A3400-09-R COOPER-1A3400-09-R Datasheet
87Kb / 4P
   Fuse Clips for Printed Circuit Boards For ATC, 5mm, 횣쩍짖쨌 & 횣횥쩍짙짧쨌 Diameter Fuses
logo
Littelfuse
102071 LITTELFUSE-102071 Datasheet
530Kb / 3P
   Fuse Blocks and Clips - For 1/4 Diameter Fuses
logo
Cooper Bussmann, Inc.
BK-ATC-3 COOPER-BK-ATC-3 Datasheet
251Kb / 2P
   ATC Blade Fuses
BK-ATC-30 COOPER-BK-ATC-30 Datasheet
251Kb / 2P
   ATC Blade Fuses
logo
Eaton All Rights Reserv...
HHF-JFCU EATON-HHF-JFCU Datasheet
159Kb / 1P
   Automotive in-line fuse holder for ATC blade-type fuses
logo
Cooper Bussmann, Inc.
15600-06-20 COOPER-15600-06-20 Datasheet
86Kb / 2P
   Fuse Panels - ATC, ATM, FMX
logo
Littelfuse
01020071 LITTELFUSE-01020071_V01 Datasheet
890Kb / 2P
   102/122 Series Circuit Board Mount Fuse Clips for 1/4??Diameter Fuses
Revised: 01/14/19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com