Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1A1907-03 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # 1A1907-03
Description  PCB Fuse Clips for ATC/ATM Blade 5mm 1/4 & 13/32 Diameter Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

1A1907-03 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  1A1907-03 Datasheet HTML 1Page - Cooper Bussmann, Inc. 1A1907-03 Datasheet HTML 2Page - Cooper Bussmann, Inc. 1A1907-03 Datasheet HTML 3Page - Cooper Bussmann, Inc. 1A1907-03 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Catalog
Clip
Number
Mat.*
Finish
1A5600
Cart.
Satin
Brass
Finish Tin
ATC Fuses (0 to 20 Amps)
1A5600 Series
Dimensional Data
ATM Fuses
1A5778 Series
Dimensional Data
1A5779 Series
1A5780 Series
Dimensional Data
.150"
(3.81mm)
.330"
(8.38mm)
.295"
(7.49mm)
.200"
(5.08mm)
.053"
(1.35mm)
.090"
± .010"
(2.29mm)
.090"
(2.29mm)
MOUNTING LAYOUT FOR 2 CLIPS
.012
.30
MATERIAL: BRASS, NICKEL PLATED,
THICK
1.90
.075
.156
3.96
.440
11.18
4.98
.196
.125
3.18
1.57
.062
.062
1.57
2.18
.086
3.66
.144
(TYP-4)
1.65Å}.05
.065Å}.002
DIA. HOLE
.144
3.66
.176
4.47
3.66
.144
SPECIFICATIONS
. .
. . . . .
. . . . .
. . . . .
. . . . . . . .
MOUNTING LAYOUT
UL RATED 94V-0
BRASS, NICKEL PLATED
GLASS FILLED NYLON,
500V AC
15 AMPS
145flC
292flF
TO
-50flC
-58flF
TEMPERATURE RATING
VOLTAGE RATING
CURRENT RATING
FUSECLIPS
BASE MATERIAL
BASE
FUSECLIPS
14.68
.578
4.75
.187
1.45
.057
3.18
.125
1.24
.049
.340
8.64
.100
2.54
.062
1.57
3.66
.144
(TYP-4)
1.65Å}.05
.065Å}.002
DIA. HOLE
.144
3.66
.176
4.47
3.66
.144
292flF
-58flF
SPECIFICATIONS
. .
. . . . .
. . . . .
. . . . .
. . . . . . . .
MOUNTING LAYOUT
UL RATED 94V-0
BRASS, NICKEL PLATED
GLASS FILLED NYLON,
500V AC
15 AMPS
145flC
TO
-50flC
TEMPERATURE RATING
VOLTAGE RATING
CURRENT RATING
FUSECLIPS
BASE MATERIAL
19.30
.760
3.18
.125
5.08
.200
BASE
FUSECLIPS
4.45
.175
6.35
.250
.271
6.88
.437
11.10
.050
1.27
(TYP-4)
2.54Å}.05
.100Å}.002
DIA. HOLE
.200
5.08
.160
4.06
*Spg. Br. - Spring Bronze; BeCu - Beryllium Copper; Cart. Brass - Cartridge Brass
***For RoHS compliant version add “-R” option code suffix to part number.
0811
SB-BU11753
Page 3 of 4
Data Sheet 2131
PCB Fuse Clips for ATC/ATM Blade, 5mm, 1/4”& 13/32” Diameter Fuses
1AXXXX Series


Similar Part No. - 1A1907-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1A1907-03 ETC1-1A1907-03 Datasheet
102Kb / 4P
   Fuse Clips for Printed Circuit Boards For ATC, 5mm, 1/4 and 13/32 Diameter Fuses
logo
Cooper Bussmann, Inc.
1A1907-03 COOPER-1A1907-03 Datasheet
87Kb / 4P
   Fuse Clips for Printed Circuit Boards For ATC, 5mm, 횣쩍짖쨌 & 횣횥쩍짙짧쨌 Diameter Fuses
1A1907-03 COOPER-1A1907-03 Datasheet
541Kb / 4P
   PCB Fuse Clips for ATC/ATM Blade, 5mm, 1/4??& 13/32??Diameter Fuses
logo
Eaton All Rights Reserv...
1A1907-03-R EATON-1A1907-03-R Datasheet
480Kb / 4P
   PCB Fuse-clips for ATC/ATM Blade, 5 mm
More results

Similar Description - 1A1907-03

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
1A1119-04 COOPER-1A1119-04_13 Datasheet
541Kb / 4P
   PCB Fuse Clips for ATC/ATM Blade, 5mm, 1/4??& 13/32??Diameter Fuses
logo
List of Unclassifed Man...
1A4533-01 ETC1-1A4533-01 Datasheet
102Kb / 4P
   Fuse Clips for Printed Circuit Boards For ATC, 5mm, 1/4 and 13/32 Diameter Fuses
logo
Eaton All Rights Reserv...
1AXXXX EATON-1AXXXX Datasheet
480Kb / 4P
   PCB Fuse-clips for ATC/ATM Blade, 5 mm
logo
Cooper Bussmann, Inc.
1A3400-09-R COOPER-1A3400-09-R Datasheet
87Kb / 4P
   Fuse Clips for Printed Circuit Boards For ATC, 5mm, 횣쩍짖쨌 & 횣횥쩍짙짧쨌 Diameter Fuses
logo
Littelfuse
102071 LITTELFUSE-102071 Datasheet
530Kb / 3P
   Fuse Blocks and Clips - For 1/4 Diameter Fuses
logo
Cooper Bussmann, Inc.
BK-ATC-3 COOPER-BK-ATC-3 Datasheet
251Kb / 2P
   ATC Blade Fuses
BK-ATC-30 COOPER-BK-ATC-30 Datasheet
251Kb / 2P
   ATC Blade Fuses
logo
Eaton All Rights Reserv...
HHF-JFCU EATON-HHF-JFCU Datasheet
159Kb / 1P
   Automotive in-line fuse holder for ATC blade-type fuses
logo
Cooper Bussmann, Inc.
15600-06-20 COOPER-15600-06-20 Datasheet
86Kb / 2P
   Fuse Panels - ATC, ATM, FMX
logo
Littelfuse
01020071 LITTELFUSE-01020071_V01 Datasheet
890Kb / 2P
   102/122 Series Circuit Board Mount Fuse Clips for 1/4??Diameter Fuses
Revised: 01/14/19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com