Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

170M3258 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 170M3258
Description  Square Body DIN 43 653 690V/700V IEC/UL 40-2000A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

170M3258 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  170M3258 Datasheet HTML 1Page - Cooper Bussmann, Inc. 170M3258 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Form No.
Page 1 of 2
BIF Doc #720015
Bussmann®
Square Body – DIN 43 653
690V/700V (IEC/U.L.)
40-2000A
Electrical Characteristics
Ordering Information
Curves
-KN/80
-KN/110
Rated
I2t (A2S)
Type K
Type K
Carton
Current
Clearing
Watts
Indicator
Indicator
Carton
Weight
Size
RMS-Amps
Pre-arc
at 660V
Loss
for Micro
for Micro
Qty.
(kg)
BIF #
40
40
270
9
170M3108
170M3258
50
77
515
11
170M3109
170M3259
63
115
770
14
170M3110
170M3260
80
185
1250
18
170M3111
170M3261
100
360
2450
21
170M3112
170M3262
125
550
3700
26
170M3113
170M3263
160
1100
7500
30
170M3114
170M3264
200
2200
15000
35
170M3115
170M3265
1*
250
4200
28500
40
170M3116
170M3266
5
1.60
17056314
315
7000
46500
50
170M3117
170M3267
350
10000
68500
55
170M3118
170M3268
400
15000
105000
60
170M3119
170M3269
450
21000
140000
65
170M3120
170M3270
500
27000
180000
70
170M3121
170M3271
550
34000
230000
75
170M3122
170M3272
630
48500
325000
80
170M3123
170M3273
200
1650
11500
45
170M4108
170M4258
3
1.38
250
3100
21000
55
170M4109
170M4259
(-/80)
315
6200
42000
58
170M4110
170M4260
350
8500
59000
60
170M4111
170M4261
400
13500
91500
65
170M4112
170M4262
450
17000
120000
70
170M4113
170M4263
1
500
25000
170000
72
170M4114
170M4264
2
1.00
17056316
550
34000
230000
75
170M4115
170M4265
(-/110)
630
52000
350000
80
170M4116
170M4266
700
69500
465000
85
170M4117
170M4267
800
105000
725000
95
170M4118
170M4268
‡900
155000
‡850000
100
170M4119
170M4269
400
11000
74000
65
170M5108
170M5258
450
15500
105000
70
170M5109
170M5259
500
21500
145000
75
170M5110
170M5260
550
28000
190000
80
170M5111
170M5261
630
41000
275000
90
170M5112
170M5262
2
700
60500
405000
95
170M5113
170M5263
2
1.26
17056318
800
86000
575000
105
170M5114
170M5264
900
125000
840000
110
170M5115
170M5265
1000
180000
1250000
115
170M5116
170M5266
1100
245000
1600000
120
170M5117
170M5267
1250
365000
2400000
130
170M5118
170M5268
500
14000
95000
95
170M6108
170M6258
550
19500
135000
100
170M6109
170M6259
630
31000
210000
105
170M6110
170M6260
700
44500
300000
110
170M6111
170M6261
800
69500
465000
115
170M6112
170M6262
900
100000
670000
120
170M6113
170M6263
3
1000
140000
945000
125
170M6114
170M6264
1100
190000
1300000
130
170M6115
170M6265
1
0.92
17056320
1250
290000
1950000
140
170M6116
170M6266
1400
370000
2450000
155
170M6117
170M6267
1500
460000
3100000
160
170M6118
170M6268
1600
580000
3900000
160
170M6119
170M6269
†1800
880000
†5250000
165
170M6120
170M6270
‡2000
1150000
‡6350000
175
170M6121
170M6271
Interrupting rating 200kA (Estimated 300kA) RMS Symmetrical.
1 kg = 2.2 lbs.
1 lb = 0.45 kg
Watts loss provided at rated current.
Rated voltage (IEC) †600V ‡550V (Consult Bussmann for U.L. Recognition/ CSA Component Acceptance status.)
Microswitch indicator ordered separately.
®
7-11-01
SB01191
R


Similar Part No. - 170M3258

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
170M3208 COOPER-170M3208 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V IEC/UL40-2000A
170M3208 COOPER-170M3208 Datasheet
48Kb / 2P
   Square Body-DIN 43 653
170M3209 COOPER-170M3209 Datasheet
48Kb / 2P
   Square Body-DIN 43 653
170M3210 COOPER-170M3210 Datasheet
48Kb / 2P
   Square Body-DIN 43 653
170M3211 COOPER-170M3211 Datasheet
48Kb / 2P
   Square Body-DIN 43 653
More results

Similar Description - 170M3258

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
170M3208 COOPER-170M3208 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V IEC/UL40-2000A
170M3108 COOPER-170M3108 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3008 COOPER-170M3008 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M6814D COOPER-170M6814D Datasheet
268Kb / 3P
   Square Body DIN 43 620 ??690V/700V (IEC/UL): 40-1000A
170M1308 COOPER-170M1308 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V (IEC/U.L.)
170M1408 COOPER-170M1408 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V IEC/UL 10-400A
170M3558 COOPER-170M3558 Datasheet
49Kb / 2P
   Square Body Flush End Contact 690V/700V IEC/UL 40-2000A
170M6712 COOPER-170M6712 Datasheet
75Kb / 2P
   Square Body US Style ??690V/700V (IEC): 40-2000A
logo
List of Unclassifed Man...
170M4139 ETC-170M4139 Datasheet
56Kb / 2P
   Square Body - DIN 43 653
logo
Cooper Bussmann, Inc.
170M3166 COOPER-170M3166 Datasheet
48Kb / 2P
   Square Body- DIN 43 653
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com