Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMT-34A Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # GMT-34A
Description  Fast-Acting Indicating Telecom Fuse
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GMT-34A Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  GMT-34A Datasheet HTML 1Page - Cooper Bussmann, Inc. GMT-34A Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
1
Time-Current Characteristic Curves–Average Melt
Test Specifications
Percent
Opening
Overload
Time
100%
10 min. (minimum)
150%
5 min. (maximum)
0708
BU-SB08204
Page 2 of 2
Data Sheet 5008
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin
is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to
change design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical infor-
mation contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Current In Amps
100
10
1
.1
.1
300
Amp
Rating


Similar Part No. - GMT-34A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GMT-34A COOPER-GMT-34A Datasheet
185Kb / 3P
   Fast-Acting Indicating Telecom Fuse
More results

Similar Description - GMT-34A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
504-GMT-5A COOPER-504-GMT-5A Datasheet
185Kb / 3P
   Fast-Acting Indicating Telecom Fuse
GMT-X COOPER-GMT-X Datasheet
182Kb / 2P
   Fast-Acting Indicating Telecom Fuse
BK-GMT-1A COOPER-BK-GMT-1A Datasheet
182Kb / 2P
   Fast-Acting Indicating Telecom Fuse
logo
Eaton All Rights Reserv...
GMT EATON-GMT Datasheet
375Kb / 2P
   Fast-acting indicating fuse 60 volts dc, 125 volts ac
logo
Cooper Bussmann, Inc.
GMT-18100A COOPER-GMT-18100A_16 Datasheet
375Kb / 2P
   Fast-acting indicating fuse 60 volts dc, 125 volts ac
logo
Littelfuse
225100 LITTELFUSE-225100_1 Datasheet
42Kb / 1P
   2AG Fast-Acting Fuse
logo
Bel Fuse Inc.
0ADBC BEL-0ADBC Datasheet
1Mb / 4P
   FAST ACTING FUSE SERIES
0AKH BEL-0AKH Datasheet
520Kb / 3P
   Fast-Acting Fuse Series
Rev. 0AKH Dec29 2020
0ADAC BEL-0ADAC Datasheet
1Mb / 4P
   FAST ACTING FUSE SERIES
0ADEC BEL-0ADEC Datasheet
1Mb / 4P
   FAST ACTING FUSE SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com