Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSC5402DT Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # KSC5402DT
Description  High Voltage High Speed Power Switch Application
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC5402DT Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button KSC5402DT Datasheet HTML 2Page - Fairchild Semiconductor KSC5402DT Datasheet HTML 3Page - Fairchild Semiconductor KSC5402DT Datasheet HTML 4Page - Fairchild Semiconductor KSC5402DT Datasheet HTML 5Page - Fairchild Semiconductor KSC5402DT Datasheet HTML 6Page - Fairchild Semiconductor KSC5402DT Datasheet HTML 7Page - Fairchild Semiconductor KSC5402DT Datasheet HTML 8Page - Fairchild Semiconductor KSC5402DT Datasheet HTML 9Page - Fairchild Semiconductor KSC5402DT Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B2, December 2002
Typical Characteristics (Continued)
Figure 19. Inductive Switching Time, tc
Figure 20. Inductive Switching Time, tsi
Figure 21. Inductive Switching Time, tfi
Figure 22. Inductive Switching Time, tc
Figure 23. Forward Bias Safe Operating Area
Figure 24. Power Derating
0.4
0.6
0.8
1.0
1.2
1.4
50
100
150
200
250
300
350
400
450
T
J=25
T
J=125
I
C=5IB1=5IB2
V
CC=15V
V
Z=300V
L
C=200µH
I
c [A], COLLECTOR CURRENT
0.4
0.6
0.8
1.0
1.2
1.4
0.6
0.8
1.0
1.2
1.4
1.6
T
J=25
T
J=125
I
C=5IB1=2IB2
V
CC=15V
V
Z=300V
L
C=200µH
I
c [A], COLLECTOR CURRENT
0.4
0.6
0.8
1.0
1.2
1.4
40
60
80
100
120
140
160
T
J=25
T
J=125
I
C=5IB1=2IB2
V
CC=15V
V
Z=300V
L
C=200µH
I
c [A], COLLECTOR CURRENT
0.4
0.6
0.8
1.0
1.2
1.4
60
80
100
120
140
160
180
200
T
J=25
T
J=125
I
C=5IB1=2IB2
V
CC=15V
V
Z=300V
L
C=200µH
I
c [A], COLLECTOR CURRENT
10
100
1000
0.01
0.1
1
10
1
µs
10
µs
50
µs
DC
1ms
5ms
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
0
10
20
30
40
T
C[
℃], CASE TEMPERATURE


Similar Part No. - KSC5402DT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5402D FAIRCHILD-KSC5402D_09 Datasheet
225Kb / 10P
   NPN Silicon Transistor, Planar Silicon Transistor
More results

Similar Description - KSC5402DT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5305D FAIRCHILD-KSC5305D Datasheet
102Kb / 6P
   High Voltage High Speed Power Switch Application
FJE5304D FAIRCHILD-FJE5304D Datasheet
89Kb / 6P
   High Voltage High Speed Power Switch Application
KSC5302DM FAIRCHILD-KSC5302DM Datasheet
100Kb / 6P
   High Voltage & High Speed Power Switch Application
KSC5504D FAIRCHILD-KSC5504D Datasheet
104Kb / 10P
   High Voltage High Speed Power Switch Application
KSC5302D FAIRCHILD-KSC5302D Datasheet
101Kb / 6P
   High Voltage High Speed Power Switch Application
KSC5603D FAIRCHILD-KSC5603D Datasheet
84Kb / 5P
   High Voltage High Speed Power Switch Application
FJP5304D FAIRCHILD-FJP5304D Datasheet
79Kb / 6P
   High Voltage High Speed Power Switch Application
KSC5302DI FAIRCHILD-KSC5302DI Datasheet
98Kb / 6P
   High Voltage & High Speed Power Switch Application
KSC5039F FAIRCHILD-KSC5039F Datasheet
58Kb / 5P
   High Voltage Power Switch Switching Application
KSC5338D FAIRCHILD-KSC5338D Datasheet
95Kb / 8P
   High Voltage Power Switch Switching Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com