Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSL2010MWSL2512LDEK1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # WSL2010MWSL2512LDEK1
Description  Power Metal Strip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSL2010MWSL2512LDEK1 Datasheet(HTML) 3 Page - Vishay Siliconix

  WSL2010MWSL2512LDEK1 Datasheet HTML 1Page - Vishay Siliconix WSL2010MWSL2512LDEK1 Datasheet HTML 2Page - Vishay Siliconix WSL2010MWSL2512LDEK1 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - WSL2010MWSL2512LDEK1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL2010 VISHAY-WSL2010 Datasheet
119Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 10-Nov-08
WSL2010 VISHAY-WSL2010 Datasheet
120Kb / 3P
   Power Metal Strip® Resistors, High Power (2 x Standard WSL), Low Value (down to 0.001 Ω), Surface Mount
Revision: 10-Nov-08
WSL2010 VISHAY-WSL2010 Datasheet
86Kb / 3P
   Power Metal Strip® Resistors, Low Value (Down to 0.0005 Ω), Surface Mount
Revision: 06-Jun-12
WSL2010 VISHAY-WSL2010 Datasheet
86Kb / 3P
   Power Metal Strip Resistors, Low Value (Down to 0.0005 Ohm), Surface Mount
Revision: 06-Jun-12
WSL2010 VISHAY-WSL2010 Datasheet
95Kb / 3P
   Power Metal Strip® Resistors, High Power (2 x Standard WSL), Low Value (Down to 0.0005Ohm), Surface Mount
Revision: 09-Sep-11
More results

Similar Description - WSL2010MWSL2512LDEK1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
442639 VISHAY-442639 Datasheet
125Kb / 3P
   Power Metal Strip Resistors
Revision: 01-Jul-09
WSL20108L000FEA18 VISHAY-WSL20108L000FEA18 Datasheet
83Kb / 3P
   Power Metal Strip Resistors, High Power
Revision: 08-Oct-13
WSK06125L000FEA VISHAY-WSK06125L000FEA Datasheet
102Kb / 3P
   Power Metal Strip Resistors, High Power,
Revision: 09-Nov-11
WSL2512R1500FTA VISHAY-WSL2512R1500FTA Datasheet
86Kb / 3P
   Power Metal Strip Resistors, Low Value
Revision: 06-Jun-12
WSL2512R3300FEA VISHAY-WSL2512R3300FEA Datasheet
86Kb / 3P
   Power Metal Strip Resistors, Low Value
Revision: 06-Jun-12
WSL1206R2500 VISHAY-WSL1206R2500 Datasheet
87Kb / 3P
   Power Metal Strip Resistors, Low Value
Revision: 05-Mar-14
WSL3921 VISHAY-WSL3921 Datasheet
116Kb / 2P
   Power Metal Strip Resistors, Low Value, Surface Mount
Revision: 29-Mar-05
WSL2512R0250FEA VISHAY-WSL2512R0250FEA Datasheet
86Kb / 3P
   Power Metal Strip Resistors, Low Value, Surface Mount
Revision: 06-Jun-12
WSR3R2000FEA VISHAY-WSR3R2000FEA Datasheet
89Kb / 3P
   Power Metal Strip Resistors, Low Value, Surface Mount
Revision: 17-Jan-13
logo
Bourns Electronic Solut...
CRG2512 BOURNS-CRG2512 Datasheet
746Kb / 3P
   Metal Strip Current Sense Chip Resistors
08/22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com