Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABC-2-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # ABC-2-R
Description  ABC Series, Fast-Acting, Ceramic Tube
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

ABC-2-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  ABC-2-R Datasheet HTML 1Page - Cooper Bussmann, Inc. ABC-2-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Time-CurrentCurves
0613
BU-SB13635
Page 2 of 2
Data Sheet 2000
©2013 Cooper Bussmann
www.cooperbussmann.com
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive.All other copies of
thisdocumentarebydefinitionuncontrolled.Thisbulletinisintendedtoclearlypresentcomprehensiveproductdataandprovidetechnicalinformation
that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change design or construction of any
products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any
technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Current in Amps
13
5 8
12
10
15
18
20
25
30
PACKAGINGCODE
PackagingCode Description
BK
100piecesoffusespackedintoacardboardcarton
BK1
1000piecesoffusespackedintoacardboardcarton
BK8
8000piecesoffusespackedintoacardboardcarton
OPTIONCODE
OptionCode
Description
V
Axialleads-coppertinnedwirewithnickelplatedbrassovercaps


Similar Part No. - ABC-2-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
ABC-2-R COOPER-ABC-2-R Datasheet
210Kb / 2P
   Fast-acting, ceramic tube Optional axial leads available
ABC-2-R COOPER-ABC-2-R Datasheet
279Kb / 2P
   1/4 x 1 1/4 Fast-Acting Ceramic Tube Fuses
logo
Eaton All Rights Reserv...
ABC-2-R EATON-ABC-2-R Datasheet
260Kb / 2P
   1????x 1 1????Fast-acting ceramic tube fuses
More results

Similar Description - ABC-2-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
BKABC-20-R COOPER-BKABC-20-R Datasheet
210Kb / 2P
   1????x 1 1????Glass Tube Fuses ABC Series, Fast-Acting, Ceramic Tube
ABC-1-4 COOPER-ABC-1-4 Datasheet
232Kb / 3P
   Fast-acting, ceramic tube
GDA-50MA COOPER-GDA-50MA Datasheet
255Kb / 2P
   GDA Series, Fast-Acting, Ceramic Tube
BK-AGC-1-2-R COOPER-BK-AGC-1-2-R Datasheet
183Kb / 3P
   AGC Series, Fast Acting, Glass Tube
BKAGC-1-2-R COOPER-BKAGC-1-2-R Datasheet
164Kb / 2P
   AGC Series, Fast Acting, Glass Tube
S501-5-R COOPER-S501-5-R Datasheet
340Kb / 2P
   5 x 20mm, Fast-Acting, Ceramic Tube Fuses
ABC-14-R COOPER-ABC-14-R Datasheet
210Kb / 2P
   Fast-acting, ceramic tube Optional axial leads available
S501-2-R COOPER-S501-2-R Datasheet
102Kb / 2P
   5mm x 20mm Fuses S501 Series, Fast Acting, Ceramic Tube
logo
Eaton All Rights Reserv...
1025HC EATON-1025HC Datasheet
514Kb / 9P
   Fast-acting, high current, surface mount ceramic tube fuses
ABC EATON-ABC Datasheet
260Kb / 2P
   1????x 1 1????Fast-acting ceramic tube fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com