Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5PS2562GFRS5L Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # H5PS2562GFRS5L
Description  256Mb DDR2 SDRAM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS2562GFRS5L Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button H5PS2562GFRS5L Datasheet HTML 5Page - Hynix Semiconductor H5PS2562GFRS5L Datasheet HTML 6Page - Hynix Semiconductor H5PS2562GFRS5L Datasheet HTML 7Page - Hynix Semiconductor H5PS2562GFRS5L Datasheet HTML 8Page - Hynix Semiconductor H5PS2562GFRS5L Datasheet HTML 9Page - Hynix Semiconductor H5PS2562GFRS5L Datasheet HTML 10Page - Hynix Semiconductor H5PS2562GFRS5L Datasheet HTML 11Page - Hynix Semiconductor H5PS2562GFRS5L Datasheet HTML 12Page - Hynix Semiconductor H5PS2562GFRS5L Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
Rev.1.3 / June. 2012
9
H5PS2562GFR series
2. Maximum DC Ratings
2.1 Absolute Maximum DC Ratings
2.2 Operating Temperature Condition
Note:
1. Operating Temperature is the case surface temperature on the center/top side of the DRAM. For the measure-
ment conditions, please refer to JESD51-2 standard.
2. At 85~95° TOPER , Double refresh rate(tREFI: 3.9us) is required, and to enter the self refresh mode at this tem-
perature range it must be required an EMRS command to change itself refresh rate.
Symbol
Parameter
Rating
Units
Notes
VDD
Voltage on VDD pin relative to Vss
- 1.0 V ~ 2.3 V
V
1
VDDQ
Voltage on VDDQ pin relative to Vss
- 0.5 V ~ 2.3 V
V
1
VDDL
Voltage on VDDL pin relative to Vss
- 0.5 V ~ 2.3 V
V
1
VIN, VOUT Voltage on any pin relative to Vss
- 0.5 V ~ 2.3 V
V
1
TSTG
Storage Temperature
-55 to +100
1, 2
II
Input leakage current; any input 0V VIN VDD;
all other balls not under test = 0V)
-2 uA ~ 2 uA
uA
IOZ
Output leakage current; 0V VOUT VDDQ; DQ
and ODT disabled
-5 uA ~ 5 uA
uA
1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
2. Storage Temperature is the case surface temperature on the center/top side of the DRAM. For the measurement
conditions. Please refer to JESD51-2 standard.
Symbol
Parameter
Rating
Units
Notes
TOPER
Operating Temperature
Commercial
0 to 85
C
1,2
Industrial
-40 to 95


Similar Part No. - H5PS2562GFRS5L

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5PS2G43AFR HYNIX-H5PS2G43AFR Datasheet
521Kb / 40P
   2Gb DDR2 SDRAM
H5PS2G83AFR HYNIX-H5PS2G83AFR Datasheet
521Kb / 40P
   2Gb DDR2 SDRAM
More results

Similar Description - H5PS2562GFRS5L

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS561621BLFPE3 HYNIX-HY5PS561621BLFPE3 Datasheet
827Kb / 34P
   256Mb DDR2 SDRAM
HY5PS561621BLFPE3I HYNIX-HY5PS561621BLFPE3I Datasheet
826Kb / 34P
   256Mb DDR2 SDRAM
HY5PS561621AFP-E3 HYNIX-HY5PS561621AFP-E3 Datasheet
2Mb / 34P
   256Mb DDR2 SDRAM
HY5PS56421LF-E3 HYNIX-HY5PS56421LF-E3 Datasheet
614Kb / 35P
   256Mb DDR2 SDRAM
logo
Elpida Memory
EBE25UD6ABFA ELPIDA-EBE25UD6ABFA Datasheet
224Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBE25UC8AAFA ELPIDA-EBE25UC8AAFA Datasheet
238Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
EBE25UD6ABSA ELPIDA-EBE25UD6ABSA Datasheet
245Kb / 21P
   256MB DDR2 SDRAM SO-DIMM
logo
White Electronic Design...
WV3HG64M32EEU-D4 WEDC-WV3HG64M32EEU-D4 Datasheet
161Kb / 11P
   256MB - 64Mx32 DDR2 SDRAM UNBUFFERED
logo
Elpida Memory
EBE26UC6AASA ELPIDA-EBE26UC6AASA Datasheet
257Kb / 21P
   256MB DDR2 SDRAM SO-DIMM
EBE25EC8AAFA ELPIDA-EBE25EC8AAFA Datasheet
201Kb / 22P
   256MB Unbuffered DDR2 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com