Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHCC3DU Datasheet(PDF) 5 Page - Cooper Bussmann, Inc.

Part # CHCC3DU
Description  Compact Modular Fuse Holders With the Industrys Best Ratings
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CHCC3DU Datasheet(HTML) 5 Page - Cooper Bussmann, Inc.

  CHCC3DU Datasheet HTML 1Page - Cooper Bussmann, Inc. CHCC3DU Datasheet HTML 2Page - Cooper Bussmann, Inc. CHCC3DU Datasheet HTML 3Page - Cooper Bussmann, Inc. CHCC3DU Datasheet HTML 4Page - Cooper Bussmann, Inc. CHCC3DU Datasheet HTML 5Page - Cooper Bussmann, Inc. CHCC3DU Datasheet HTML 6Page - Cooper Bussmann, Inc. CHCC3DU Datasheet HTML 7Page - Cooper Bussmann, Inc. CHCC3DU Datasheet HTML 8Page - Cooper Bussmann, Inc. CHCC3DU Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Multi-Pole Ganging
Use multi-pole connection kit part number
JV-L to gang multiple poles together. One
JV-L kit is sufficient to gang up to 4 poles.
Dimensional Data - mm (in)
17.5
[ 0.689 ]
35
[ 1.378 ]
52.5
[ 2.067 ]
70
[ 2.756 ]
42.58
[ 1.676 ]
52.83
[ 2.080 ]
61.83
[ 2.434 ]
18.59
[ 0.732 ]
83.19
[ 3.275 ]
7.5
[ 0.295 ]
Modular Fuse Holder Features and Installation Guide
Removing Instructions
1. Press down on top
of DIN-Rail
2. Rotate out
on the bottom
4mm
Lockout
Feature in
Fuse Carrier
Toolless
Ganging of
Multiple
Poles
Toolless DIN Rail
Mounting
Wire Strip
Length
Indicator
6mm Wire
Clamp Lug and
open bus bar
connection
(#4 to #18)
Captive, Fully
Backed Out
Phil-Slot Screw
Spade lug
connection
Self-Extinguishing,
UL 94V0 Rated
Polyester
Material
Label Slot
Optional
Open Fuse
Indicator
Hole for Wire
Security Tag
Features


Similar Part No. - CHCC3DU

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CHCC EATON-CHCC Datasheet
3Mb / 9P
   CH Modular, IP20 finger-safe DIN-Rail holders for Class CC, supplemental and PV fuses
More results

Similar Description - CHCC3DU

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CHM1DIU COOPER-CHM1DIU Datasheet
2Mb / 12P
   Compact Modular Fuse Holders With the Industry?셲 Best Ratings
HBH-I COOPER-HBH-I Datasheet
258Kb / 2P
   Fuse Holders
logo
List of Unclassifed Man...
441-R359A-GR ETC2-441-R359A-GR Datasheet
85Kb / 2P
   Fuse Holders
logo
Littelfuse
04980910ZXT LITTELFUSE-04980910ZXT Datasheet
175Kb / 1P
   Fuse Holders
178.6116.2501 LITTELFUSE-178.6116.2501 Datasheet
236Kb / 1P
   Fuse Holders
logo
Sharp Corporation
GP1S562 SHARP-GP1S562 Datasheet
61Kb / 4P
   Compact Photointerrupter with Holders
logo
Eaton All Rights Reserv...
10115 EATON-10115 Datasheet
130Kb / 3P
   Bussmann series 22 x 58 mm Modular fuse holders
logo
List of Unclassifed Man...
441-R347A-GR ETC2-441-R347A-GR Datasheet
76Kb / 2P
   Blade Fuse Holders
441-R360A-GR ETC2-441-R360A-GR Datasheet
199Kb / 2P
   In-Line Fuse Holders
logo
Eaton All Rights Reserv...
HKP EATON-HKP Datasheet
184Kb / 2P
   Panel-mount fuse holders
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com