Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSC5504DT Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KSC5504DT
Description  High Voltage High Speed Power Switch Application
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC5504DT Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KSC5504DT Datasheet HTML 1Page - Fairchild Semiconductor KSC5504DT Datasheet HTML 2Page - Fairchild Semiconductor KSC5504DT Datasheet HTML 3Page - Fairchild Semiconductor KSC5504DT Datasheet HTML 4Page - Fairchild Semiconductor KSC5504DT Datasheet HTML 5Page - Fairchild Semiconductor KSC5504DT Datasheet HTML 6Page - Fairchild Semiconductor KSC5504DT Datasheet HTML 7Page - Fairchild Semiconductor KSC5504DT Datasheet HTML 8Page - Fairchild Semiconductor KSC5504DT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
Electrical Characteristics T
C=25°C unless otherwise noted
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC=1mA, IE=0
1200
1350
V
BVCEO
Collector-Emitter Breakdown Voltage
IC=5mA, IB=0
600
750
V
BVEBO
Emitter-Base Breakdown Voltage
IE=500µA, IC=0
12
13.7
V
ICES
Collector Cut-off Current
VCES=1200V,
VBE=0
TC=25°C
100
µA
TC=125°C
500
ICEO
Collector Cut-off Current
VCE=600V, IB=0
TC=25°C
100
µA
TC=125°C
500
IEBO
Emitter Cut-off Current
VEB=12V, IC=0
TC=25°C10
µA
hFE
DC Current Gain
VCE=1V, IC=0.5A
TC=25°C
152035
TC=125°C10
13
VCE=1V, IC=2A
TC=25°C4
6
TC=125°C3
4.1
VCE=2.5V, IC=1A
TC=25°C
121830
TC=125°C8
10
VCE(sat)
Collector-Emitter Saturation Voltage
IC=0.5A,
IB=0.05A
TC=25°C0.28
0.6
V
TC=125°C0.5
1.0
V
IC=1A, IB=0.2A
TC=25°C0.18
0.5
V
TC=125°C
0.3
0.75
V
IC=2A, IB=0.4A
TC=25°C0.5
1.5
V
TC=125°C2.0
3.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC=0.8A,
IB=0.08A
TC=25°C0.77
1.0
V
TC=125°C0.60
0.9
V
IC=2A, IB=0.4A
TC=25°C0.85
1.2
V
TC=125°C0.70
1.0
V
Cib
Input Capacitance
VEB=10V, IC=0, f=1MHz
600
750
pF
Cob
Output Capacitance
VCB=10V, IE=0, f=1MHz
75
100
pF
fT
Current Gain Bandwidth Product
IC=0.5A,VCE=10V
11
MHz
VF
Diode Forward Voltage
IF=1A
TC=25°C0.83
1.3
V
TC=125°C0.7
V
IF=2A
TC=25°C0.88
1.5
V
TC=125°C0.8
V


Similar Part No. - KSC5504DT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5502 FAIRCHILD-KSC5502 Datasheet
227Kb / 8P
   NPN Planar Silicon Transistor
KSC5502D FAIRCHILD-KSC5502D Datasheet
137Kb / 11P
   High Voltage Power Switch Switching Application
KSC5502D FAIRCHILD-KSC5502D Datasheet
440Kb / 11P
   High Voltage Power Switch Switching Application
KSC5502D FAIRCHILD-KSC5502D Datasheet
259Kb / 11P
   NPN Triple Diffused Planar Silicon Transistor
KSC5502DT FAIRCHILD-KSC5502DT Datasheet
137Kb / 11P
   High Voltage Power Switch Switching Application
More results

Similar Description - KSC5504DT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5305D FAIRCHILD-KSC5305D Datasheet
102Kb / 6P
   High Voltage High Speed Power Switch Application
KSC5402D FAIRCHILD-KSC5402D Datasheet
155Kb / 10P
   High Voltage High Speed Power Switch Application
FJE5304D FAIRCHILD-FJE5304D Datasheet
89Kb / 6P
   High Voltage High Speed Power Switch Application
KSC5302DM FAIRCHILD-KSC5302DM Datasheet
100Kb / 6P
   High Voltage & High Speed Power Switch Application
KSC5302D FAIRCHILD-KSC5302D Datasheet
101Kb / 6P
   High Voltage High Speed Power Switch Application
KSC5603D FAIRCHILD-KSC5603D Datasheet
84Kb / 5P
   High Voltage High Speed Power Switch Application
FJP5304D FAIRCHILD-FJP5304D Datasheet
79Kb / 6P
   High Voltage High Speed Power Switch Application
KSC5302DI FAIRCHILD-KSC5302DI Datasheet
98Kb / 6P
   High Voltage & High Speed Power Switch Application
KSC5039F FAIRCHILD-KSC5039F Datasheet
58Kb / 5P
   High Voltage Power Switch Switching Application
KSC5338D FAIRCHILD-KSC5338D Datasheet
95Kb / 8P
   High Voltage Power Switch Switching Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com