Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH-7070TB Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # SH-7070TB
Description  ROTARY CODED SWITCHES SMD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SH-7070TB Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  SH-7070TB Datasheet HTML 1Page - Cooper Bussmann, Inc. SH-7070TB Datasheet HTML 2Page - Cooper Bussmann, Inc. SH-7070TB Datasheet HTML 3Page - Cooper Bussmann, Inc. SH-7070TB Datasheet HTML 4Page - Cooper Bussmann, Inc. SH-7070TB Datasheet HTML 5Page - Cooper Bussmann, Inc. SH-7070TB Datasheet HTML 6Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
SH-7000
ROTARY CODED SWITCHES (SMD)
No. of positions
Adjustment torque
Stepping angle
Solderability
Shear (adhesion)
Substrate bending
Pull-off strength
10, 16
3 ~ 20 mN·m { 3~ 204 gf·cm} maximum
36° (10 positions)
22.5° (16 positions)
245
± 3 °C, 2 ~ 3 s
5 N {0.51 kgf} 10 s
Manual soldering
350
± 10 °C, 3 ~ 4 s
Width 90 mm, bend 3 mm, 5 s, 1 time
5 N {0.51 kgf} 10s
Vibration
Shock
Load life
Humidity
High temperature exposure
Low temperature exposure
Thermal shock
Amplitude 1.5 mm or Acceleration 98 m/s
2,
10-500-10 Hz, 3 directions for 2 h each
490 m/s
2, 11 ms
6 directions for 3 times each
10000 steps minimum, DC5 V, 100 mA
85 °C, 96 h
105 °C, 96 h (Gray code)
40 °C, Relative humidity 90 ~ 95 %,
240 h
−40 °C, 96 h
−40 (0.5 h) ~ 85 °C ( 0.5 h ), 5 cycles
−40 (0.5 h) ~ 105 °C ( 0.5 h ), 5 cycles (Gray code)
MECHANICAL CHARACTERISTICS
ENVIRONMENTAL CHARACTERISTICS
Reflow profile for soldering heat evaluation
リフロー回数:2回 Reflow : two times maximum
Peak : 250
Over 230
°C
Pre Heating Zone
180
°C
(
°C)
250
200
150
100
50
150
°C
90
± 30 s
30
± 10 s
Soldering Zone
Heating time
°C
+5
0
Soldering heat
Flow : 260
± 3 °C as the temperature in
a pot of molten solder, immer-
sion from head of terminal to
backside of board,5 ~ 6 s, two
times maximum
Reflow : Peak temperature 255 °C
(Please refer to the profile below.)
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
● SH-7010A (Real code)
● SH-7030A (Complementary code)
● SH-7010B (Real code)
● SH-7030B (Complementary code)
7.3
0.7 W
× 2.8 L × 1 D
Marking appears only with complementary code
Production date code
6 – 0.6
t = 0.15
3.75
2.54
2.54
7.3
0.7 W
× 2.8 L × 1D
Production date code
Marking appears only with complementary code
3.75
6 – 0.6
t = 0.15
2.54
2.54
{ } : Reference only


Similar Part No. - SH-7070TB

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
SH-7070TB COPAL-SH-7070TB Datasheet
1Mb / 6P
   ROTARY CODED SWITCHES (SMD)
More results

Similar Description - SH-7070TB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA-7000 ETC2-SA-7000 Datasheet
592Kb / 14P
   ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
S-4000 COPAL-S-4000 Datasheet
957Kb / 4P
   ROTARY CODED SWITCHES (SMD)
logo
List of Unclassifed Man...
S-7070ETB ETC2-S-7070ETB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
SH-7000 ETC2-SH-7000 Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
SA-7000 COPAL-SA-7000 Datasheet
930Kb / 14P
   ROTARY CODED SWITCHES (SMD)
SH-7000 COPAL-SH-7000 Datasheet
1Mb / 6P
   ROTARY CODED SWITCHES (SMD)
S-7000 COPAL-S-7000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES (SMD)
logo
List of Unclassifed Man...
S-7070EB ETC2-S-7070EB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
S-4010A ETC2-S-4010A Datasheet
153Kb / 4P
   ROTARY CODED SWITCHES (SMD)
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com