Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2F200M3A-1FG208Y Datasheet(PDF) 11 Page - Microsemi Corporation

Part # A2F200M3A-1FG208Y
Description  SmartFusion Customizable System-on-Chip (cSoC)
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A2F200M3A-1FG208Y Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button A2F200M3A-1FG208Y Datasheet HTML 7Page - Microsemi Corporation A2F200M3A-1FG208Y Datasheet HTML 8Page - Microsemi Corporation A2F200M3A-1FG208Y Datasheet HTML 9Page - Microsemi Corporation A2F200M3A-1FG208Y Datasheet HTML 10Page - Microsemi Corporation A2F200M3A-1FG208Y Datasheet HTML 11Page - Microsemi Corporation A2F200M3A-1FG208Y Datasheet HTML 12Page - Microsemi Corporation A2F200M3A-1FG208Y Datasheet HTML 13Page - Microsemi Corporation A2F200M3A-1FG208Y Datasheet HTML 14Page - Microsemi Corporation A2F200M3A-1FG208Y Datasheet HTML 15Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 192 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Revision 10
1-3
devices from the PCB design. Flash-based SmartFusion cSoCs simplify total system design and reduce
cost and design risk, while increasing system reliability.
Immunity to Firm Errors
Firm errors occur most commonly when high-energy neutrons, generated in the atmosphere, strike a
configuration cell of an SRAM FPGA. The energy of the collision can change the state of the
configuration cell and thus change the logic, routing, or I/O configuration behavior in an unpredictable
way.
Another source of radiation-induced firm errors is alpha particles. For alpha radiation to cause a soft or
firm error, its source must be in very close proximity to the affected circuit. The alpha source must be in
the package molding compound or in the die itself. While low-alpha molding compounds are being used
increasingly, this helps reduce but does not entirely eliminate alpha-induced firm errors.
Firm errors are impossible to prevent in SRAM FPGAs. The consequence of this type of error can be a
complete system failure. Firm errors do not occur in SmartFusion cSoCs. Once it is programmed, the
flash cell configuration element of SmartFusion cSoCs cannot be altered by high energy neutrons and is
therefore immune to errors from them. Recoverable (or soft) errors occur in the user data SRAMs of all
FPGA devices. These can easily be mitigated by using error detection and correction (EDAC) circuitry
built into the FPGA fabric.
Specifying I/O States During Programming
You can modify the I/O states during programming in FlashPro. In FlashPro, this feature is supported for
PDB files generated from Designer v8.5 or greater. See the FlashPro User’s Guide for more information.
Note: PDB files generated from Designer v8.1 to Designer v8.4 (including all service packs) have
limited display of Pin Numbers only.
The I/Os are controlled by the JTAG Boundary Scan register during programming, except for the analog
pins (AC, AT and AV). The Boundary Scan register of the AG pin can be used to enable/disable the gate
driver in software v9.0.
1. Load a PDB from the FlashPro GUI. You must have a PDB loaded to modify the I/O states during
programming.
2. From the FlashPro GUI, click PDB Configuration. A FlashPoint – Programming File Generator
window appears.
3. Click the Specify I/O States During Programming button to display the Specify I/O States During
Programming dialog box.
4. Sort the pins as desired by clicking any of the column headers to sort the entries by that header.
Select the I/Os you wish to modify (Figure 1-1 on page 1-4).
5. Set the I/O Output State. You can set Basic I/O settings if you want to use the default I/O settings
for your pins, or use Custom I/O settings to customize the settings for each pin. Basic I/O state
settings:
1 – I/O is set to drive out logic High
0 – I/O is set to drive out logic Low
Last Known State – I/O is set to the last value that was driven out prior to entering the
programming mode, and then held at that value during programming
Z -Tri-State: I/O is tristated


Similar Part No. - A2F200M3A-1FG208Y

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A2F200M3F-FGG484 MICROSEMI-A2F200M3F-FGG484 Datasheet
9Mb / 182P
   Internal Memory, Multi-Layer AHB Communications Matrix
A2F200M3F-FGG484 MICROSEMI-A2F200M3F-FGG484 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
More results

Similar Description - A2F200M3A-1FG208Y

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A2F500M3G-1FGG484 MICROSEMI-A2F500M3G-1FGG484 Datasheet
11Mb / 192P
   SmartFusion Customizable System-on-Chip (cSoC)
A2F500M3G-CSG288 MICROSEMI-A2F500M3G-CSG288 Datasheet
10Mb / 197P
   SmartFusion Customizable System-on-Chip (cSoC)
A2F500M3G-FGG256I MICROSEMI-A2F500M3G-FGG256I Datasheet
10Mb / 197P
   SmartFusion Customizable System-on-Chip (cSoC)
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
logo
Cypress Semiconductor
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com