Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTX15-2-R Datasheet(PDF) 6 Page - Cooper Bussmann, Inc.

Part # CTX15-2-R
Description  Power Inductors and Transformers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CTX15-2-R Datasheet(HTML) 6 Page - Cooper Bussmann, Inc.

  CTX15-2-R Datasheet HTML 1Page - Cooper Bussmann, Inc. CTX15-2-R Datasheet HTML 2Page - Cooper Bussmann, Inc. CTX15-2-R Datasheet HTML 3Page - Cooper Bussmann, Inc. CTX15-2-R Datasheet HTML 4Page - Cooper Bussmann, Inc. CTX15-2-R Datasheet HTML 5Page - Cooper Bussmann, Inc. CTX15-2-R Datasheet HTML 6Page - Cooper Bussmann, Inc. CTX15-2-R Datasheet HTML 7Page - Cooper Bussmann, Inc. CTX15-2-R Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ECONO-PAC™/OCTA-PAC®
OCTA-PAC® PLUS
Power Inductors and Transformers
Mechanical Diagrams
CTX 1, 1P, 1A Series
CTX 2, 2P, 2A Series
CTX 3, 3P, 3A Series
CTX 4, 4P, 4A Series
Dimensions in Millimeters.
wwllyy = (date code) R = revision level


Similar Part No. - CTX15-2-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CTX15-2-R EATON-CTX15-2-R Datasheet
682Kb / 9P
   ECONO-PAC??OCTA-PAC짰 OCTA-PAC짰 PLUS Dual winding toroid power inductors/transformers
More results

Similar Description - CTX15-2-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CTX10-4P COOPER-CTX10-4P Datasheet
461Kb / 8P
   Power Inductors and Transformers
logo
Filtran LTD
8409-XX FILTRAN-8409-XX Datasheet
189Kb / 1P
   SMD Power Inductors and Transformers
8417-XX FILTRAN-8417-XX Datasheet
172Kb / 1P
   SMD Power Inductors and Transformers
logo
Cooper Bussmann, Inc.
VPH1-1400-R COOPER-VPH1-1400-R Datasheet
444Kb / 8P
   Inductors and Transformers
logo
Central Technologies
CTCSF CT-CTCSF Datasheet
400Kb / 1P
   Current Sense Transformers and Inductors
logo
List of Unclassifed Man...
ABL6TS25G ETC2-ABL6TS25G Datasheet
44Kb / 1P
   Power supplies and transformers
SG-890A ETC2-SG-890A Datasheet
765Kb / 12P
   SURFCOIL짰 SMT INDUCTORS AND TRANSFORMERS (PROFESSIONAL GRADE)
logo
Vishay Siliconix
LPE6562 VISHAY-LPE6562 Datasheet
118Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped
LPE4841 VISHAY-LPE4841 Datasheet
116Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped
LPE3325 VISHAY-LPE3325 Datasheet
101Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com