Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5TQ1G63EFRRDJ Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # H5TQ1G63EFRRDJ
Description  1Gb DDR3 SDRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TQ1G63EFRRDJ Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button H5TQ1G63EFRRDJ Datasheet HTML 5Page - Hynix Semiconductor H5TQ1G63EFRRDJ Datasheet HTML 6Page - Hynix Semiconductor H5TQ1G63EFRRDJ Datasheet HTML 7Page - Hynix Semiconductor H5TQ1G63EFRRDJ Datasheet HTML 8Page - Hynix Semiconductor H5TQ1G63EFRRDJ Datasheet HTML 9Page - Hynix Semiconductor H5TQ1G63EFRRDJ Datasheet HTML 10Page - Hynix Semiconductor H5TQ1G63EFRRDJ Datasheet HTML 11Page - Hynix Semiconductor H5TQ1G63EFRRDJ Datasheet HTML 12Page - Hynix Semiconductor H5TQ1G63EFRRDJ Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Rev. 1.1 /Aug. 2013
9
ROW AND COLUMN ADDRESS TABLE
1Gb
Note1: Page size is the number of bytes of data delivered from the array to the internal sense amplifiers
when an ACTIVE command is registered. Page size is per bank, calculated as follows:
page size = 2 COLBITS * ORG
 8
where COLBITS = the number of column address bits, ORG = the number of I/O (DQ) bits
Configuration
128Mb x 8
64Mb x 16
# of Banks
8
8
Bank Address
BA0 - BA2
BA0 - BA2
Auto precharge
A10/AP
A10/AP
BL switch on the fly
A12/BC
A12/BC
Row Address
A0 - A13
A0 - A12
Column Address
A0 - A9
A0 - A9
Page size 1
1 KB
2 KB


Similar Part No. - H5TQ1G63EFRRDJ

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ1G63AFP HYNIX-H5TQ1G63AFP Datasheet
4Mb / 77P
   1Gb DDR3 SDRAM
H5TQ1G63BFR HYNIX-H5TQ1G63BFR Datasheet
589Kb / 32P
   1Gb DDR3 SDRAM
H5TQ1G63DFR HYNIX-H5TQ1G63DFR Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
H5TQ1G63DFR-11C HYNIX-H5TQ1G63DFR-11C Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
H5TQ1G63DFR-12C HYNIX-H5TQ1G63DFR-12C Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
More results

Similar Description - H5TQ1G63EFRRDJ

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ1G43AFP HYNIX-H5TQ1G43AFP Datasheet
4Mb / 77P
   1Gb DDR3 SDRAM
H5TQ1G43TFR HYNIX-H5TQ1G43TFR Datasheet
458Kb / 31P
   1Gb DDR3 SDRAM
H5TQ1G83DFR HYNIX-H5TQ1G83DFR Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G63DFR HYNIX-H5TQ1G63DFR Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
H5TQ1G43BFR HYNIX-H5TQ1G43BFR Datasheet
589Kb / 32P
   1Gb DDR3 SDRAM
logo
Elpida Memory
EBJ10RE8BAFA ELPIDA-EBJ10RE8BAFA Datasheet
220Kb / 20P
   1GB Registered DDR3 SDRAM DIMM
EBJ10EE8BAWA ELPIDA-EBJ10EE8BAWA Datasheet
179Kb / 18P
   1GB Unbuffered DDR3 SDRAM DIMM
EBJ10UE8BDF0 ELPIDA-EBJ10UE8BDF0 Datasheet
194Kb / 21P
   1GB Unbuffered DDR3 SDRAM DIMM
logo
Samsung semiconductor
K4B1G0446G SAMSUNG-K4B1G0446G Datasheet
1Mb / 64P
   1Gb G-die DDR3 SDRAM
logo
Elpida Memory
EBJ10EE8BAFA ELPIDA-EBJ10EE8BAFA Datasheet
177Kb / 18P
   1GB Unbuffered DDR3 SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com