Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJMBZ15V-AU_T0_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJMBZ15V-AU_T0_00001
Description  DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJMBZ15V-AU_T0_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJMBZ15V-AU_T0_00001 Datasheet HTML 1Page - Pan Jit International Inc. PJMBZ15V-AU_T0_00001 Datasheet HTML 2Page - Pan Jit International Inc. PJMBZ15V-AU_T0_00001 Datasheet HTML 3Page - Pan Jit International Inc. PJMBZ15V-AU_T0_00001 Datasheet HTML 4Page - Pan Jit International Inc. PJMBZ15V-AU_T0_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
August 16.2010-REV.00
PJMBZ15V-AU / PJMBZ27V-AU
VOLTAGE
12 / 22 Volts
150 Watts
APPLICATIONS
• Data Transmission Line Ports
• Computer Monitor Interface Port Protection
• Portable Consumer Electronics
• Instrumentation Equipment
MECHANICAL
• Case: SOT-23, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Apporx. Weight: 0.0003 ounce, 0.0084 gram
DATA
POWER
MAXIMUM RATINGS
PA RA ME TE R
S ymb o l
Va lue
Uni ts
P eak P ulse P ower
8x20 μse c Wa ve fo rm
P eak P ulse P ower
10 x1000 μsec
P PP
150
25
W
E S D Voltage (HB M)
V ESD
>2 5
kV
Operati ng Temperature Range
TJ
-55 to +125
O
C
S torage Temperature Range
TSTG
-55 to +150
O
C
Lead S olderi ng Temperature (max 10 secs)
TL
260
O
C
DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
This Dual Zener ESD/Transient Protector with a Common Cathode,Configuration has been designed to
protect Sensitive Equipment against,ESD and pevent Latch-Up events.The
combination of a dual device protects up to two data lines in a single package giving the
advantage of board space savings where this is a premium
.
0.120(3.04)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.070(1.80)
0.020(0.50)
0.013(0.35)
0.044(1.10)
0.035(0.90)
0.008(0.20)
0.003(0.08)
0.004(0.10)
0.000(0.00)
FEATURES
• Working Peak Reverse Voltage of 12V and 22V
• Maximum Leakage Current of 100nA and 50nA @ V
RWM
• IEC61000-4-2 Compliance 15kV Air, 8kV Contact Discharge
• Industry Standard SOT-23 Package
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)


Similar Part No. - PJMBZ15V-AU_T0_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJMBZ15V PANJIT-PJMBZ15V Datasheet
95Kb / 3P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ15VD PANJIT-PJMBZ15VD Datasheet
42Kb / 2P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
More results

Similar Description - PJMBZ15V-AU_T0_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJMBZ15V PANJIT-PJMBZ15V Datasheet
95Kb / 3P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6 PANJIT-PJMBZ5V6_10 Datasheet
116Kb / 4P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ15VD PANJIT-PJMBZ15VD Datasheet
42Kb / 2P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6 PANJIT-PJMBZ5V6 Datasheet
102Kb / 5P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6-AU PANJIT-PJMBZ5V6-AU Datasheet
219Kb / 6P
   DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJSOT05 PANJIT-PJSOT05_05 Datasheet
109Kb / 3P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJSOT PANJIT-PJSOT Datasheet
57Kb / 4P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
logo
Unisonic Technologies
SOT05C UTC-SOT05C Datasheet
80Kb / 4P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
logo
Vishay Siliconix
MMBZ6V8DC VISHAY-MMBZ6V8DC Datasheet
37Kb / 2P
   Dual Zener Transient Voltage Suppressor Diodes for ESD Protection
21-May-02
logo
Pan Jit International I...
PJSM6V8TB PANJIT-PJSM6V8TB Datasheet
292Kb / 4P
   BI-DIRECTIONAL TVS/ZENER FOR ESD PROTECTION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com