Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAR2010 Datasheet(PDF) 1 Page - Riedon Powertron

Part # CAR2010
Description  Thin Film Precision Chip Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

CAR2010 Datasheet(HTML) 1 Page - Riedon Powertron

  CAR2010 Datasheet HTML 1Page - Riedon Powertron CAR2010 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
09/13
Type
CAR0402
CAR0603
CAR0805
CAR1206
CAR2010
CAR2512
Power Rating (W) at 70°C
0.0625
0.0625
0.1
0.125
0.25
0.5
High Power Rating (W) at 70°C
( Add HP to part number )
-
0.1
0.125
0.25
0.33
0.75
Standard Resistance Range (W)
Low TCR Resistance Range (W)
50 to 205k
50 to 70k
1 to 1M
5 - 332k
1 to 2M
5 to 511k
1 to 2.5M
5 to 1M
1 to 3M
5 to 1M
Operating Temperature
-55 - +155°C
MAX Operating Voltage1
25V
50V
100V
150V
MAX Overload Voltage2
50V
100V
200V
300V
Tolerances
(depending on ohmic value)
0.01% / 0.05% / 0.1% / 0.25% / 0.5% / 1%
Temperature Coefficient
(depending on ohmic value)
± 5 to ± 50
Dimensions (LxWxT)
mm
[inches]
1.00 x 0.50 x 0.3
[0.04 x 0.02 x 0.012]
1.55 x 0.80 x 0.45
[0.06 x 0.03 x 0.018]
2.00 x 1.25 x 0.55
[0.08 x 0.05 x 0.022]
3.05 x 1.55 x 0.55
[0.12 x 0.06 x 0.022]
5.00 x 2.50 x 0.55
[0.20 x 0.10 x 0.022]
6.30 x 3.10 x 0.55
[0.25 x 0.12 x 0.022]
Packaging (pcs)
Tape and Reel
10,000
5,000
4,000
CAR Series
• Resistances from 1 Ohm to 3M Ohms
• Power Rating 0.06 to 0.75 Watt
• Resistance Tolerances to ± 0.01%
• TCR’s to ±5 ppm/°C
• Sizes: 0402 /0603 / 0805 / 1206 / 2010 / 2512
SPECIFICATIONS
Thin Film Precision Chip Resistor
Ordering Information
Part Description: Part Type - Resistance - Tolerance - TCR - HP option - Packaging
Example: CAR 0402 50Ohms 0.05% 25ppm
(Note: if no TCR is specified: The highest value will be supplied)
1
Operating Voltage =
or MAX Listed, whichever is lower.
2
Overload Voltage = 2.5 *
or MAX Listed, whichever is lower.
( P * R )
( P * R )


Similar Part No. - CAR2010

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CAR2010 RIEDON-CAR2010 Datasheet
251Kb / 1P
   Thin Film Precisionion Chip Resistor
CAR2010 RIEDON-CAR2010 Datasheet
145Kb / 3P
   CAR Series
More results

Similar Description - CAR2010

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
   Precision Thin Film Chip Resistor
7/8/2022
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
   Thin Film Precision Chip Resistor
logo
C&B ELECTRONICS (SHENZH...
PTFR RESI-PTFR Datasheet
4Mb / 14P
   Precision Thin Film Chip Resistor
logo
IRC - a TT electronics ...
PCF-W0201LF-01-1001-F IRCTT-PCF-W0201LF-01-1001-F Datasheet
305Kb / 3P
   Precision Thin Film Nichrome Chip Resistor
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
   Precision Thin Film Chip Resistor Array
01-Jan-2022
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
   Precision Thin Film Chip Resistor Array
Revision: 12-Apr-13
ACAC0612 VISHAY-ACAC0612_08 Datasheet
163Kb / 6P
   Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAS0612AT VISHAY-ACAS0612AT Datasheet
142Kb / 6P
   Automotive Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
logo
Stackpole Electronics, ...
RNCS SEI-RNCS Datasheet
449Kb / 7P
   Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
logo
Vishay Siliconix
MCT0603MD4701BP100 VISHAY-MCT0603MD4701BP100 Datasheet
167Kb / 9P
   Precision Thin Film Chip Resistor Superior Moisture Resistivity
Revision: 09-Apr-09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com