Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJGBLC15C-AU_R1_00001 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # PJGBLC15C-AU_R1_00001
Description  ULTRA LOW CAPACITANCE TVS ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJGBLC15C-AU_R1_00001 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PJGBLC15C-AU_R1_00001 Datasheet HTML 1Page - Pan Jit International Inc. PJGBLC15C-AU_R1_00001 Datasheet HTML 2Page - Pan Jit International Inc. PJGBLC15C-AU_R1_00001 Datasheet HTML 3Page - Pan Jit International Inc. PJGBLC15C-AU_R1_00001 Datasheet HTML 4Page - Pan Jit International Inc. PJGBLC15C-AU_R1_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE . 4
August 6,2013
Document Number : 130315
PJGBLC15C-AU PJGBLC24C-AU
MOUNTING PAD LAYOUT
ORDER INFORMATION
• Packing information
T/R - 12K per 13" plastic Reel
T/R - 5K per 7" plastic Reel
0.113
(2.86)
0.069
(1.74)
0.022
(0.56)


Similar Part No. - PJGBLC15C-AU_R1_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJGBLC15C PANJIT-PJGBLC15C Datasheet
72Kb / 4P
   ULTRA LOW CAPACITANCE TVS ARRAY
More results

Similar Description - PJGBLC15C-AU_R1_00001

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC03 PROTEC-GBLC03 Datasheet
174Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
FutureWafer Tech Co.,Lt...
FW0524LC-0.8PF FUTUREWAFER-FW0524LC-0.8PF Datasheet
1,017Kb / 5P
   Ultra Low Capacitance TVS Array
logo
Protek Devices
SLVU2.8-4 PROTEC-SLVU2.8-4_05 Datasheet
97Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PLC497 PROTEC-PLC497 Datasheet
111Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03 Datasheet
57Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_07 Datasheet
62Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
SLVU28-4 PROTEC-SLVU28-4 Datasheet
184Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCXXCDSL PROTEC-GBLCXXCDSL Datasheet
522Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
PAM03SD2303CI PROTEC-PAM03SD2303CI_12 Datasheet
602Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
DL0521P PROTEC-DL0521P_11 Datasheet
569Kb / 6P
   ultra LOW CAPACITANCE TVS ARRAY
PAM19DF2L0521P PROTEC-PAM19DF2L0521P Datasheet
473Kb / 6P
   ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com