Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJMBZ15V-AU_L1_00001 Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # PJMBZ15V-AU_L1_00001
Description  DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJMBZ15V-AU_L1_00001 Datasheet(HTML) 4 Page - Pan Jit International Inc.

  PJMBZ15V-AU_L1_00001 Datasheet HTML 1Page - Pan Jit International Inc. PJMBZ15V-AU_L1_00001 Datasheet HTML 2Page - Pan Jit International Inc. PJMBZ15V-AU_L1_00001 Datasheet HTML 3Page - Pan Jit International Inc. PJMBZ15V-AU_L1_00001 Datasheet HTML 4Page - Pan Jit International Inc. PJMBZ15V-AU_L1_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PJMBZ15V-AU / PJMBZ27V-AU
Part No_packing code_Version
PJMBZ15V-AU_R1_000A1
PJMBZ27V-AU_R2_000A1
For example :
RB500V-40_R2_00001
Part No.
Serial number
Version code means HF
Packing size code means 13"
Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1st Code
Packing size code
2nd Code HF or RoHS 1st Code 2nd~5th Code
Tape and Ammunition Box
(T/B)
A
N/A
0
HF
0
serial number
Tape and Reel
(T/R)
R
7"
1
RoHS
1
serial number
Bulk Packing
(B/P)
B
13"
2
Tube Packing
(T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B CATHODE UP
(PBCU)
U
FORMING
F
PANASERT T/B CATHODE DOWN
(PBCD)
D
PAGE .
4
August 16.2010-REV.00


Similar Part No. - PJMBZ15V-AU_L1_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJMBZ15V PANJIT-PJMBZ15V Datasheet
95Kb / 3P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ15VD PANJIT-PJMBZ15VD Datasheet
42Kb / 2P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
More results

Similar Description - PJMBZ15V-AU_L1_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJMBZ15V PANJIT-PJMBZ15V Datasheet
95Kb / 3P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6 PANJIT-PJMBZ5V6_10 Datasheet
116Kb / 4P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ15VD PANJIT-PJMBZ15VD Datasheet
42Kb / 2P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6 PANJIT-PJMBZ5V6 Datasheet
102Kb / 5P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6-AU PANJIT-PJMBZ5V6-AU Datasheet
219Kb / 6P
   DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJSOT05 PANJIT-PJSOT05_05 Datasheet
109Kb / 3P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJSOT PANJIT-PJSOT Datasheet
57Kb / 4P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
logo
Unisonic Technologies
SOT05C UTC-SOT05C Datasheet
80Kb / 4P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
logo
Vishay Siliconix
MMBZ6V8DC VISHAY-MMBZ6V8DC Datasheet
37Kb / 2P
   Dual Zener Transient Voltage Suppressor Diodes for ESD Protection
21-May-02
logo
Pan Jit International I...
PJSM6V8TB PANJIT-PJSM6V8TB Datasheet
292Kb / 4P
   BI-DIRECTIONAL TVS/ZENER FOR ESD PROTECTION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com