Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLR1210 Datasheet(PDF) 1 Page - Riedon Powertron

Part # CLR1210
Description  Thick Film Chip Resistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

CLR1210 Datasheet(HTML) 1 Page - Riedon Powertron

  CLR1210 Datasheet HTML 1Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
Page 10
09/13
Type
CLR0201
CLR0402
CLR0603
CLR0805
CLR1206
CLR1210
CLR2010
CLR2512
Power Rating (W)
at 70°C
0.05
0.06
0.1
0.125
0.25
0.3
0.5
1.0
Resistance Range (W)
(1% - E24 and E96)
(5% - E24)
10 to 1M
1 to 10M
Tolerances
1% / 5%
Temperature
Coefficient
(depending on ohmic value)
±100 to ±200
Max. Operating
Voltage (V)
15
50
50
150
200
200
200
200
Dimensions (LxW)
mm
[inches]
0.60 x 0.30
[0.02 x 0.01]
1.00 x 0.50
[0.04 x 0.02]
1.60 x 0.80
[0.06 x 0.03]
2.00 x 1.25
[0.08 x 0.05]
3.10 x 1.55
[0.12 x 0.06]
3.10 x 2.50
[0.12 x 0.10]
5.00 x 2.50
[0.20 x 0.10]
6.30 x 3.20
[0.25 x 0.12]
Packaging (pcs)
Tape and Reel
10,000
5,000
4,000
CLR Series
• Resistances from 1 to 10MOhms
• Power Rating 0.05 to 1 Watt
• Resistance Tolerances to ± 1%
• TCR’s to ±100 ppm/°C
• Sizes: 0201 / 0402 / 0603 / 0805 / 1206 /
1210 / 2010 and 2512
SPECIFICATIONS
Thick Film Chip Resistor
Ordering Information
Part Description: Part Type - Resistance - Tolerance - TCR - Packaging
Example: CLR 2010 10Ohms 1%
(Note: if no TCR is specified: The highest value will be supplied)
Test
Specification
Test Method
TemperatureCoefficientofResistance
see above
JIS-C-5202 5.2 / IEC 60115-1 4.8
+25/-55/+25/+125, +155/+25°C
Thermal Shock
±(1.0%+0.05Ω)
MIL-STD-202F, Method 107
-55°C~125,155°C,5 cycles
Short Time Overload
±(2.0%+0.05Ω)
MIL-R-55342D 4.7.5
RCWV*2.5 or Max Overloading Voltage, 5 seconds
High Temperature Exposure
±(2.0%+0.05Ω)
MIL-R-55342D 4.7.6
1000 hours @ +125°C without load
Load Life
±(3.0%+0.05Ω)
MIL-STD-202F M108
RCWV, 70°C, 1.5 hours on, 0.5 hours off total 1000~1048 hours
Resistance to Soldering Heat
±(1.0%+0.05Ω)
MIL-R-55342D 4.7.7
260±5°C, 10±1seconds
Moisture Resistance
±(2.0%+0.05Ω)
MIL-STD-202F, Method 103
40°C, 90~95%RH, 1000 hours
Low Temperature Operation
±(1.0%+0.05Ω)
MIL-R-55342D 4.7.4
1hour, -55°C, followed by 45 minutes of RCWV
Bending Strength
±(1.0%+0.05Ω)
JIS-C-5202 6.1.4
5 mm deflection in either direction, 10 seconds
Solderability
95% min coverage
MIL-STD-202F-Method 208H
235±5°C,2±0.5seconds


Similar Part No. - CLR1210

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CLR1210 RIEDON-CLR1210 Datasheet
284Kb / 1P
   Thick Film Chip Resistor
More results

Similar Description - CLR1210

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
RC1608J000CS SAMSUNG-RC1608J000CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
logo
YAGEO Corporation
RC0100JR-070RL YAGEO-RC0100JR-070RL Datasheet
117Kb / 7P
   Thick Film Chip Resistor
logo
Samsung semiconductor
RC2012F2491CS SAMSUNG-RC2012F2491CS Datasheet
73Kb / 2P
   Thick - Film chip RESISTOR
RP164PJ000CS SAMSUNG-RP164PJ000CS Datasheet
4Mb / 20P
   THICK-FILM CHIP RESISTOR
RC1005J123CS SAMSUNG-RC1005J123CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
RC1608J111CS SAMSUNG-RC1608J111CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
RC0603J271CS SAMSUNG-RC0603J271CS Datasheet
73Kb / 2P
   Thick - Film chip RESISTOR
logo
Riedon Powertron
CLR0201 RIEDON-CLR0201 Datasheet
284Kb / 1P
   Thick Film Chip Resistor
logo
Samsung semiconductor
RC1608F102CS SAMSUNG-RC1608F102CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
RC1005F622CS SAMSUNG-RC1005F622CS Datasheet
5Mb / 40P
   THICK-FILM CHIP RESISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com