Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLS2512 Datasheet(PDF) 1 Page - Riedon Powertron

Part # CLS2512
Description  Current Sensing Chip Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

CLS2512 Datasheet(HTML) 1 Page - Riedon Powertron

  CLS2512 Datasheet HTML 1Page - Riedon Powertron CLS2512 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
Page 11
09/13
Power Derating Curve
0
20
40
60
80
100
0
20
40
60
70
80 100 120 140 155
Ambient Temperature (°C)
Type
CLS0402
CLS0603
CLS0805
CLS1206
CLS2010
CLS2512
Standard Power Rating (W)
0.0625
0.1
0.125
0.25
0.75
1.0
“High” Power Rating (W)
0.125
0.25
0.5
1.0
2.0
Standard Resistance Range (W)
0.05 to 1.0
0.02 to 1.0
0.01 to 1.0
“High” Resistance Range (W)
0.051 to 1.0
0.01 to 1.0
Temperature Coefficient
(depending on ohmic value)
±200 to ±400
ppm
±200 to ±600 ppm
±100 ppm upon request
“High” Temperature Coefficient
(depending on ohmic value)
±200 to ±400 ppm
±200 to ±600 ppm
±100 ppm upon request
Tolerances
1% / 2% / 5%
Operating Temperature range
-55 to +155°C
Dimensions (LxW)
mm [inches]
1.00 x 0.50
[0.04 x 0.02]
1.60 x 0.80
[0.06 x 0.03]
2.00 x 1.25
[0.08 x 0.05]
3.10 x 1.55
[0.12 x 0.06]
5.00 x 2.50
[0.20 x 0.10]
6.30 x 3.10
[0.25 x 0.12]
Packaging (pcs)
Tape and Reel
10,000
5,000
4,000
CLS Series
• Resistances from 0.01 to 1Ohms
• Power Rating to 2 Watt
• Resistance Tolerances to ± 1%
• TCR’s to ±100 ppm/°C
• Alumina Substrate for High Power Dissipation
• Sizes: 0402 / 0603 / 0805 / 1206 / 2010 / 2512
SPECIFICATIONS
Current Sensing Chip Resistor
Ordering Information
Part Description: Part Type - Resistance - Tolerance - TCR - Packaging - High/Standard Rating
Example: CLS 2512 0.500Ohms 1% 100ppm HP
(Note: If no TCR is specified the highest value will be supplied. Standard Rating will be given if
not specified)


Similar Part No. - CLS2512

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CLS2512 RIEDON-CLS2512 Datasheet
233Kb / 1P
   Current Sensing Chip Resistor
CLS25120.500OHMS RIEDON-CLS25120.500OHMS Datasheet
233Kb / 1P
   Current Sensing Chip Resistor
More results

Similar Description - CLS2512

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
UR732ATTDR100F KOA-UR732ATTDR100F Datasheet
306Kb / 2P
   current sensing chip resistor
logo
Riedon Powertron
CLSA0402 RIEDON-CLSA0402 Datasheet
172Kb / 2P
   Current Sensing Chip Resistor
logo
MERITEK ELECTRONICS COR...
CSR MERITEK-CSR Datasheet
389Kb / 7P
   Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR73D1ET KOA-UR73D1ET Datasheet
131Kb / 4P
   Current Sensing Chip Resistor
UR73 KOA-UR73 Datasheet
470Kb / 2P
   current sensing chip resistor
logo
Riedon Powertron
CLS0402 RIEDON-CLS0402 Datasheet
233Kb / 1P
   Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR731ET KOA-UR731ET Datasheet
108Kb / 2P
   current sensing chip resistor
logo
Ohmite Mfg. Co.
LVM OHMITE-LVM Datasheet
490Kb / 2P
   Current Sensing Metal Chip Resistor
logo
Token Electronics Indus...
TCS TOKEN-TCS Datasheet
856Kb / 10P
   Chip Current Sensing Precision Resistor
logo
Stackpole Electronics, ...
CSNL SEI-CSNL Datasheet
361Kb / 6P
   Metal Plate Current Sensing Chip Resistor
10/22/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com