Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSR2512W Datasheet(PDF) 2 Page - Riedon Powertron

Part # CSR2512W
Description  Ultra Low Ohm (Metal Strip) Chip Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

CSR2512W Datasheet(HTML) 2 Page - Riedon Powertron

  CSR2512W Datasheet HTML 1Page - Riedon Powertron CSR2512W Datasheet HTML 2Page - Riedon Powertron CSR2512W Datasheet HTML 3Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
06/13
Test
Specification
Test Method
Black Coating
Green Coating
TemperatureCoefficient
of Resistance
As Spec.
+25/-55/+25/+125/+25°C
Short Time Overload
+0.5%
+1.0%
5x rated power for 5 seconds
Load Life
+1.0%
+1.0%
70±2°C, Max. working voltage for 1000 hrs with 1.5 hrs
“ON”
and 0.5 hrs “OFF”
Dry Heat
+1.0%
+1.0%
at +170°C for 1000 hrs
Solderability
95% min. coverage
245±5°C for 3 seconds
Resistance to Soldering
Heat
+0.5%
+1.0%
260±5°C for 10 seconds
Thermal Shock
+0.5%
±(0.5%+0.05Ω)
-55°C ~ 150°C, 100 cycles
Specifications
*Green Coating can’t be used in solder bath
CSR Series
Ultra Low Ohm (Metal Strip) Chip Resistor
Reel Sizes
Type
Quantity
CSR1206
Embossed Tape
2000
CSR2010
CSR2512
Ordering Information
Part Description: Part Type - Resistance - Tolerance - TCR
Example: CSR2512 1mOhm 1% 50ppm
Power Derating Curve
0
20
40
60
80
100
120
0
20
40
60
80
100
120
Ambient Temperature (°C)
140
160
180


Similar Part No. - CSR2512W

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CSR2512 RIEDON-CSR2512 Datasheet
219Kb / 2P
   Ultra Low Ohm (Metal Strip) Chip Resistor
CSR2512 RIEDON-CSR2512 Datasheet
170Kb / 3P
   Power Current Sense Chip Resistor
logo
List of Unclassifed Man...
CSR2512 ETC2-CSR2512 Datasheet
116Kb / 6P
   CSR/CSRN Series Thick Film Current Sensing Resistor
logo
Stackpole Electronics, ...
CSR2512 SEI-CSR2512 Datasheet
367Kb / 9P
   Thick Film Current Sensing Resistor
6/21/202
logo
Riedon Powertron
CSR2512 RIEDON-CSR2512 Datasheet
203Kb / 3P
   Power Current Sense Chip Resistor
More results

Similar Description - CSR2512W

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CSR1206 RIEDON-CSR1206 Datasheet
219Kb / 2P
   Ultra Low Ohm (Metal Strip) Chip Resistor
logo
Sirectifier Global Corp...
PMR0805 SIRECT-PMR0805 Datasheet
238Kb / 5P
   Power Metal Low OHM Chip Resistor
logo
List of Unclassifed Man...
RLP-K-HTS-0001-9 ETC-RLP-K-HTS-0001-9 Datasheet
238Kb / 20P
   METAL-PLATE CHIP RESISTOR; LOW OHM
2015.12.25
logo
Sirectifier Global Corp...
PRM SIRECT-PRM Datasheet
238Kb / 5P
   Power Metal Low OHM Chip Resistor
logo
WALSIN TECHNOLOGY CORPO...
WWXXD WALSIN-WWXXD Datasheet
505Kb / 8P
   Metal Foil Low Ohm Power Chip Resistor
logo
Token Electronics Indus...
LRP TOKEN-LRP Datasheet
726Kb / 8P
   Metal Strip Chip High Power Low Ohmic Resistor
logo
WALSIN TECHNOLOGY CORPO...
WW12K WALSIN-WW12K Datasheet
505Kb / 7P
   Metal Ultra low ohm power chip resistors
WW08K WALSIN-WW08K Datasheet
192Kb / 7P
   Metal Ultra low ohm power chip resistors
WW12J WALSIN-WW12J Datasheet
488Kb / 7P
   Metal Ultra low ohm power chip resistors
logo
Token Electronics Indus...
LRC TOKEN-LRC Datasheet
943Kb / 12P
   Metal Strip Chip Current Sense Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com