Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVR50 Datasheet(PDF) 2 Page - Riedon Powertron

Part # HVR50
Description  High Voltage / Thick Film Leaded Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

HVR50 Datasheet(HTML) 2 Page - Riedon Powertron

  HVR50 Datasheet HTML 1Page - Riedon Powertron HVR50 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
06/13
SPECIFICATIONS (continued)
Specification
Value
Temperature Range
-55°C to +125°C
Climactic Cetegory
55 / 125 / 56
Long Term Stability
Max DR
≤10 GW
>10 GW
Storage 125°C / 1000h
±1%
±2%
Maximum Voltage / 1000h
±1%
±2%
Part Description: Part Type - Resistance - Tolerance
- TCR
Example: HVR 30 10GOhm 10% 250ppm
( Note: if no TCR is specified, the highest value will
be supplied )
HVR Series
High Voltage / Thick Film Leaded Resistors
0
25
50
75
100
125
150
175
0
20
40
60
80
100
120
Ambient Temperature (°C)
Power Derating Curve
Type
Dimensions
L ±0.020 [±0.5]
H ±0.020 [±0.5]
T ±0.020 [±0.5]
W ±0.020 [±0.5]
A ±0.020 [±0.5]
d ±0.002 [±0.05]
HVR 25
0.99
[ 25.0 ]
0.35
[ 9.0 ]
0.055
[ 1.4 ]
0.90
[ 22.9]
0.79
[ 20 ]
0.016
[ 0.4 ]
HVR 30
0.787
[ 30.0 ]
0.236
[ 6.0 ]
0.055
[ 1.4 ]
1.083
[ 27.5 ]
0.79
[ 20 ]
0.016
[ 0.4 ]
HVR 40
1.574
[ 40.0 ]
0.236
[ 6.0 ]
0.055
[ 1.4 ]
1.488
[ 37.8 ]
0.79
[ 20 ]
0.016
[ 0.4 ]
HVR 50
1.968
[ 50.0 ]
0.492
[ 12.5 ]
0.055
[ 1.4 ]
1.882
[ 47.8 ]
0.79
[ 20 ]
0.016
[ 0.4 ]
Ordering Information


Similar Part No. - HVR50

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
HVR50 WILLOW-HVR50 Datasheet
202Kb / 2P
   High Voltage Resistors
logo
Riedon Powertron
HVR50 RIEDON-HVR50 Datasheet
282Kb / 2P
   High Voltage / Thick Film Leaded Resistors
logo
List of Unclassifed Man...
HVR5000 ETC1-HVR5000 Datasheet
615Kb / 6P
   HIGH VOLTAGE RECTIFIERS
More results

Similar Description - HVR50

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
HVR25 RIEDON-HVR25 Datasheet
282Kb / 2P
   High Voltage / Thick Film Leaded Resistors
GST1210 RIEDON-GST1210 Datasheet
274Kb / 2P
   High Resistance / Thick Film Leaded Resistors
GST1210 RIEDON-GST1210_13 Datasheet
171Kb / 2P
   High Resistance / Thick Film Leaded Resistors
HTE15 RIEDON-HTE15_13 Datasheet
224Kb / 2P
   High Voltage / Thick Film Resistors
logo
Welwyn Components Limit...
F43D WELWYN-F43D Datasheet
96Kb / 2P
   High Voltage Thick Film Resistors
HV31 WELWYN-HV31 Datasheet
114Kb / 2P
   High Voltage Thick film Resistors
logo
Riedon Powertron
HTE15 RIEDON-HTE15 Datasheet
259Kb / 2P
   High Voltage / Thick Film Resistors
logo
Welwyn Components Limit...
VRW25 WELWYN-VRW25 Datasheet
79Kb / 3P
   High Voltage Thick Film Resistors
logo
Riedon Powertron
HTE39-100MJ RIEDON-HTE39-100MJ Datasheet
141Kb / 2P
   High Voltage / Thick Film Resistors
HTE RIEDON-HTE Datasheet
141Kb / 2P
   High Voltage / Thick Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com