Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJMBZ5V6-AU_A0_10001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJMBZ5V6-AU_A0_10001
Description  DUAL TVS FOR ESD / TRANSIENT PROTECTION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJMBZ5V6-AU_A0_10001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJMBZ5V6-AU_A0_10001 Datasheet HTML 1Page - Pan Jit International Inc. PJMBZ5V6-AU_A0_10001 Datasheet HTML 2Page - Pan Jit International Inc. PJMBZ5V6-AU_A0_10001 Datasheet HTML 3Page - Pan Jit International Inc. PJMBZ5V6-AU_A0_10001 Datasheet HTML 4Page - Pan Jit International Inc. PJMBZ5V6-AU_A0_10001 Datasheet HTML 5Page - Pan Jit International Inc. PJMBZ5V6-AU_A0_10001 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PAGE . 2
October 11,2011-REV.05
ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
PA RA ME TE R
S ymbol
Test Condition
MIN.
TYP.
MA X.
Units
Reverse S tand-Off Voltage
V RWM
--
4.3
V
Reverse B reakdown Voltage
V BR
IBR=1.0 mA
IBR=20 mA
5.89
6.2
6.51
V
Reverse Leakage C urrent
I R
V R=4.3V
-
-
0.5
μA
C lampi ng Voltage (8x20 usec)
V CL
IPP=20 AmpS
--
9.5
V
C lampi ng Voltage (10x1000 us ec)
V CL
IPP=4.0 AmpS
--
7.5
V
Off S tate Junc ti on C apaci tance
C J
0 V dc B i as f=1MHz
B etween I/O pi ns and pi n 3
--
70
pF
Ma rki ng UA
PA RA ME TE R
S ymbol
Test C ondi ti on
MIN.
TYP.
MA X .
Uni ts
Reverse S tand-Off Voltage
V RWM
--
3.3
V
Reverse B reakdown Voltage
V BR
IBR=1.0 mA
IBR=20 mA
5.13
5.32
5.4
5.6
5.67
5.88
V
Reverse Leakage C urrent
I R
V R=3.3V
-
-
5.0
μA
C lampi ng Voltage (8x20 usec)
V CL
IPP=20 AmpS
--
9.0
V
C lampi ng Voltage (10x1000 usec)
V CL
IPP=5.0 AmpS
--
7.0
V
Off S tate Juncti on C apaci tance
C J
0 V dc B i as f=1MHz
B etween I/O pi ns and pi n 3
-
-
90
pF
PA RA ME TE R
S ymbol
Test Conditi on
MIN.
TYP.
MA X .
Units
Revers e S tand-Off Voltage
V RWM
--
5.0
V
Revers e B reakdown Voltage
V BR
IBR=1.0 mA
IBR=20 mA
6.46
6.8
7.14
V
Revers e Leakage C urrent
I R
V R=5.0V
-
-
0.5
μA
C lampi ng Voltage (8x20 usec)
V CL
IPP=20 AmpS
--
10
V
C lampi ng Voltage (10x1000 usec)
V CL
IPP=4.0 AmpS
--
8.5
V
Off S tate Juncti on C apaci tance
C J
0 V dc B i as f=1MHz
B etween I/O pi ns and pi n 3
-
-
100
pF
PJMBZ5V6-AU SERIES
P JMB Z5V 6-AU
P JMB Z6V 2-AU Marki ng UB
P JMB Z6V 8-AU Marki ng UC


Similar Part No. - PJMBZ5V6-AU_A0_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJMBZ5V6 PANJIT-PJMBZ5V6 Datasheet
102Kb / 5P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6 PANJIT-PJMBZ5V6 Datasheet
116Kb / 4P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6 PANJIT-PJMBZ5V6_10 Datasheet
116Kb / 4P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
More results

Similar Description - PJMBZ5V6-AU_A0_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJMBZ15V PANJIT-PJMBZ15V Datasheet
95Kb / 3P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ15V-AU PANJIT-PJMBZ15V-AU Datasheet
223Kb / 5P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ15VD PANJIT-PJMBZ15VD Datasheet
42Kb / 2P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6 PANJIT-PJMBZ5V6_10 Datasheet
116Kb / 4P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJMBZ5V6 PANJIT-PJMBZ5V6 Datasheet
102Kb / 5P
   DUAL TVS ZENER FOR ESD / TRANSIENT PROTECTION
PJSOT05 PANJIT-PJSOT05_05 Datasheet
109Kb / 3P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJSOT PANJIT-PJSOT Datasheet
57Kb / 4P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
logo
Unisonic Technologies
SOT05C UTC-SOT05C Datasheet
80Kb / 4P
   SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
logo
AiT Semiconductor Inc.
GSOT04C AITSEMI-GSOT04C Datasheet
551Kb / 8P
   ESD PROTECTION DUAL TRANSIENT VOLTAGE SUPPRESSORS ARRAY FOR ESD PROTECTION
REV1.2
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com