Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJP65S03DWT-80X0 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJP65S03DWT-80X0
Description  650V - 30A - IGBT Application: Inverter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP65S03DWT-80X0 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJP65S03DWT-80X0 Datasheet HTML 1Page - Renesas Technology Corp RJP65S03DWT-80X0 Datasheet HTML 2Page - Renesas Technology Corp RJP65S03DWT-80X0 Datasheet HTML 3Page - Renesas Technology Corp RJP65S03DWT-80X0 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R07DS0820EJ0002 Rev.0.02
Page 1 of 3
Aug 09, 2012
Preliminary Datasheet
RJP65S03DWT/RJP65S03DWA
650V - 30A - IGBT
Application: Inverter
Features
 Low collector to emitter saturation voltage
VCE(sat) = 1.6 V typ. (at IC = 30 A, VGE = 15 V, Ta = 25C)
 High speed Switching
 Short circuit withstands time (10 s min.)
Outline
1. Gate
2. Collector (The back)
3. Emitter
Die: RJP65S03DWT-80
Wafer: RJP65S03DWA-80
2
C
2
1 G
E
3
1
3
3
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to emitter voltage
VCES
650
V
Gate to emitter voltage
VGES
±30
V
Tc = 25°C
IC
Note1
60
A
Collector current
Tc = 100°C
IC
Note1
30
A
Junction temperature
Tj
150
C
Notes: 1. This data is a regulated value in evaluation package.
R07DS0820EJ0002
Rev.0.02
Aug 09, 2012


Similar Part No. - RJP65S03DWT-80X0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP65S03DWT RENESAS-RJP65S03DWT_15 Datasheet
65Kb / 4P
   650V - 30A - IGBT Application: Inverter
More results

Similar Description - RJP65S03DWT-80X0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP65S03DWT RENESAS-RJP65S03DWT_15 Datasheet
65Kb / 4P
   650V - 30A - IGBT Application: Inverter
RJP65S04DWT RENESAS-RJP65S04DWT_15 Datasheet
64Kb / 4P
   650V - 50A - IGBT Application: Inverter
RJP65S07DWT RENESAS-RJP65S07DWT_15 Datasheet
123Kb / 4P
   650V - 150A - IGBT Application: Inverter
RJH65S04DPQ-A0 RENESAS-RJH65S04DPQ-A0_15 Datasheet
71Kb / 4P
   650V - 50A - IGBT Application: Inverter
RJP65S06DWT RENESAS-RJP65S06DWT Datasheet
62Kb / 4P
   650V - 100A - IGBT Application: Inverter
RJH65S04DPQ-A0 RENESAS-RJH65S04DPQ-A0 Datasheet
71Kb / 4P
   650V - 50A - IGBT Application: Inverter
Jul 06, 2012
RJP65M05DWA RENESAS-RJP65M05DWA Datasheet
161Kb / 4P
   650V - 75A - IGBT Application: Inverter
Nov. 06, 2015
RJP65S08DWT RENESAS-RJP65S08DWT Datasheet
63Kb / 4P
   650V - 200A - IGBT Application: Inverter
RJP65S05DWT RENESAS-RJP65S05DWT Datasheet
63Kb / 4P
   650V - 75A - IGBT Application: Inverter
RJP65S08DWT RENESAS-RJP65S08DWT_15 Datasheet
66Kb / 4P
   650V - 200A - IGBT Application: Inverter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com